Part Number Hot Search : 
RO2188 PC8028 BYW76TR 10153 S3842 2HP24 DS2107SY SK3591
Product Description
Full Text Search
 

To Download AA30T121205A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aa 3 0s /d/t s e ries 30w single, dual, and triple output ac - dc power module ds _aa30s_ 0 4082014 e - mail : dcdc @ d elta.com.tw http://www.deltaww.com/dcdc p1 features ? encapsulated compact ac - dc power supply ? single - , dua l, and triple output models ? over load and over voltage protection ? 3 mounting package versoin: - solder pins for direct pcb mount - screw terminal block for chassis mount ? - din - rail mounting ? universal input voltage range 85 - 264 vac, 47 - 440 hz ? 3kvac isolatoi n, protection class ll level ? ul/ul/iec/en 60950 - 1 certified , ce marked ? ul508 approval ( selective ) ? lead free, rohs compliant ? 3 year product warranty the aa30s/d /t series , isolated fully encapsulated 30 w ac/dc power module with 3,000v a c isolation. with universal input voltage 85 - 264vac and international safety approvals, these power modules are ideal for applications in commercial and industrial electr onic equipment. these isolated ac/dc converters are the latest offering from a world leader in power sys tems technology and manufacturing D delta electronics, inc. with creative design technology and optimization of component placement, these conver ters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions. industrial electronic equipment model list model number output voltage output current input current max. capacitive load efficiency (typ.) safety approval - 1 ul60950 safety approval - 1 ul60508 115vac, 60hz max. peak @max. load @no load @max. load vdc ma ma ma(typ.) ma(typ.) f % aa30s0500a 5 6000 --- 557 60 8000 78 aa30s1200a 12 2500 --- 543 60 3900 80 aa30s1500a 15 2000 --- 543 60 3900 80 aa30s2400a 24 1250 --- 543 60 1500 80 aa30s4800a 48 625 --- 543 60 1000 80 aa30d1212a 12 1300 --- 565 60 *15 00 80 aa30d1515a 15 1000 --- 543 60 *1500 80 aa30 d 0512a *5 3000 4500 572 60 3900 76 *12 1250 1800 1500 aa30t0512 12 a *5 3000 4500 572 60 2200 76 12 600 900 1500 - 12 - 600 900 1500 aa30t12 1205a *5 3000 4500 572 60 2 200 76 12 1000 1500 1500 - 12 - 250 500 1500 aa30t0515 15 a *5 3000 4500 572 60 2200 76 15 500 750 1500 - 15 - 500 750 1500 aa30t050312a *5 4500 6000 588 60 2200 71 +3.3 1000 1500 2200 +12 250 500 1500 aa3 0t030512a *3.3 4000 5300 483 60 2200 71 +5 1500 2000 2200 +12 250 500 1500 * output floating (note 6) * for each output
ds_aa30s_ 0 4082014 e - mail : dcdc @ d elta.com.tw http://www.deltaww.com/dcdc p 2 input characteristics parameter model min. typ. max. unit input voltage range all models 85 --- 264 vac in put frequency range 47 --- 440 hz input voltage range 120 --- 370 vdc inrush current (cold start at 25 ) 115vac --- --- 20 a 230vac --- --- 40 a output characteristics parameter conditions min. typ. max. unit output voltage accuracy single / dua l output --- 1.0 2.0 % dual positive / triple output vo1 --- 1.0 2.0 % vo2&vo3 --- 3.0 --- % line regulation vin=min. to max. --- 0.2 1.0 % load regulation iout=min. to max. single output models --- 0.5 1.0 % dual output models --- 2.5 5.0 % triple output models vo1 --- 2.5 5.0 % vo2&vo3 --- 4.0 --- % cross regulation - dual / triple output models vo1 measured output io = 20% to 100% of rated load other output(s) set at 50% of rated load --- 2.0 --- % vo2 --- 5.0 --- % vo3 --- 5.0 --- % ripple & noise (20mhz) 3.3v & 5vdc output models --- 1.5 1.8 %v pp of vo other output models --- 1.0 1.3 %v pp of vo minimum load single - ,dual - output models and main output triple output models --- 10 --- %inom. auxiliary outputs of triple output models --- 20 --- %inom. over voltage protection zener diode clamp --- 120 --- % of vo temperature coefficient --- 0.02 --- %/ overshoot --- --- 5 % vout current limitation foldback, auto - recovery 105 --- --- % inom. (long term overload condition may cause damage) short circuit protection hiccup mode, indefinite (automatic recovery) general characteristics paramete r conditions min. typ. max. unit i/o isolation voltage input to output, 60 seconds 3000 --- --- vacrms i/o isolation resistance 500 vdc 100 --- --- m switching frequency --- 100 --- khz hold - up time --- 20 --- ms mtbf (calculated) mil - hdbk - 217f@25 , ground benign 200,000 --- --- hours emc emission conducted and radiated en 55011 class b, en 55022 class b, fcc part 15 class b emc immunity according en61000 - 6 - 1 standard specification requirement performance criteria en61000 - 4 - 2 air 8kv cont. 4k v b en61000 - 4 - 3 80~1000mhz, 10v/m 80% am, 1khz modulation a en61000 - 4 - 4 ac port 2kv dc, sl, tl 2kv not less than 1 min. b en61000 - 4 - 5 1.2/50us(8/20 s) ac dif. 1kv dc 0.5kv b en61000 - 4 - 6 0.15~80mhz, 10vrms (functional earth ports included) b 80% am, 1khz modulation en61000 - 4 - 8 50hz/60hz, 30a/m a en61000 - 4 - 11 30%, 10ms b 60%, 100ms, 95%, 5000ms c protection class ii according iec/en 60 536 safety approvals cul/ul 60950 - 1,iec/en 60950 - 1 ul508 for selective models recommended input fuse all models built - in fuse 3.5a / 250vac external fuse (recommended) 1.5a slow C blow type
ds_aa30s_ 0 4082014 e - mail : dcdc @ d elta.com.tw http://www.deltaww.com/dcdc p 3 environmental specifications parameter conditio ns temperature range (operational) ambient - 25 +70 storage temperature range - 40 +85 over temperature protection at 90 (automatic recovery at 67 ) cooling free - air convection humidity (non condensing) --- 95 % rel. h power derating curve notes 1 all specifications typical at ta=+ 25 , resistive load, 115vac, 60hz input voltage and after warm - up time rated output current unless otherwise noted. 2 ripple & noise measurement bandwidth is 0~20 mhz 3 these power modules require a minimum output loading to maintain specified regulation , operation under no - load conditions will not damage the power supplies however they may not meet all listed specifications. 4 other input and output voltage may be available, please contact us for custom solution 5 peak current can't be drawn from all o utput at the same time. 6 floating (or isolated) output of a power supply that is not connected to any other output. 7 specifications are subject to change anytime without notice
ds_aa30s_ 0 4082014 e - mail : dcdc @ d elta.com.tw http://www.deltaww.com/dcdc p 4 mechancial drawing pcb mounting mechanical dim ensions pin connections pin single dual (d12,d15) dual (d512) triple triple (t5312p,t3512p) 1 ac(n) C ac neutral 2 ac(l) C ac line 3 +vout +vout +vout2 +vout2 +vout2 4 no pin +vout1 +vout1 +vout1 5 - vout common - vout2 com. 2/3 com. 2/3 6 no pin - vout1 - vout1 - vout1 7 nc - vout nc - vout3 +vout3 nc: no connection ? all dimensions in mm (inches) ? tolerance: 0.5 (0.02) ? pin diameter ? 1.0 0.1 (0.04 0.004) physical outline case size : 88.9x63.5x21.7 mm (3.50x 2.50x0.85 inches) case material : plastic resin + fiberglass (flammability to ul 94v - 0 rated) p in material : copper alloy with gold plate over nickel subplate weight : 177g mechancial drawing chassis mounting mechanical dimensions connections terminal single dual (d12,d15) dual (d512) triple triple (t5312p,t3512p) 1 ac(n) C ac neutral 2 ac(l) C ac line 3 +vout +vout +vout2 +vout2 +vout2 4 nc +vout1 +vout1 +vout1 5 - vout common - vout2 com. 2/3 com. 2/3 6 nc - vout1 - vout1 - vout1 7 nc - vout nc - vout3 +vout3 nc: no connection ? all dimensions in mm (in ches) ? tolerance: x.x 0.5 (x.xx0.02) x.xx 0.25 ( x.xxx0.01) ? pin pitch tolerance: 0.25 (0.01) 26.75 2 7 . 5 [ 1 . 0 8 ] 55.88 [2.20] 63.5 [2.50] 8 1 . 3 [ 3 . 2 0 ] 8 8 . 9 [ 3 . 5 0 ] 15.24 12.7 3 1 . 4 5 [ 1 . 2 4 ] 7 6 5 4 3 1 2 5 . 0 21.7 6.0 1 . 0 [0.60] [0.50] 12.7 [0.50] 15.24 [0.60] [1.05] [0.24] [0.85] 0.7 [0.03] [ 0 . 0 4 ] [ 0 . 2 0 ] mounting m4.0 thread bottom view 92.0 [3.62] 100.0 [3.94] 112.0 [4.41] 6 3 . 8 [ 2 . 5 1 ] 5 0 . 0 [ 1 . 9 7 ] top view 10.0 [0.39] 5 . 0 [ 0 . 2 0 ] 1 6 . 8 [ 0 . 6 6 ] 2 5 . 6 [ 1 . 0 1 ] 4 x 3.5 power " good " indicator dc - on 1 2 3 4 5 6 7 indication led
ds_aa30s_ 0 4082014 e - mail : dcdc @ d elta.com.tw http://www.deltaww.com/dcdc p 5 physical outline case size : 112.0x63.8x25.6 mm (4.41x 2.51x1.01 inches) case material : plastic resin + fiberglass (flammability to ul 94v - 0 r ated) weight : 191g mechancial drawing chassis mounting with din rail kit mechanical dimensions physical outline case size : 112.0x63.8x25.6 mm (4.41 x2.51x1.01 inches) case material : plastic resin + fiberglass (flammability to ul 94v - 0 rat ed) weight : 245g din - rail mounting kit 92.0 [3.62] 100.0 [3.94] 112.0 [4.41] 6 3 . 8 [ 2 . 5 1 ] 5 0 . 0 [ 1 . 9 7 ] top view 10.0 [0.39] 1 6 . 8 [ 0 . 6 6 ] 2 5 . 6 [ 1 . 0 1 ] 4 x 3.5 power " good " indicator dc - on 1 2 3 4 5 6 7 1 1 . 0 [ 0 . 4 3 ] 3 . 0 [ 0 . 1 2 ] 5 . 0 [ 0 . 2 0 ] indication led
ds_aa30s_ 0 4082014 e - mail : dcdc @ d elta.com.tw http://www.deltaww.com/dcdc p 6 part numbering system a a 30 t 05 03 12 a form factor family series watt number of outputs 0 nput voltage i output voltage ii output voltage ii i option code ac/dc power module a~z 30 : 30 w s - single 03 : 3.3v 03 : 3.3v 03 : 3.3v a - std pcb mounting d - dual 05 : 5v 05 : 5v 05 : 5v c - chasis mounting t - triple 12 : 12v 12 : 12v 12 : 12v d - chassis mounting with din - rail kit 24 : 24v 15 : 15v 15 : 15v 48 : 48v 24 : 24v 24 : 24v contact : www.deltaww.com/dcdc usa: telephone: east coast: 978 - 656 - 3993 west coast: 510 - 668 - 5100 fax: (978) 656 3964 email: dcdc@delta - corp.com europe : phone: +31 - 20 - 655 - 0967 fax: +31 - 20 - 655 - 0999 email: dcdc@delta - es.com asia & the rest of world: telephone: +886 3 4526107 ext 6220~6224 fax: +886 3 4513485 email: dcdc@de lta.com.tw warranty delta offers a t hree ( 3 ) year s limited warranty. complete warranty information is listed on our web site or is available upon request from delta. information furnished by delta is believed to be accurate and reliable. however, no re sponsibility is assumed by delta for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. no license is granted by im plication or otherwise under any patent or patent rights of delta. delta reserves the right to revise these specifications at any time, without notice
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: delta: ? aa30d1515a? aa30s2400a? aa30s0500c? aa30s2400c? aa30t051515c? aa30t051515d? aa30t050312c? aa30d0512d? aa30s0500d? aa30s1200c? aa30d0512c? aa30s0500a? aa30t050312d? aa30t051515a? aa30t051212a? aa30s1200d? aa30d0512a? aa30t051212d? aa30s4800a? aa30s4800d? aa30s4800c? aa30t050312a? aa30d1515d? aa30t030512d? aa30d1212c? aa30s1500d? aa30t121205c? aa30s1200a? aa30t051212c? aa30d1212a? aa30d1515c? aa30s2400d? aa30t030512c? aa30t121205d? aa30s1500c? aa30t030512a? aa30s1500a? aa30d1212d? AA30T121205A


▲Up To Search▲   

 
Price & Availability of AA30T121205A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X