x-47 splashproof molded rubber covers fit all series 801 and 811 plugs and receptacles. braided black nylon lanyard is available with metal rings, cable tie or slipknot for attachment to panel or to cable. -40 to +120 c operating temperature, fungus resistant per mil- std-810g method 508.6. series 801 mighty mouse and series 811 high density rubber protective cover 809-190 and 809-191 ordering information notes materials and finishies ? cover: neoprene rubber blend, black ? lanyard: .062" (1.57) diameter nylon cord, black ? cable tie: 6/6 nylon, black, sst locking tab ? ring: stainless steel, black zinc-cobalt fnish ? crimp sleeve: copper alloy, black zinc- cobalt fnish how to order sample part number 809-191 -05 g 6 -scs 6 series (see table i) 809-191 = plug cover 809-190 = receptacle cover shell size 5, 6, 7, 8, 9, 10, 11, 13, 16, 17, 19, 21 lanyard type g = nylon rope omit for no lanyard attachment length (inches) omit for attachment type n (no attachment) example: -6 equals six inch length attachment type (see table ii) -ws = nylon cable -scs = adjustable slip knot -00 = lanyard with no attachment lug terminals = -01 thru -07 solid ring = -08 thru -33 material omit for neoprene rubber per astm-d-2000 bc610z1 c = conductive neoprene blend (conductance = 100k ohms/sq. minimum table i: cover style 809-190 receptacle cover 809-191 plug cover table ii: attachment code -ws nylon cable tie, 1.77 inch (45mm) maximum wire bundle diameter -scs adjustable slip knot with crimp sleeve. the sleeve can be crimped with pliers for a permanent attachment. -00 lanyard with no attachment (fused end) lug terminals and rings lug terminal -01 C .126 (3.20) i.d. -02 C .140 (3.56) i.d. -03 C .145 (3.68) i.d. -04 C .156 (3.96) i.d. -05 C .167 (4.24) i.d. -06 C .188 (4.78) i.d. -07 C .197 (5.00) i.d. solid ring -08 C .385 (9.78) i.d. -09 C .445 (11.30) i.d. -11 C .570 (14.48) i.d. -13 C .635 (16.13) i.d. -14 C .695 (17.65) i.d. -16 C .885 (22.48) i.d. -19 C 1.070 (27.18) i.d. -20 C 1.135 (28.83) i.d. -22 C 1.210 (30.73) i.d. -23 C 1.275 (32.39) i.d. -26 C .950 (24.10) i.d. -27 C .766 (19.50) i.d. -29 C .315 (8.00) i.d. -30 C 1.380 (35.10) i.d. -32 C .265 (6.70) i.d. -33 C .510 (13.00) i.d. accessories www.glenair.com e-mail: sales@glenair.com glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2014 glenair, inc. series 80 mighty mouse u.s. cage code 06324 printed in u.s.a. dimensions in inches (millimeters) are subject to change without notice. x
|