special purpose d-5 glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2011 glenair, inc. printed in u.s.a. cage code 06324 www.glenair.com e-mail: sales@glenair.com d standard size #23 contacts accept #22 to #28 awg wire. choose "small bore" versions for #26 to #30 awg wire. for thermocouple applications, specify alumel or chromel contacts. contacts are bulk packaged. terminate with standard m22520 crimper with special positioner. size #23 crimp socket contact for micro-crimp and mighty mouse connectors contact type wire size material part number ? a color band in. mm. socket #22 C #28 becu 809-002 .0335-.0355 0.851-0.902 none socket #26 C #30 becu 809-043 .0229-.0245 0.582-0.622 blue socket #22 C #28 alumel 809-066a .0335-.0355 0.851-0.902 none socket #22 C #28 chromel 809-066c .0335-.0355 0.851-0.902 none crimp tensile strength values are in pounds and are minimums. wire gage silver or tin coated copper wire nickel coated copper wire #22 12 8 #24 8 6 #26 5 3 #28 3 2 #30 1.5 1.5 809-002 #23 electrical socket contact for series 79 micro-crimp and series 80 mighty mouse .275 (6.99) .265 (6.73) .440 (11.18) max hood .031 (0.79) .025 (0.64) color band ? .048 (1.22) .044 (1.12) ? .055 (1.40) max ? .053 (1.35) max ? a material and finish beryllium copper alloy per astm b196 or b197, 50 microinches gold plated per astm b488 type 3 code c class 1,27 over nickel plate per qq-n-290 class 2, 50-100 microinches. thermocouple contacts: alumel or chromel alloy, unplated, per ansi 96.1 socket contact hood: stainless steel, passivated per ams-qq-p-35. specifcations current rating: 5 amps maximum voltage drop (at 5 amps and 25 c): 70 millivolts maximum temperature range: -65 to + 200 c socket contact minimum separation force: 0.5 ounces crimp tools and insertion/extraction tools crimper: 809-015 or afm8 positioner: 809-005 (std). use p/n 809-057 for small bore contacts 809-065 and 809-066 standard insertion/extraction tool: 809-088
|