Part Number Hot Search : 
1N3519A P6KE20 DTC143XK P3100SAA SBR5100 CSA1220 ADM212 G527520
Product Description
Full Text Search
 

To Download 34-08052 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 diamond ? drop hardware part number description inner pack outer pack sc02mfa-ss universal messenger drop wire clamp -- 125 universal messenger cable drop wire clamp drop wire clamps for catv and telephone cable ? permits cable to foat free, fully protected from strain and chafng. ? drop clamp for the suspension of a messengered drop cable between the pole, midspan and house. ? for use with rg59, rg6 and other cables ? stainless steel bail wire and aluminum body . installation: 1. begin separation of the messenger wire from the cable using the end-edge of the sc02mfa-ss drop clamp. note: never use a knife or other sharp tool to separate messenger and cable. 2. fit the cable and messenger wire into the sco2mfa- ss drop clamp as shown, so that the clamp bail is between the two. 3. grasp the separated end of the messenger and cable with one hand and grip the clamp body, as shown, with your other hand. then, pull the sc02mfa-ss back, in a straight line, separating the length of messenger wire needed to make the wrap; about 15 to 18-inches. 4. pull the messenger wire around the center of the bearing surface as shown, toward the rear or drop- side of the clamp. note: if at the house end of the drop, this will be done while tensioning or sagging the drop. 5. pass the messenger wire through the l slots and begin the wrap about the sc02mfa-ss body, as shown. 6. continue the messenger wire wrap for two full turns. 7. pass the messenger wire through the l slot, as shown, to the drop-side of the sc02mfa-ss and cut the excess wire away, or ground it to the strand. note: for drop cable with larger messenger wire, one wrap is suffcient. wrap the end of the wire around the end of the sc02mfa-ss and bring it back up the l slots, then cut away the excess, or ground it to the strand. 1 2 3 4 5 6 7 www.ppc-online.com customer support: 800.800.6652 a belden brand a belden brand
7 diamond ? drop hardware part number description material pair shim type inner pack outer pack 23-44441 "b" drop wire clamp aluminum 1-2 serrated -- 500 23-44444 "b" drop wire clamp (bell packaging) aluminum 1-2 serrated 25 500 23-44445 "b" drop wire clamp aluminum 1-2 serrated 2 250 23-82350 "b" drop wire clamp aluminum 6 dimpled 1 75 23-82351 "b" drop wire clamp aluminum 6 dimpled 25 150 23-88881 "b" drop wire clamp (bulk packaging) stainless steel 1-2 serrated 25 500 23-88885 "b" drop wire clamp stainless steel 1-2 serrated 2 250 "b" drop wire clamp drop wire clamps for catv and telephone cable ? used to support both ends of telephone drop, at strand and building. ? suitable for 1-2 pair .200 max. height and .410 max. width. ? 6 pair version: .300 max. height and .500" max. width. ? stainless steel bailwire on all versions. ? special packages available. please check with your ppc/belden representative. installation: 1. lay cable in shell. 2. place shim on top of cable with raised embossings against cable. 3. insert wedge in shell (on top of shim) and pull to engage. (small end of wedge should be initially engaged in track of large end of shell). 4. place bailwire on b drop wire hook (rams horn)with wedge loose. pull drop wire through clamp until proper sidewalk/alley clearance is achieved. 5. grasp clamp (bailwire still on rams horn) and pull tightly to secure. drop hardware a belden brand customer support: 800.800.6652 www.ppc-online.com
8 diamond ? drop hardware span clamps "q" span clamp ? provides drop wire take offs at mid-span. ? steel components mechanically galvanized astm b695. part number description material clamp range pigtail diameter inner pack outer pack 27-00185 "q" span clamp steel 1/4"-7/16" 1/4" -- 100 2700185-la "q" span clamp for p3 cable w/messenger plates - aluminum pigtail - steel <1/4" 1/4" -- 100 "o" span clamp ? provides drop wire take offs at mid-span. ? steel components mechanically galvanized astm b695. part number description material clamp range pigtail diameter inner pack outer pack 27-00860 "o" span clamp plates - aluminum pigtail - steel 1/4"-3/8" 3/8" -- 50 "e" span clamp ? provides drop wire take offs at mid-span. ? steel components mechanically galvanized astm b695. part number description material clamp range pigtail diameter inner pack outer pack 27-00865 "e" span clamp steel 1/4"-7/16" 3/8" 5 100 "c" span clamp ? provides drop wire take offs at mid-span. ? steel components mechanically galvanized astm b695. part number description material clamp range pigtail diameter inner pack outer pack 27-00869 "c" span clamp plates - aluminum hook - steel 1/4"-3/8" 3/8" -- 50 www.ppc-online.com customer support: 800.800.6652 a belden brand a belden brand
9 diamond ? drop hardware span clamps figure 8 span clamp ? provides drop wire take offs at mid-span. ? steel components mechanically galvanized astm b695. part number description material clamp range pigtail diameter inner pack outer pack 28-09800 fig 8 (.109-.134") plates - aluminum hook - steel 1/4"-7/16" 3/8" -- 50 28-09850 fig 8 (.148-.250") plates - aluminum hook - steel 1/4"-7/16" 3/8" -- 25 econospan span clamp ? multi directional clamp for messengered and non-messengered drop cable used for dead-end or mid-span application. ? mechanically galvanized astm b695. part number description inner pack outer pack sc03e clamp will accept 1/4" (6.6mm) steel strand -- 100 multi-directional span clamp ? multi-directional span clamp used for drop cables at mid-span location. ? unique claw design locks in between steel strand lays to prevent rotation. ? mechanically galvanized astm b695. part number description hook load capacity inner pack outer pack sc03-1 single pigtail hook for 1/4" steel strand 400 lbs. -- 100 sc03-2 double pigtail hook for 1/4" steel strand 400 lbs. -- 75 drop hardware a belden brand customer support: 800.800.6652 www.ppc-online.com
10 diamond ? drop hardware clamps one hole clamps ? used to support cable, conduit or pipe. ? mechanically galvanized steel astm b695. part number description size pipe or cable size stock size hole diameter inner pack outer pack 24-80003 one hole clamp l3 3/16" .035" x 1/2" 7/32" 500 7,500 24-80004 one hole clamp l4 1/4" .035" x 1/2" 7/32" 500 5,000 24-80005 one hole clamp l5 5/16" .035" x 1/2" 7/32" 500 5,000 24-80006 one hole clamp l6 3/8" .048" x 1/2" 7/32" 500 5,000 24-80007 one hole clamp l7 7/16" .048" x 1/2" 7/32" 300 2,400 24-80008 one hole clamp l8 1/2" .048" x 1/2" 7/32" -- 500 24-80009 one hole clamp l9 9/16" .048" x 1/2" 7/32" -- 500 24-80010 one hole clamp l10 5/8" .048" x 1/2" 7/32" -- 500 24-80011 one hole clamp l11 11/16" .062" x 5/8" 9/32" -- 500 24-80012 one hole clamp l12 3/4" .062" x 11/16" 9/32" -- 500 24-80014 one hole clamp l14 7/8" .062" x 11/16" 9/32" -- 500 24-80016 one hole clamp l16 1" .080" x 3/4" 9/32" -- 250 24-80018 one hole clamp l18 1-1/8" .080" x 3/4" 9/32" -- 250 24-80020 one hole clamp l20 1-1/4" .115" x 7/8" 9/32" -- 100 one hole offset clamps ? used to secure telephone cable runs. ? offset provides a grip on multi-size cable. ? mechanically galvanized steel astm b695. part number description cable size stock size hole diameter inner pack outer pack 23-80403 one hole offset clamp 5/32" - 7/32" .048" x 5/16" 9/64" 500 5,000 23-80405 one hole offset clamp 1/4" - 5/16" .048" x 5/16" 9/64" 500 7,500 23-80406 one hole offset clamp 5/16" - 3/8" .048" x 1/2" 7/32" 500 5,000 23-80407 one hole offset clamp 3/8" - 1/2" .048" x 1/2" 7/32" 500 5,000 www.ppc-online.com customer support: 800.800.6652 a belden brand a belden brand
11 diamond ? drop hardware clamps two hole clamps ? used to support cable, conduit or pipe. ? offset provides a grip on multi-size cable. ? mechanically galvanized steel astm b695. part number description size pipe or cable size stock size hole diameter inner pack outer pack 25-80070 two hole clamp #7 7/16" .048" x 1/2" 13/64" -- 600 25-80100 two hole clamp #10 5/8" .048" x 1/2" 7/32" -- 500 25-80110 two hole clamp #11 11/16" .062" x 5/8" 9/32" -- 250 25-80120 two hole clamp #12 3/4" .062" x 11/16" 9/32" -- 250 25-80140 two hole clamp #14 7/8" .062" x 11/16" 9/32" -- 250 25-80160 two hole clamp #16 1" .080" x 3/4" 9/32" -- 300 25-80180 two hole clamp #18 1-1/8" .080" x 3/4" 9/32" -- 300 25-80200 two hole clamp #20 1-1/4" 1/8" x 7/8" 9/32" -- 100 25-80240 two hole clamp #24 1-1/2" 1/8" x 7/8" 9/32" -- 50 25-80260 two hole clamp #26 1-5/8" 1/8" x 7/8" 9/32" -- 50 25-80300 two hole clamp #30 1-7/8" 1/8" x 7/8" 9/32" -- 50 25-80360 two hole clamp #36 2-1/4" 1/8" x 1" 11/32" -- 75 25-80400 two hole clamp #40 2-1/2" 1/8" x 1" 11/32" -- 50 25-80420 two hole clamp #42 2-5/8" 1/8" x 1" 11/32" -- 50 25-80560 two hole clamp #56 3-1/2" 1/8" x 1" 11/32" -- 50 drop hardware a belden brand customer support: 800.800.6652 www.ppc-online.com
12 diamond ? drop hardware brackets drop wire mast bracket ? mechanically galvanized steel astm b695. ? mast capacity 2-1/2 to 3 diameter. house bracket ? multi-dwelling drop cable bracket. ? attach to building with drive screws or wood screws (1/4 dia.). ? attach insulator in 7/16 dia. mounting hole. ? mechanically galvanized steel astm b695. corner wall bracket ? corner wall bracket used to dead-end a messenger drop cable or a steel strand at the building. ? mechanically galvanized astm b695. part number description inner pack outer pack 40-00540 drop wire mast bracket -- 50 part number description inner pack outer pack 40-00200 house bracket 1-3/4" wide x 3-1/2" high x 3" horizontal leg -- 50 part number description inner pack outer pack sc53-2 for messengered drop cable with .051" to .072" steel messenger wire -- 50 www.ppc-online.com customer support: 800.800.6652 a belden brand a belden brand
13 diamond ? drop hardware hooks drop wire hook (ram's horn) ? used to attach bail wire type drop wire clamp to building. ? mechanically galvanized astmb695. "omni" house hook ? omni house hook used to dead-end a messengered drop cable at the house. ? retainer provides a 1 diameter wrap to messenger steel wire keeping the messenger intact for bonding at the ground block. ? mechanically galvanized astm b695. part number description inner pack outer pack sc26-1 omni directional signal retainer -- 100 sc26-1l omni directional signal retainer - extra long -- 100 "p" house hook ? used to secure coaxial cable drop installations at the building. ? accepts bailwire dropwire clamps, wire grips or messenger wraps. ? mechanically galvanized steel astm b695. part number description inner pack outer pack 30-01732 ram's horn type drop wire hook 50 600 drop hardware part number description overall length (inches) screw diameter (inches) inner pack outer pack 31-00809 regular house hook 3-3/4 1/4 -- 200 31-10809 long house hook 4-1/2 1/4 -- 200 31-00800 wrench p house hook 3-3/4 1/4 * * 31-00801 wrench p house hook 4-1/2 1/4 * * * ( ask ppc/belden representative ). a belden brand customer support: 800.800.6652 www.ppc-online.com
14 diamond ? drop hardware hooks, rings, screw fixtures dead end strap ? dead-end strap made of high quality g90 pre-galvanized steel used to dead-end a drop cable at the house service mast. angle screw fixture ? used to attach bail wire type drop wire clamp to building. ? mechanically galvanized astmb695. part number description inner pack outer pack sc11-1 from 1" to 4" diameter mast -- 100 bridle rings ? used to support cable runs and electrical wiring. ? mechanically galvanized astmb695. part number description style eye dia. thread size max. load inner pack outer pack 31-00810 wood screw bridle ring a 1-5/8" #14 75 lbs. -- 100 31-00812 wood screw bridle ring c 1-1/4" #14 75 lbs. -- 100 31-00819 wood screw bridle ring g 7/8" #10 50 lbs. 25 100 31-00821 machine screw bridle ring k 3/4" #10-24 50 lbs. 100 1,000 31-00823 machine screw bridle ring m 1-1/4" #10-24 50 lbs. -- 100 31-00824 machine screw bridle ring p 1-3/4" #10-24 50 lbs. -- 100 31-00825 machine screw bridle ring q 1-1/4" 1/4"-20 50 lbs. -- 100 31-00827 machine screw bridle ring r 1-5/8" #10-24 50 lbs. -- 100 31-00823 31-00819 31-00810 part number description wood screw diameter shank diameter length machine thread length insulator shank length inner pack outer pack 33-00840 angle screw fixture 5/16" (18) 9/32" x 2-1/4" 1" 1-1/2" -- 150 33-00841 angle screw fixture 3/8" 3/8" x 2" 1-1/8" 2-1/2" -- 100 www.ppc-online.com customer support: 800.800.6652 a belden brand a belden brand
15 diamond ? drop hardware cable clips "s" cable clip - telephone ? used to secure telephone drip loop to b drop wire hook (rams horn). ? ribs provide positive grip on drop wire. ? aluminum s clip to be secured with linemans pliers. part number description maximum cable size inner pack outer pack 23-80261 2-3 pair "s" clip .225" x .375" 25 500 23-80262 6 pair "s" clip .300" x .500" -- 500 23-80366 1-2 pair "s" clip .160" x .300" 25 500 "s" cable clip - coaxial ? used to prevent separation of two cables or a messenger steel wire from a drop cable. part number description inner pack outer pack sc10-1 made of soft aluminum for easy finger forming accepts up to series 7 cable -- 500 dual cable clip ? secures dual coaxial cable and telephone six pair cable runs. ? mechanically galvanized steel astm b695. part number description inner pack outer pack 22-12121 dual cable clip - series 6 500 5,000 drop hardware a belden brand customer support: 800.800.6652 www.ppc-online.com
16 diamond ? drop hardware cable clips "u" cable clip ? pre-formed aluminum cable clip used to secure drop cables and ground wires to either wood or masonry surfaces using self-tapping screws. part number description inner pack outer pack sc19-1 "u" cable clip rg59- 6mm 500 10,000 sc20-1 "u" cable clip for series 6 cable -7mm 500 10,000 sc20-d6 "u" cable clip for dual rg-6 cable 400 8,000 sc21-1 "u" cable clip for #12awg to #14awg ground wire. 500 10,000 sc21-2 u" cable clip for #6awg to #10awg ground wire. 500 10,000 sc22-1 "u" cable clip rg11 - 10mm 400 8,000 screw and snap ? clips (patented) ? used to secure coaxial cable and ground wire runs to wood, masonry, stucco, brick or concrete. ? for concrete or brick drill .138 pilot hole. screw will cut threads in hole. ? convenient strips of ten clips snap off after installation. ? cable size stamped on clips (aluminum). ? screw hardened and treated for 500 hour salt spray resistance. astm b117. ? plastic plugs secure screws to strip and prevent torquing. ? handy holder included in every 30 strip carton. part number description screw size cable size inner pack outer pack 24-88013 screw & snap clips #8 x 3/4" series 6 30 300 24-88014 screw & snap clips #8 x 3/4" series 59 30 300 24-88016 screw & snap clips #8 x 3/4" 10-14 awg 30 300 24-88017 screw & snap clips #8 x 3/4" series 6q 30 300 24-88027 screw & snap clips #8 x 3/4" series 11 30 300 *screw n snap can be used to attach cable to wood, masonry and concrete when a .138" pilot hole is drilled and fitted with a diamond plastic screw anchor, diamond part number, 12-08210. www.ppc-online.com customer support: 800.800.6652 a belden brand a belden brand
17 diamond ? drop hardware cable clips saxxit ? cable clips (patented) ? galvalume steel cable clip used on concrete, mortar, stucco or wood with a pre-inserted, self-tapping screw or a drive pin. part number description inner pack outer pack sc16-19 saxxit cable clip for 6mm cable with no. 8 x 1" screw 1/4" hex head indented "phillips" 250 5,000 sc16-26 saxxit cable clip for 7mm cable with no. 8 x 1" screw 1/4" hex head indented "phillips" 250 5,000 sc16-3q saxxit cable clip for 8mm cable with no. 8 x 1" screw 1/4" hex head indented "phillips" 250 5,000 sc16-411 saxxit cable clip for 10mm cable with no. 8 x 1" screw 1/4" hex head indented "phillips" 250 5,000 sc16dp-19 saxxit cable clip for 6mm cable with 1" drive pin 250 5,000 sc16dp-26 saxxit cable clip for 7mm cable with 1" drive pin 250 5,000 sc16dp-3q saxxit cable clip for 8mm cable with 1" drive pin 250 5,000 saxxon ? cable clips ? galvalume steel cable clip used on wood, stucco or mortar with a 1 hardened pre-inserted nail. part number description inner pack outer pack sc18-19 saxxon cable clip for 6mm cable 500 10,000 sc18-26 saxxon cable clip for 7mm cable 500 10,000 sc18-3q saxxon cable clip for 8mm cable 500 10,000 sc18l-26 saxxon cable clip for 7mm cable with 1.625" hardened nail 300 3,600 sc18p-26black saxxon cable clip for 7mm cable, painted black 500 10,000 sc18p-26white saxxon cable clip for 7mm cable, painted white 500 10,000 drop hardware a belden brand customer support: 800.800.6652 www.ppc-online.com
18 siding clips ? secures coaxial cable runs to aluminum, vinyl or steel siding. ? high density uv stabilized outdoor polypropylene. ? available in natural (clear) or black. part number description inner pack outer pack 12-01401 horizontal siding clip - natural 100 1,000 12-01402 vertical siding clip - natural 100 1,000 12-01501 horizontal siding clip - black 100 1,000 12-01502 vertical siding clip - black 100 1,000 12-01401 12-01501 12-01402 12-01502 diamond ? drop hardware cable clips, cable clamps, "e" drop wire clamp ? used to secure telephone drop wire cable runs. ? mechanically galvanized astm b695. ? transverse ribs grip cable to prevent abrasion. part number description inner pack outer pack 23-80361 "e" drop wire clamp, one pair, steel 50 2,000 23-80363 "e" drop wire clamp, one pair, steel, box of 50 1 40 23-80370 "e" drop wire clamp, two pair, steel 50 2,000 23-83361 "e" drop wire clamp, six pair, steel 50 2,000 40-80365 "e" drop wire clamp, coax, aluminum -- 500 www.ppc-online.com customer support: 800.800.6652 a belden brand a belden brand
19 diamond ? drop hardware cable ties, cable bushings feed thru bushing ? protects coaxial cable entry into subscribers building. ? available in black or natural (clear). ? high density uv stabilized outdoor polypropylene. part number description color cable size inner pack outer pack 34-08052 feed thru bushing black series 6, 6q 100 1,000 34-08053 feed thru bushing natural series 6, 6q 100 1,000 34-08057 feed thru bushing - dual rg6 black series 6, 6q 100 1,000 34-08058 feed thru bushing - dual rg6 natural series 6, 6q 100 1,000 34-08059 feed thru bushing - 15o angle black series 6, 6q 100 1,000 34-08060 feed thru bushing - 15o angle natural series 6, 6q 100 1,000 34-08052 34-08053 34-08057 34-08058 34-08059 34-08060 cable ties - aluminum ? reusable strap with integral buckle made of malleable aluminum, corrosion resistant, used to support drop cables on the strand, pedestal, lock box and along the wall. ? no sharp edges to cut hands or damage cable. part number description inner pack outer pack sc053-1 7" long, 1/4" band - reusable aluminum tie 400 8,000 sc053-2 10" long, 1/4" band - reusable aluminum tie 100 1,500 sc28-1* id tag, 3-1/4" long, plain for scribe on 400 8,000 sc28-2 id tag, 3-1/4" long with random 6 digit number 400 8,000 sc28-3 id tag, 3-1/4" long, with pre-stamped 4 letters and 2 banks of numbers from 0-9 400 8,000 sc28-4 id tag, 7" long, plain to scribe on -- 200 sc28-4scatv id tag, 7" long, pre-stamped catv -- 200 sc28-5 id tag, 10" long, plain for scribe on -- 500 sc28-6 id tag, 16" long, plain for scribe on -- 500 sc28-8 id tag, 3-1/4" long with single large digit number or letter 400 800 sc28-gt id tag, 2-1/2" x 1-1/4" grounding tag with warning mes - sage. optional cable system name and telephone number 400 800 * different colors available: green, red, yellow drop hardware a belden brand customer support: 800.800.6652 www.ppc-online.com
20 diamond ? drop hardware drive rings, wire loops drive rings ? used to support cable runs and electrical wiring. ? mechanically galvanized steel astm b695. part number description eye size nail length (in) maximum load (lbs) inner pack outer pack 30-00801 drive ring 1/2" 2.062 50 50 2,500 30-00804 drive ring 5/8" 2.250 75 25 1,000 30-00805 drive ring 7/8" 2.563 100 25 500 30-00807 drive ring 1-1/4" 2.938 125 20 120 30-01801* drive ring - long 1/2" 2.438 50 50 2,500 30-01804* drive ring - long 5/8" 2.750 75 25 1,000 30-01805* drive ring - long 7/8" 3.062 100 25 500 30-01807* drive ring - long 1-1/4" 3.438 125 25 250 * these sizes have longer nails for greater carrying capacity drive rings ? drive ring used for guiding cables. ? may be used at the pole or at the house. ? double crimped loop on concrete nail facilitates installation. ? mechanically galvanized astm b695. part number description inner pack outer pack sc17-1 5/8" ring with 2-1/4" concrete nail -- 250 sc17-2 1-1/4" ring with 2-1/2" concrete nail -- 200 wire loops and wire loop drive pins ? used to attach drop wire runs to masonry with wire loop drive pins. ? wire loops mechanically galvanized steel astm b695. ? wire loop drive pins zinc plated steel astm b633. part number description inner pack outer pack 15-00120 wire loop 1/2" 100 1,000 15-00121 wire loop 5/8" 100 1,500 15-00122 wire loop 7/8" 70 560 15-00123 wire loop 1-1/4" 100 1,000 15-10101 wire loop drive pin, 1-1/2" long 100 1,500 15-10102 wire loop drive pin, 1-3/4" long 100 1,500 www.ppc-online.com customer support: 800.800.6652 a belden brand a belden brand
21 diamond ? drop hardware drive pins, drive tools drive pins ? used to secure clamps to masonry surface. ? zinc plated steel astm b633. part number description inner pack outer pack 15-10041 drive pin - 1/4" head x 3/4" long, metal washer 100 1,500 15-10042 drive pin - 1/4" head x 1" long, metal washer 100 1,500 15-10043 drive pin - 1/4" head x 1-1/4" long, metal washer 100 1,500 15-10044 drive pin - 1/4" head x 1-1/2" long, metal washer 100 1,500 warning: do not use powder actuated tools drop hardware a belden brand customer support: 800.800.6652 www.ppc-online.com


▲Up To Search▲   

 
Price & Availability of 34-08052

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X