Part Number Hot Search : 
MCR100 MC14410L RT9224C 100E1 BSX62 MAX20 P775C TM161
Product Description
Full Text Search
 

To Download 2SC4081-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  npn silicon epitaxial transistors features maximum ratings symbol rating rating unit v ceo collector-emitter voltage 50 v v cbo collector-base voltage 60 v v ebo emitter-base voltage 7 v i c collector current 150 ma p c collector power dissipation 200 mw t j junction temperature 150 : t stg storage temperature -55 to +150 : electrical characteristics @ 25 : unless otherwise specified symbol parameter min typ max units off characteristics i cbo collector cutoff current (v cb =-60vdc) --- --- 100 nadc i ebo emitter cutoff current (v eb =-6.0vdc) --- --- 100 nadc on characteristics bv cbo collector-base breakdown voltage (i c =-50adc ) 60 --- --- vdc bv ceo collector-emitter breakdown voltage (i c =-1adc) 50 --- --- vdc bv ebo emitter-base breakdown voltage (i e =-50adc) 6 --- --- vdc h fe dc current gain (i c =-1madc, v ce =-6.0vdc) 120 --- 560 --- v ce(sat) collector saturation voltage* (i c =-50madc, i b =-5.0madc) --- --- 0.4 vdc c ob output capacitance (v cb =-12.0vdc, i e =0, f=1.0mhz) --- 2.0 3.5 pf f t gain bandwidth product (v ce =-12vdc, i e =2madc,f=30mhz) --- 180 --- mhz h fe classification rank h f e 120~27 0 180~39 0 270~56 0  
 omp onents 20736 marilla street chatsworth       
     m cc revision: c 20 1 3 /0 9/24 sot-323 suggested solder pad layout inches mm dim min max min max note a .071 .087 1.80 2.20 b .045 .053 1.15 1.35 d .026 nominal 0.65nominal e .047 .055 1.20 1.40 f .012 .016 .30 .40 g .000 .004 .000 .100 h .035 .039 .90 1.00 j .004 .010 .100 .250 a c b d e f g h j 1.90 0 .7 0 0.90 0 . 65 0.65 dimensions k tm micro commercial components e b c ab c w w w. m c c se m i .c om 1 of 4 marking bq br bs low cob . cob=2.0pf(typ) complementary to 2sc1576a lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 2sc4081-a2SC4081-B 2sc4081-c mm h alogen free available upon request by adding suffix "-hf" c .0 83 .0 96 2. 1 0 2. 45 k .0 06 .016 . 15 .40 downloaded from: http:///
fig.1 grounded emitter propagation characteristics 0 0.1 0.2 0.5 2 20 50 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1 5 10 ta = 100 c v ce =6v collector current : i c (ma) base to emitter voltage : v be (v) 25 c ? 55 c fig.2 grounded emitter output characteristics ( ) 0 20 40 60 80 100 0.4 0.8 1.2 1.6 2.0 0 collector current : i c (ma) collector to emitter voltage : v ce (v) 0.05ma 0.10ma 0.15ma 0.25ma 0.30ma 0.35ma 0.20ma ta=25 c i b =0a 0.40ma 0.50ma 0.45ma 0 0 2 8 10 4 8 12 16 4 6 20 i b =0a ta=25 c collector current : i c (ma) collector to emitter voltage : v ce (v) 3 a 6 a 9 a 12 a 15 a 18 a 21 a 24 a 27 a 30 a fig.3 grounded emitter output characteristics ( ? ) 0.2 2010 0.5 1 2 5 10 20 50 100 200 50 100 200 500 v ce =5v 3v 1v ta=25 c fig.4 dc current gain vs. collector current ( ) dc current gain : h fe collector current : i c (ma) 0.2 0.5 1 2 5 10 20 50 100 200 2010 50 100 200 500 25 c ? 55 c ta=100 c v ce = 5v fig.5 dc current gain vs. collector current ( ? ) dc current gain : h fe collector current : i c (ma) fig. 6 collector-emitter saturation voltage vs. collector current 0.2 collector saturation voltage : v ce(sat) (v) collector current : i c (ma) 0.01 0.02 0.05 0.1 0.2 0.5 0.5 1 2 5 10 20 50 100 200 i c /i b =50 20 10 ta=25 c fig.7 collector-emitter saturation voltage vs. collector current ( ) 0.2 collector saturation voltage : v ce(sat) (v) collector current : i c (ma) 0.01 0.02 0.05 0.1 0.2 0.5 0.5 1 2 5 10 20 50 100 200 i c /i b =10 ta=100 c 25 c ? 55 c fig.8 collector-emitter saturation voltage vs. collector current ( ? ) collector saturation voltage : v ce(sat) (v) collector current : i c (ma) 0.2 0.01 0.02 0.05 0.1 0.2 0.5 0.5 1 2 5 10 20 50 100 i c /i b =50 ta=100 c 25 c ? 55 c fig.9 gain bandwidth product vs. emitter current 50 ? 0.5 ? 1 ? 2 ? 5 ? 10 ? 20 ? 50 ? 100 100 200 500 ta=25 c v ce =6v emitter current : i e (ma) transition frequency : f t (mhz) 4081 m cc revision: c 201 3 /0 9/24 tm micro commercial components w w w. m c c se m i .c om 2 of 4 downloaded from: http:///
fig.10 collector output capacitance vs. collector-base voltageemitter input capacitance vs. emitter-base voltage collector to base voltage : v cb (v) emitter to base voltage : v eb (v) collector output capacitance : cob ( pf) emitter input capacitance : cib ( pf) 0.2 0.5 1 2 5 10 20 50 1 2 5 10 20 cob ta=25 c f = 1mhz i e =0a i c =0a cib fig.11 base-collector time constant vs. emitter current ? 0.2 ? 0.5 ? 1 ? 2 ? 5 ? 10 base collector time constant : ccr bb' (ps) emitter current : i e (ma) 10 20 50 100 200 ta=25 c f=32mh z v cb =6v 4081 m cc revision: c 201 3 /0 9/24 tm micro commercial components w w w. m c c se m i .c om 3 of 4 downloaded from: http:///
m cc revision: c 201 3 /0 9/24 tm micro commercial components w w w. m c c se m i .c om 4 of 4 3 o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- t p ta p e &re e l; 3 kp cs / re e l note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SC4081-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X