Part Number Hot Search : 
2W2K7 M3501 STK001SF AD630SD KAQY217S B2205 W06P6 AD630K
Product Description
Full Text Search
 

To Download 2SC3052-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sc 3052-f npn gene r al p u r po se a m p lifi e r sot-23 suggested solder pad layout features dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 b .08 3 . 104 2.1 0 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 h f e dc current gain ( i c = 1.0 madc, v c e = 6 .0vdc) 150 800 v ce(sat) collector-emitter saturation voltage ( i c = 10 0madc, i b = 1 0madc) 0. 3 vdc v be (sat) base-emitter voltage ( i c = 10 0madc, i b = 10ma dc) 1.0 vdc classification of h fe(1) r ank .079 2.000 in c h es mm . 03 1 .800 .035.900 .037 .950 .037 .950 a b c d e f g h j  
 omp onents 20736 marilla street chatsworth       
     m cc revision: b 20 1 3 /0 1 /0 1 w w w. m c c se m i .c om 1 of 2 maximum ratings symbol rating rating unit v ce o collecto r - emitter voltag e 50 v v cb o collecto r - base voltag e 50 v v eb o emitter - base voltag e 6 . 0 v i c collector current, continuou s 0.2 a t j operating junction temperatur e - 55 to +1 2 5 o c t st g storage temperatur e - 55 to +1 2 5 o c p d p o w e r dissi p a t i on 0. 15 w electrical characteristics @ 25 o c unless otherwise specified symbo l paramete r mi n type ma x units v (br)ceo collector-emitter breakdown voltage* ( i c =10 0u adc, i b =0) 5 0 vdc v (br)cbo collector-base breakdown voltage ( i c = 100u adc, i e =0) 50 vdc v (br)ebo emitter-base breakdown voltage ( i e = 100u adc, i c =0) 6 . 0 vdc i c b o collector cut-off c urrent ( v c b = 5 0vdc, i e =0 0.1 u adc i ebo emitter cut-off c urrent ( v e b = 6 vdc, i c =0 0.1 u adc f t transition frequency ( i c =10madc, v c e = 6 vdc ) 18 0 mhz c ob collector output capacitance ( i e =0 , v c e = 6 vdc ,f=1mhz ) 4.0 pf r ange marking e f 150-300 250-500 le lf g 40 0-800 lg e b c k lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) low collector to emitter saturation voltage v ce(sat) =0.3v max(@i c =100ma,i b =10ma) excellent linearity of dc forward current gain epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 2sc 3052-g tm micro commercial components 2sc 3052-e ( i c = 0.1 madc, v c e = 6 .0vdc) 50 nf noise figure (i e = - 0 .1 madc, v ce = 6 vdc ,f=1khz, r g =2k ) 15 db ? h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
m cc revision: b 20 1 3 /0 1 /0 1 tm micro commercial components w w w. m c c se m i .c om 2 of 2 3 o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- t p ta p e &re e l; 3 kp cs / re e l note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SC3052-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X