Part Number Hot Search : 
TSM4N80 2SC5938B TEFD4300 LXP610 SLASE3 70N6T UF1502 D2010
Product Description
Full Text Search
 

To Download 2SA1774-Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pnp silicon epitaxial transistor features  
 omp onents 20736 marilla street chatsworth       
     m cc revision: b 201 3 /01/01 tm micro commercial components w w w. m c c se m i .c om 1 of 2 sot-523 2SA1774-Q 2sa1774-r 2sa1774-s maximum ratings @ t a = 25  (unless otherwise noted) symbol parameter value unit i c collector current -0.15 a p d total device dissipation 0.15 w t j junction temperature 150  t stg storage temperature range -55 to +150  electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max units off characteristics v( br )ceo collector-emitter breakdown voltage (i c =-1madc,i b =0) -50 v v( br )cbo collector-base breakdown voltage (i c =-50uadc,i e =0) -60 v v( br )ebo collector-base breakdown voltage ( i e =-50uadc,i c =0) -6.0 v i cbo collector-base cutoff current (v cb =-60vdc, i e =0) -0.1 adc i ebo emitter-base cutoff current (v eb =-6.0vdc, i c =0) -0.1 uadc on characteristics h fe dc current gain (i c =-1.0madc, v ce =-6.0vdc) 120 560 v ce(sat) collector-emitter saturation voltage (i c =-5.0madc, i b =-5.0madc) -0.5 vdc f t transition frequency (v ce =-12vdc,i c =-2madc,f=30mhz) 140 (typ) mhz c ob collector output capacitance (v cb =-12vdc,i c =0adc,f=1mhz) 5 pf classification of h fe rank q r s range 120-270 180-390 270-560 marking fq fr fs inches mm dim min max min max note a .059 .067 1.50 1.70 b .030 .033 0.75 0.85 c .057 .069 1.45 1.75 d .020 nominal 0.50nominal e .035 .043 0.90 1.10 g .000 .004 .000 .100 h .028 .031 .70 0.80 j .004 .008 .100 .200 k .010 .014 .25 .35 a c b d e g h j dimensions k e b c lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) small package mounting:any position epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
m cc revision: b 201 3 /01/01 tm micro commercial components w w w. m c c se m i .c om 2 of 2 3 o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- t p ta p e &re e l; 3 kp cs / re e l note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SA1774-Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X