Part Number Hot Search : 
HDC10C MPS412 120A0 AD421BN CS161 MAX8796G SSW7N60 LTC69
Product Description
Full Text Search
 

To Download 2SA1036-Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pnp silicon epitaxial transistors features  
 omp onents 20736 marilla street chatsworth       
     m cc revision: b 20 1 3 /01/01 tm micro commercial components w w w. m c c se m i .c om 1 of 3 sot-23 suggested solder pad layout dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 b .083 . 104 2.10 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 a b c d e f g h j .079 2.000 in c h es mm . 03 1 .800 .035.900 . 03 7 .950 .037 .950 k maximum ratings @ t a = 25  (unless otherwise noted) symbol parameter value unit i c collector current -0.5 a p d collector power dissipation 0.2 w t j junction temperature 150  t stg storage temperature range -55 to +150  electrical characteristics @ 25 o c unless otherwise specified symbol parameter min type max units off characteristics v( br )ceo collector-emitter breakdown voltage (i c =-1madc,i b =0) -32 v v( br )cbo collector-base breakdown voltage (i c =-100uadc,i e =0) -40 v v( br )ebo collector-base breakdown voltage (i e =-100uadc,i c =0) -5.0 v i cbo collector-base cutoff current (v cb =-20vdc, i e =0) - 1 adc i ebo emitter-base cutoff current (v eb =-4.0vdc, i c =0) - 1 uadc on characteristics h fe dc current gain (i c =-10madc, v ce =-3.0vdc) 82 390 v ce(sat) collector-emitter saturation voltage (i c =-100madc, i b =-10madc) -0.4 vdc   transition frequency (v ce =-5vdc,i c =-20madc,f=100mhz) 200 mhz classification of h fe rank p q r range 82-180 120-270 180-390 e b c large i c . icmax .= - 0.5 a low v ce(sat) . ideal for low-voltage operation. c ob (v cb =-10vdc,i e =0,f=1mhz) 7 pf 2sa1036-p 2SA1036-Q 2sa1036-r marking hp hq hr epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
2sa1036 typical characteristics m cc tm micro commercial components revision: b 201 3 /01/01 w w w. m c c se m i .c om 2 of 3 downloaded from: http:///
m cc revision: b 201 3 /01/01 tm micro commercial components w w w. m c c se m i .c om of o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- t p ta p e &re e l; 3 kp cs / re e l 3 note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SA1036-Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X