Part Number Hot Search : 
HC1GT NJM2068M APL1087E A1345 AS2208 1V680MNR AOT9N40 MCP4561
Product Description
Full Text Search
 

To Download 1N5913BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1N5913BP thru 1n59 5 6 bp 1.5 watt zener diode 3.3 t o 200 volts do-41 features a b c d cathode m a rk min max min max a 0.160 0.205 4.10 5.20 b 0.080 0.107 2.00 2.70 diameter c 0.028 0.034 0.71 0.86 diameter d 1.000 ----- 25.40 ----- dimensions dim inches mm note maximum ratings & thermal characteristics ratings at 25c ambient temperature unless otherwise specified. parameter symbol value unit power dissipation at t l = 75 c p tot 1.5 ( 2 ) w pwak forward surge current 8.3ms single half sine/square wave i fsm 10 amps junction temperature t j -55 ~ +1 75 o c storage temperature range t stg -55 ~ +1 75 o c forward voltage at i f =200ma 1.5 v f v  
 omp onents 20736 marilla street chatsworth       
     m cc revision: c 20 1 3 /0 1 / 0 1 tm micro commercial components ? marking : 1n5913b~1n59 5 6 b type number and cathode band w w w. m c c se m i .c om 1 of 5 note1: high temperature solder exemption applied, see eu directive annex 7. d ? lead free finish/rohs compliant (note1)("p"suffix designates compliant. see ordering information) 2 . 0.375" lead length from body. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 h alogen free available upon request by adding suffix "-hf" glass passivated junction low profile package low inductance built-in strain relief downloaded from: http:///
electrical characteristics @ 25 c 1N5913BP thru 1n59 5 6 bp m cc * t o l e r a nc e a n d v o l t a g e d es i g n a t i o n t o l e r an c e de s i gnat i o n - t h e t y p e numbe r s l i s te d i nd i c at e a revision: c 20 1 3 /0 1 / 0 1 tm micro commercial components w w w . m c c s e m i .c o m 2 of 5 to l e r an c e o f + /-5% zener voltage vz test current izt maximum dynamic impedance zzt @izt knee current izk knee impedance zzk maximum reverse current ir reverse voltage vr volts ma ohms ma ohms a volts 1N5913BP 3.3 113.6 10 1 500 100 1 1n5914bp 3.6 104.2 9 1 500 75 1 1n5915bp 3.9 96.1 7.5 1 500 25 1 1n5916bp 4.3 87.2 6 1 500 5 1 1n5917bp 4.7 79.8 5 1 500 5 1.5 1n5918bp 5.1 73.5 4 1 350 5 2 1n5919bp 5.6 66.9 2 1 250 5 3 1n5920bp 6.2 60.5 2 1 200 5 4 1n5921bp 6.8 55.1 2.5 1 200 5 5.2 1n5922bp 7.5 50 3 0.5 400 5 6 1n5923bp 8.2 45.7 3.5 0.5 400 5 6.5 1n5924bp 9.1 41.2 4 0.5 500 5 7 1n5925bp 10 37.5 4.5 0.25 500 5 8 1n5926bp 11 34.1 5.5 0.25 550 1 8.4 1n5927bp 12 31.2 6.5 0.25 550 1 9.1 1n5928bp 13 28.8 7 0.25 550 1 9.9 1n5929bp 15 25 9 0.25 600 1 11.4 1n5930bp 16 23.4 10 0.25 600 1 12.2 1n5931bp 18 20.8 12 0.25 650 1 13.7 1n5932bp 20 18.7 14 0.25 650 1 15.2 1n5933bp 22 17 17.5 0.25 650 1 16.7 1n5934bp 24 15.6 19 0.25 700 1 18.2 1n5935bp 27 13.9 23 0.25 700 1 20.6 1n5936bp 30 12.5 28 0.25 750 1 22.8 1n5937bp 33 11.4 33 0.25 800 1 25.1 1n5938bp 36 10.4 38 0.25 850 1 27.4 1n5939bp 39 9.6 45 0.25 900 1 29.7 1n5940bp 43 8.7 53 0.25 950 1 32.7 1n5941bp 47 8 67 0.25 1000 1 35.8 1n5942bp 51 7.3 70 0.25 1100 1 38.8 1n5943bp 56 6.7 86 0.25 1300 1 42.6 1n5944bp 62 6 100 0.25 1500 1 47.1 1n5945bp 68 5.5 120 0.25 1700 1 51.7 1n5946bp 75 5 140 0.25 2000 1 56 1n5947bp 82 4.6 160 0.25 2500 1 62.2 1n5948bp 91 4.1 200 0.25 3000 1 69.2 1n5949bp 100 3.7 250 0.25 3100 1 76 1n5950bp 110 3.4 300 0.25 4000 1 83.6 1n5951bp 120 3.1 380 0.25 4500 1 91.2 1n5952bp 130 2.9 450 0.25 5000 1 98.8 1n5953bp 150 2.5 600 0.25 6000 1 114 1n5954bp 160 2.3 700 0.25 6500 1 121.6 1n5955bp 180 2.1 900 0.25 7000 1 136.8 1n5956bp 200 1.9 1200 0.25 8000 1 152 mcc part number downloaded from: http:///
1N5913BP thru 1n59 5 6 bp m cc revision: c 20 1 3 / 0 1 /0 1 tm micro commercial components w w w . m c c s e m i .c o m 3 of 5 characteristics (t j =25 unless otherwise specified) symbol parameter vz reverse zener voltage @ i zt i zt reverse current z zt maximum zener impedance @ i zt i zk reverse current z zk maximum zener impedance @ i zk i r reverse leakage current @ v r v r breakdown voltage i f forward current v f forward voltage @ i f figure 1. zener voltage regulator figure 2. steady state power derating figure 3. vz C 3.3 thru 10 volts figure 4. zener voltage C 3.3 to 12 volts figure 5. zener voltage C 14 to 43 volts downloaded from: http:///
1N5913BP thru 1n59 5 6 bp m cc revision: c 20 1 3 /0 1 /0 1 tm micro commercial components w w w . m c c s e m i .c o m 4 of 5 figure 6. effect of zener voltage figure 7. capacitance curve figure 8. typical pulse rating curve figure 9. pulse waveform figure 10. pulse waveform downloaded from: http:///
m cc revision: c 20 1 3 /0 1 /0 1 tm micro commercial components w w w . m c c s e m i .c o m 5 of 5 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 5 k p c s / r e e l p a r t n u m b e r- a p a m m o p a c k i n g : 5 k p c s / a mm o b o x p a r t n u m b e r - bp b u l k: 5 0 k p c s / c a r t o n o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 1N5913BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X