Part Number Hot Search : 
A986A KI5902DC 53100 PL4V3Z NR301E VRE111CA 05D15 X5328S8
Product Description
Full Text Search
 

To Download 1N4752AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features silicon planar power zener diodes low profile surface-mount package maximum ratings operatin g temperature : - 5 5 o c t o + 15 0 o c st ora g e t e mp era tu re : - 5 5 o c t o + 15 0 o c electrical characteristics @ 25 o c unless otherwise specified note: (1) valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature. thr u 1.0 watt zener diode 3 . 6 t o 7 5 vo l t s  
 omp onents 20736 marilla street chatsworth       
     dc power dissi p atio n p d 1.0w t a =25 o c forward thermal resistance r th ja 100 k /w note 1 power derating from 100 o c p tot 10mw/ o c w w w . mccsem i .com 1 of 4 1n472 9aw thru 1n476 1 a w voltage v f 1.2v drop revision : a 20 1 3 / 0 1 / 0 2 lea d fre e finish/roh s complian t ("p"suffi x designate s rohs compliant . se e orderin g information ) moisture sensitivity: level 1 dimensions inches mm dim min m a x min m a x note a .140 .152 3.55 3.85 b .100 .112 2.55 2.85 c .055 .071 1.40 1.80 d ----- .053 ----- 1.35 e .012 .031 0.30 .78 g .006 ----- 0.15 ----- h ----- .01 ----- .25 j ----- .006 ----- .15 a b e c j d h g sod123 0.036 0.093" m cc tm micro commercial components h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
n ot e 1 : vz: toleranc e +/-5% 2: the zener impedance is derived from the 60 hz ac voltage, which results when an ac current having a n rms value equal to 10% of the dc zener current(i zt or i zk ) is superimposed on i zt or i zk . zener impedance is measured at two points to insure a sha rp knee on the breakdown curve and eliminate unstable units. 3: the reverse surge current is measured at 25 o c ambient using a 1/2 square wave or equivalent sine wave pulse 1/120 second duration superimposed on i zt . 4: voltage measurements tobe performed 90 seconds a fter application of dc current. m c c 5: rohs compliant already and pb-free sticker on ree l , box & carto n indicated rohs compliant . mcc zene r test s u r g e m ax imum part numbe r voltag e curren t regu l ato r device urrent curren t marking v z @i zt i zt z zt @i zt z z k @ i z k i z k i r @ v r v r i r i volt s m a ohm s ohm s m a u a volt s ma ma z m 1n472 9a w 3. 6 6 9 1 0 40 01 1 0 0 1 126 0 2 5 2 729 1n473 0a w 3. 9 6 4 9 40 0 1 5 0 1 119 0 23 4 730 1n473 1a w 4. 3 5 8 9 40 0 1 1 0 1 107 0 21 7 731 1n473 2 a w 4. 7 5 3 8 50 0 1 1 0 1 9 7 0 19 3 732 1n473 3 a w 5. 1 4 9 7 55 0 1 1 0 1 8 9 0 17 8 733 1n473 4 a w 5. 6 4 5 5 60 0 1 1 0 2 8 1 0 16 2 734 1n473 5 a w 6. 2 4 1 2 70 0 1 1 0 3 7 3 0 14 6 735 1n473 6a w 6. 8 3 7 3. 5 70 0 1 1 0 4 660 133 736 1 n 4 73 7 a w 7 . 5 3 4 4 70 0 0 . 5 1 0 5 60 5 12 1 737 1n4738 a w 8. 2 3 1 4. 5 70 0 0. 5 1 0 6 550 110 738 1 n 4 73 9 a w 9 . 1 2 8 5 70 0 0 . 5 1 0 7 50 0 10 0 739 1n474 0 a w 1 0 2 5 7 70 0 0.2 5 1 0 7 . 6 45 4 9 1 740 1 n 4 74 1 a w 1 1 2 3 8 70 0 0.2 5 5 8. 4 41 4 8 3 741 1 n 4 74 2 a w 1 2 2 1 9 70 0 0.2 5 5 9. 1 38 0 7 6 742 1 n 4 74 3 a w 1 3 1 9 1 0 70 0 0.2 5 5 9. 9 34 4 6 9 743 1n474 4 a w 1 5 1 7 1 4 7 0 0 0.2 55 11. 4 3 0 4 6 1 744 1 n 4 74 5 a w 1 6 15. 5 1 6 70 0 0.2 55 12. 2 28 5 5 7 745 1n474 6 a w 1 8 1 4 2 0 7 5 0 0.2 55 13. 7 2 5 0 5 0 746 1 n 4 74 7 a w 2 0 12. 5 2 2 75 0 0.2 55 15. 2 22 5 4 5 747 1 n 4 74 8 a w 2 2 11. 5 2 3 75 0 0.2 55 16. 7 20 5 4 1 748 1 n 4 74 9 a w 2 4 10. 5 2 5 75 0 0.2 55 18. 2 19 0 3 8 749 1 n 4 75 0 a w 2 7 9. 5 3 5 7 5 0 0.2 55 20. 6 17 0 34 750 1 n 4 75 1 a w 3 0 8. 5 4 0 100 0 0.2 55 22. 8 1 5 0 3 0 751 1 n 4 75 2 a w 3 3 7. 5 4 5 100 0 0.2 55 25. 1 1 3 5 2 7 752 1 n 4 75 3 a w 3 6 7 5 0 100 0 0.2 55 27. 4 12 5 2 5 753 1 n 4 75 4 a w 3 9 6. 5 6 0 100 0 0.2 55 29. 7 1 1 5 2 3 754 1 n 4 75 5 a w 4 3 6 7 0 150 0 0.2 55 32. 7 11 0 2 2 755 1n4756 a w 4 7 5. 5 8 0 150 0 0.2 55 35. 8 95 19 756 1 n 4 75 7 a w 5 1 5 9 5 150 0 0.2 55 38. 8 9 0 1 8 757 1 n 4 75 8 a w 5 6 4. 5 11 0 200 0 0.2 55 42. 6 8 0 1 6 758 1 n 4 75 9 a w 6 2 4 12 5 200 0 0 . 2 55 47. 1 7 0 1 4 759 1 n 4 76 0 a w 6 8 3. 7 15 0 200 0 0.2 55 51. 7 6 5 1 3 760 1 n 4 76 1 a w 7 5 3. 3 17 5 200 0 0.2 5 5 5 6 6 0 1 2 761 leakage current maximum reverse maximum dynamic impedance electrical characteristics (t a = 25c unless otherwise noted). maximum v f = 1.2v at i f = 200ma 1n47 2 9a w thru 1n47 6 1 aw www. mccsemi .com 2 of 4 tm micro commercial components m c c revision : a 20 1 3 / 0 1 / 0 2 downloaded from: http:///
1n472 9aw thru 1n47 6 1 aw www. mccsemi .com 3 of 4 m c c tm micro commercial components figure 3 . effect of zener current on zener impedance figure 4 . effect of zener voltage on zener impedance 1000 500200 100 5020 10 52 1 0.1 0.2 0.5 1 2 5 10 20 50 100 i z , zener current (ma) z z , dynamic impedance (ohms) 1000 700500 200 100 7050 20 10 75 2 1 1 2 100 v z , zener current (ma) 3 5 7 10 20 30 50 70 z z , dynamic impedance (ohms) t j = 25 c i z (rms) = 0.1 i z (dc) f = 60 hz 6.2 v 27 v v z = 2.7 v 47 v t j = 25 c i z (rms) = 0.1 i z (dc) f = 60 hz 20 ma 5 ma i z = 1 ma figure 1 . typical thermal resistance versus lead length figure 2 . effect of zener current 175150 125 100 7550 25 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 l, lead length to heat sink (inches) jl , junction-to-lead thermal resistance (mv/ c/w) v z , temperature coefficient (mv/ c) +6+4 +2 0 C2C4 3 4 5 6 7 8 v z , zener voltage (volts) v z @ i z t a = 25 c 20 ma 0.01 ma 1 ma note: below 3 volts and above 8 volts note: changes in zener current do not note: effect temperature coefficients revision : a 20 1 3 / 0 1 / 0 2 downloaded from: http:///
m c c tm micro commercial components www. mccsemi .com 4 of 4 revision : a 20 1 3 / 0 1 / 0 2 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 3 k p c s / r e e l o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 1N4752AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X