Part Number Hot Search : 
NX2016AA HTCM366 1N4746AP MC3062 DSS12 SR2040 ESR0604 AWT6251
Product Description
Full Text Search
 

To Download WP7113ID5V-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsaf2406 rev no: v.6a date: jan/23/2015 page: 1 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101005047 t-1 3/4 (5mm) solid state lamp part number: wp7113id5v high efficiency red features z low power consumption. z popular t-1 3/4 diameter package. z general purpose leads. z reliable and rugged. z long life - solid state reliability. z available on tape and reel. z 5v internal resistor. z rohs compliant. descriptions z the high efficiency red source color devices are made with gallium arsenide phosphide on gallium phosphide orange light emitting diode. z electrostatic discharge and power surge could damage the leds. z it is recommended to use a wrist band or anti- electrostatic gl ove when handling the leds. z all devices, equipments and machineries must be electrically grounded. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. lead spacing is measured where the leads emerge from the package. 4. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice . attention observe precautions for handling electrostatic discharge sensitive devices
spec no: dsaf2406 rev no: v.6a date: jan/23/2015 page: 2 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101005047 selection guide absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1. 2mm below package base. 2. 5mm below package base. part no. dice lens type iv (mcd) [2] v= 5v v iewing angle [1] min. typ. 2 1/2 wp7113id5v high efficiency red (gaasp/gap) red diffused 20 40 *12 *25 30 symbol parameter device typ. max. units test conditions peak peak wavelength high efficiency red 627 nm v f =5v d [1] dominant wavelength high efficiency red 617 nm v f =5v ? 1/2 spectral line half-width high efficiency red 45 nm v f =5v i f forward current high efficiency red 13 17.5 ma v f =5v i r reverse current high efficiency red 10 ua v r = 5v parameter high efficiency red units power dissipation 85 mw forward voltage 6 v reverse voltage 5 v operating temperature -40c to +70c storage temperature -40c to +85c lead solder temperature [1] 260c for 3 seconds lead solder temperature [2] 260c for 5 seconds notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. *luminous intensity value is traceable to the cie127-2007 compliant national standards. notes: 1. wavelength: +/-1nm. 2. wavelength value is traceable to the cie127-2007 compliant national standards. 3. excess driving current and/or operating temperature higher t han recommended conditions may result in severe light degradatio n or premature failure.
spec no: dsaf2406 rev no: v.6a date: jan/23/2015 page: 3 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101005047 high efficiency red wp7113id5v
spec no: dsaf2406 rev no: v.6a date: jan/23/2015 page: 4 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101005047 packing & label specifications wp7113id5v terms and conditions for the usage of this document 1. the information included in this docum ent reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the produc t is being operated within the environmental and electrical limits specified in the datas heet. if customer usage exceeds the specified limits, kingbright will not be resp onsible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applicati ons. if customer's application ha s special reliability requirements or have life-threatening liabilitie s, such as automotive or m edical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes
spec no: dsaf2406 rev no: v.6a date: jan/23/2015 page: 5 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101005047
spec no: dsaf2406 rev no: v.6a date: jan/23/2015 page: 6 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101005047


▲Up To Search▲   

 
Price & Availability of WP7113ID5V-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X