Part Number Hot Search : 
8L09A SCD34MH P6KE350A XW130 BU2090FS 79M20 PKF2111 C3709A
Product Description
Full Text Search
 

To Download TTY5003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TTY5003 2015/09/07 page 1 of 7 version 1.1 power switch sensing led lighting control chip descriptions of product ? TTY5003 is an led lighting control chip that can detect the switching of power supplied by city electricity. the on/off switching within the preset time can control the output modes of the led lighting, with control of single and double lights, where the single light mode can control 3 levels of brightness while the double light mode can be implemented in lighting with double colors for hue control of different light sources. such functions can control the brightness or change the light color for enriched life. features of the product ? operating voltage 2.4v - 5.5v ? applicable to three led switching modes: single light control mode, single light double colors control mode, and double light switching control mode ? one can select single light double colors control mode or double light switching mode through the opt pin. the single light control mode has its own independent opt pin selected as low ? each led switching mode has three levels of output for selection ? use the power switch to select the method of led output ? automatic light off in power outage product applications ? lighting equipment for home, living room, bathroom, hallway, and office. pin diagram of packaging sop-fo8 1 8 2 7 3 6 4 5 led1 led2 led3 vdd otp zc nc vss
TTY5003 2015/09/07 page 2 of 7 version 1.1 pin definition pin pin name type descriptions of function 1 opt i output selection for single light double colors high double light switching low , high when floating and low for single light adjustment 2 zc i input for detection of zero crossing of ac power signal 3 nc o unused, floating 4 vss p negative terminal of power supply 5 vdd p positive terminal of power supply 6 led3 o led output control of single light adjustment control mode high 7 led2 o output control of single light double colors and double light switching control modes high 8 led1 o output control of single light double colors and double light switching control modes high pin type ? i input ? o output ? p power supply
TTY5003 2015/09/07 page 3 of 7 version 1.1 descriptions of work mode ? TTY5003 has three led switching functions 1. single light adjustment control mode led1 option select = neglect the order of output is off ? full brightness 100% ? half brightness 50% dimmed 10% 2. single light double color control mode with color light 1 led1 and color light 2 led2 option selsct = high or open the order of output is off ? color light 1 full brightness ? color light 2 full brightness color lights 1 and 2 half brightness 3. double light switching control mode left light led1 and right light led2 option selsct = low the order of output is off ? left light full brightness ? right light full brightness both left and right lights full brightness ? definition of switching led output by power switch 1. when the power is turned off for less than 0.1 second, the switching is ineffective and the output remains at the original level. 2. when the power off time is with 0.1 second and 2 seconds, the switching is effective and the setting steps to the next level. 3. if the power off time (or outage) is longer than 2.0 seconds, the setting returns to the first level. 4. dissipating current in each mode. vdd=4.5v, ambient temperature is 25 led output load 47k ? level single light adjustment control mode pwm frequency single light double colors control mode pwm frequency double light switching control mode pwm frequency 1 125ua all on 125ua all on 125ua all on 2 70ua 1.6khz 125ua all on 125ua all on 3 30ua 1.6khz 700ua 1khz 240ua all on vdd=4.5v, ambient temperature is 25 led output no load level single light adjustment control mode pwm frequency single light double colors control mode pwm frequency double light switching control mode pwm frequency 1 15ua all on 15ua all on 15ua all on 2 15ua 1.6khz 15ua all on 15ua all on 3 15ua 1.6khz 600ua 1khz 15ua all on
TTY5003 2015/09/07 page 4 of 7 version 1.1 ac dc characteristics ? absolute maximum ratings item symbol rating operating temperature top -20 ~ +70 storage temperature tst -50 ~ +125 supply voltate vdd vss-0.3v ~ vss+6.0v input voltage vin vss-0.3v ~ vdd+0.3v esd human body mode esd > 5kv note vss symbolizes for system ground ? d.c. characteristics ? a.c. characteristics parameter symbol test conditions min typ max unit operating voltage vdd osch generated by on-chip 910khz oscillator 2.4 - 5.5 v operating current i nd3 normal mode, no load vdd=3.0v, sch=910khz - 0.4 0.7 ma green mode current istbl adc off, osch stop, oscl active, vdd=3.0v, no load - 0.8 1.2 ua istb2 adc measurement cycle time=32ms, osch stop, oscl active, vdd=3.0v, no load - 1.1 1.5 ua input low voltage v il input low voltage 0 - 0.2 vdd input high voltage v ih input high voltage 0.8 - 1.0 vdd sink current of output i ol vdd=3.0v, v ol =0.6v 2 4 - ma source current of output i oh vdd=3.0v, v oh =2.4v - -4 -2 ma pull-high resistor of pb and pc r ph vdd=3.0v 50 100 150 k ? ambient temperature is 25 parameter test conditi ons min typ max unit high-speed clock osch frequency on-chip 910khz oscillator 882k 910k 937k hz system stable time after power up stable time = oscl startuptime + 1/oscl x 256 - 17 - ms wake up time wake up time to low power mode = oscl startup time + 1/oscl x 4 - 1 - ms wake up time to normal mode = osch startup time + 1/osch x 4 - 1 - ms vdd=3v, ambient temperature is 25
TTY5003 2015/09/07 page 5 of 7 version 1.1 diagram of application circuits ? single light adjustment control mode
TTY5003 2015/09/07 page 6 of 7 version 1.1 ? single light double colors control mode ? double light switching control mode
TTY5003 2015/09/07 page 7 of 7 version 1.1 descriptions of packaging ? sop 8 pins ordering information TTY5003 package type chip type wafer type


▲Up To Search▲   

 
Price & Availability of TTY5003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X