Part Number Hot Search : 
SD4870A SA605 NX7460LE MAX1473 P6KE200 T2080 39108 APU3037
Product Description
Full Text Search
 

To Download TMH0505D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.tracopower.com page 1 of 3 dc/dc converters tmh series, 2 watt features single-in-line package (sip) fully smd-design isolated single and dual output i/o isolation 1000 vdc high effciency up to 83 % industry standard pinout 100% burn-in (8 h) lead free design, rohs compliant 3-year product warranty the tmh series are ultra miniature, isolated 2 watt dc/dc-converters in a single- in-line package (sip). requiring only 1.5 cm2 board space they offer the ideal solution in many space critical applications for board level power distribution. the use of smd-technology makes it possible to offer a product with high performance at low cost. ordercode input voltage output voltage output current max. effciency typ. tmh 0505s 5 vdc 400 ma 76 % tmh 0512s 12 vdc 165 ma 80 % tmh 0515s 5 vdc 10% 15 vdc 130 ma 80 % tmh 0505d 5 vdc 200 ma 77 % tmh 0512d 12 vdc 80 ma 79 % tmh 0515d 15 vdc 65 ma 79 % tmh 1205s 5 vdc 400 ma 78 % tmh 1212s 12 vdc 165 ma 82 % tmh 1215s 12 vdc 10% 15 vdc 130 ma 83 % tmh 1205d 5 vdc 200 ma 79 % tmh 1212d 12 vdc 80 ma 82 % tmh 1215d 15 vdc 65 ma 82 % tmh 2405s 5 vdc 400 ma 77 % tmh 2412s 12 vdc 165 ma 81 % tmh 2415s 24 vdc 10% 15 vdc 130 ma 82 % tmh 2405d 5 vdc 200 ma 79 % tmh 2412d 12 vdc 80 ma 81 % tmh 2415d 15 vdc 65 ma 82 % models
http://www.tracopower.com page 2 of 3 all specifcations valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated. dc/dc converters tmh series 2 watt input specifications input current no load / full load 5 vin models 50 ma / 510 ma typ. 12 vin models 20 ma / 200 ma typ. 24 vin models 10 ma / 100 ma typ. surge voltage (1 sec. max.) 5 vin models 9 v max. 12 vin models 18 v max. 24 vin models 30 v max. reverse voltage protection 0.3 a max. reflected input ripple current can be reduced by ext. 1C3.3 f polyester film capacitor input filter internal capacitors output specifications voltage set accuracy 3 % voltage balance (dual output models) 1 % max. regulation C input variation 1.2 % / 1 % change vin C load variation 20 C 100 % 10 % max. ripple and noise (20 mhz bandwidth) 5 vin models 75 mv pk-pk max. 12 /24 vin models 150 mv pk-pk max temperature coefficient 0.02 % / k short circuit protection limited 1 sec. max. capacitive load C single output models 470 f max. C dual output models 390 f max. general specifications temperature ranges C operating C40c to +85c C case temperature +90c max. C storage C40c to +125c derating (convection cooling) 3 %/k above +70c humidity (non condensing) 95 % rel h max. derating (convection cooling) 3 %/k above +70c reliability, calculated mtbf (mil-hdbk-217f at +25c, ground benign) >2000000 h isolation voltage (60sec.) input/output 1000 vdc isolation capacitance input/output 80 pf typ. isolation resistance input/output >1000 mohm switching frequency 80 khz typ. (frequency modulation) frequency change over line and load 30 % max. environmental compliance C reach www.tracopower.com/products/tmh-reach.pdf C rohs rohs directive 2002/95/ec
page 3 of 3 physical specifications casing material non conductive black plastic (ul 94-v0 rated) package weight 2.7 g ( 0.1oz) soldering temperature max. +265c / 10 sec. outline dimensions mm (inches) bottom view 1 2 5 4 6 1 .25 2.54 0.5 2.3  0.5 2.54 19.5 (0.77) 5.08 2.54 7.5 (0.3) 0.5 (0.02) 10.2 (0.4) 3. 2 (0. 13) (0.02) 0.5 (0.02) (0.1) (0.1) (0.1) (0.09  0.02 ) (0.2) (0.05) 0.5 (0.02) 0.25 (0.01) tolerances 0.25 (0.01) pins 0.05 (0.002) pin single dual 1 +vin (vcc) +vin (vcc) 2 Cvin (gnd) Cvin (gnd) 4 Cvout Cvout 5 no pin common 6 +vout +vout pin-out dc/dc converters tmh series 2 watt rev. 03/12 specifcations can be changed any time without notice. jenatschstrasse 1 ch-8002 zurich switzerland t el. +41 43 311 45 11 fax +41 43 311 45 45 info@traco.ch www .tracopower .com


▲Up To Search▲   

 
Price & Availability of TMH0505D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X