Part Number Hot Search : 
BDW52C CR200 00TTS SQZ300 PE38752H 24LC01B 15U48S15 EC12E12
Product Description
Full Text Search
 

To Download TBOX810-838-FL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  293 features new standard color silver-black construction aluminum extrusion and heavy-duty steel cpu intel? atom? processor e3845 (4c@1.91 ghz) intel? atom? processor e3827 (2c@1.75 ghz) system memory ddr3l-1333, 4 gb memory onboard chipset soc integrated bios ami system i/o outlet rear side option #1: 2 x m12 a-coded gbe lan + 1x m12 a-coded dc power input option #2: 2 x rj-45 gbe lan + 1 x phoenix dc power input (intel? i210 lan chip x2) 2 x audio (mic-in/line-out) (optional) front side 2 x rs-232/422/485 1 x di/do (8bit programmable) 1 x vga 2 x usb 2.0 1 x remote switch 1 x reset button 4 x antenna opening watchdog timer 255 levels, 0 ~ 255 seconds/minutes storage 1 x 2.5 9.5 mm sata drive 1 x msata expansion interface 2 x full-size mini pcie card slots, 1x supported msata 1 x sim card socket system indicator 1 x green led indicator for system power 1 x green led indicator for programmable #1 1 x green led indicator for programmable #2 1 x yellow led indicator for hdd active 1 x green led indicator for lan #1 active 1 x green led indicator for lan #2 active power supply power input: 9 ~ 36vdc typical: 12/24vdc operating temperature -40c ~ +70c (-40f ~ +158f) with w.t. ssd -25c ~ +55c (-13f ~ +131f) with w.t. hdd storage temperature -40c ~ +80c (-40f ~ +176f) humidity 5% ~ 95%, non-condensing vibration endurance 3 grms w/ ssd (5-500hz, x, y, z direction; random) 1 grms w/ hdd (5-500hz, x, y, z direction; random) shock comply en 61373 section 10 table 3 category 1 class a and class b up to 5grms (30ms, x/y/z direction) dimensions 163.8 mm (6.44") (w) x 108 mm (4.25) (d) x 44 mm (1.73) (h) weight (net/gross) 0.77 kg (1.69 lb)/ tbc certificate ce (class a), en50155, en50121, emark, iso7637, iec60945 certificated eos support we8s, wes 7, linux TBOX810-838-FL emark, iso7637, en50155, en50121 and iec60945 certificated intel? atom? bay trail-i e3845 4c@1.91 ghz or e3827 2c@1.75ghz ddr3l-1333 4 gb system memory onboard fanless with operating temperature range of -40c ~ +70c (en50155 class tx) intelligent power management solution compact size with rich multiple i/os, din rail and wall mount supported 2 full size mini pcie card slots and 1 sim card socket specifications ordering information standard TBOX810-838-FL-e3827- m12-dc fanless vehicle/railway/marine embedded system, with intel? atom? e3827 1.75ghz processor, 4gb dram, 2 usb, vga,2 gbe lan (m12), m12 dc-in, 2 com, dio (8bit programmable) TBOX810-838-FL-e3827- rj-dc fanless vehicle/railway/marine grade embedded system with intel? atom? e3827 1.75ghz processor, 4gb dram, 2 usb, vga,2 gbe lan, phoenix dc-in, 2 com, dio (8bit programmable) TBOX810-838-FL-e3827- m12-acc-dc fanless vehicle/railway/marine grade embedded system with intel? atom? e3827 1.75ghz processor, 4gb dram, 2 usb, vga,2 gbe lan (m12), m12 dc-in, 2 com, dio, dio(8bit programmable) with acc power setting for vehicle TBOX810-838-FL-e3845- m12-dc fanless vehicle/railway/marine grade embedded system with intel? atom? e3845 1.91ghz processor, 4gb dram, 2 usb, vga,2 gbe lan (m12), m12 dc-in, 2 com, dio (8bit programmable) TBOX810-838-FL-e3845- rj-dc fanless vehicle/railway/marine grade embedded system with intel? atom? e3845 1.91ghz processor, 4gb dram, 2 usb, vga,2 gbe lan, phoenix dc-in, 2 com, dio (8bit programmable) TBOX810-838-FL-e3845- m12-acc-dc fanless vehicle/railway/marine grade embedded system with intel? atom? e3845 1.91ghz processor, 4gb dram, 2 usb, vga,2 gbe lan (m12),m12 dc-in, 2 com, dio (8bit programmable) with acc power setting for vehicle optional 2.5sata hdd/ssd msata ssd 3g/4g module wi-fi module wi-fi & bluetooth gps module canbus module video card module *specifications and certifications are based on options and may vary. fanless embedded system with intel? atom? processor e3845/e3827 for vehicle, railway and marine pc front view rear view antenna opening gbe lan (m12/rj-45 is optional) dc-in (m12/phoenix is optional) iec60945 e13/iso7637 fanless ext. temp ddr3 ddr3 ddr3 low power en50155 * all specifications and photos are subject to change without notice.
overview embedded systems embedded systems for transportation embedded field controllers industrial firewall digital signage solutions 2 294 expansion & installation packing list dimensions power protection dc version scp (short circuit protection) ovp (over voltage protection) uvp (under voltage protection) iso7637 pulse 1/2/3/4/5a battery protection setting: low voltage, very low voltage ignition control setting: low voltage counter, acc-on delay, shut down delay compact size 163.8 x 108 x 44 mm, such thin and light as palm size onboard processor and system memory comes with great reliability and stability 2 x mini pcie card slots + 1x sim card socket excellent extendibility in such compact size simple storage maintenance din rail, wall mount supported for various application, without space limitation optional i/o ports option for audio, lan jack type and dc-in jack type 1 x quick manual 1 x driver cd 1 x screw pack 4 x foot pad 1 x wall-mount kit 1 x din rail kit axiomtek.com ? 2016 axiomtek co., ltd. all rights reserved. * all specifications and photos are subject to change without notice. embedded microboxes industrial barebone systems industrial chassis backplanes power supplies peripherals & accessories


▲Up To Search▲   

 
Price & Availability of TBOX810-838-FL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X