Part Number Hot Search : 
6404A MK325 SCH3114 F45H11G 74LVC1G KH39GM2 25U4035 2812D
Product Description
Full Text Search
 

To Download SMP1302-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 200043x ? skyworks proprietary information ? products and product in formation are subject to cha nge without notice ? aug ust 6, 2015 1 data sheet smp1302 series: switch and attenuator plastic packaged pin diodes applications ? tv distribution and cellular base stations ? high volume switch and attenuators features ? designed for base station and handset applications ? low-distortion design ? available in tape and reel packaging ? packages rated msl1 @ 260 ? c per jedec j-std-020 s kywork s green tm product s are compliant with all applicable legi s lation and are halogen-free. for additional information, refer to skyworks de?nition of green tm , document number s q04C0074. description the smp1302 series of plastic packaged, surface mountable, low capacitance (0.3 pf) silicon pin diodes is designed for high- volume switch and attenuator applications from 10 mhz to beyond 10 g hz. these diodes are designed for use in low-distortion tee attenuators with low drive current (maximum resistance at 1 ma is 10 ) commonly used in tv distribution and cellular base station applications. the nominal 50 m i region width, combined with a maximum resistance of 3 at 10 ma, makes these diodes useful in large signal switch applications. the smp1302 series provides single, dual, and quad diodes in a selection of plastic packages including sot-23, sod-323, sc-79, sc-70, sc-88, and a small footprint sod-882. table 1 describes the various packages and marking of the smp1302 series.
data sheet ? smp1302 series pin diodes skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 2 august 6, 2015 ? skyworks prop rietary information ? products and product information are subj ect to change without notice ? 200043x table 1. smp1302 series packaging and marking single common anode common cathode reverse series pair single single quad common cathode single sot-23 sot-23 sc-70 sot-23 sod-323 g reen? sc-79 g reen? sc-88 sod-882 g reen? SMP1302-001 marking: pf1 smp1302-003 marking: pf9 smp1302-074 marking: pf3 smp1302-078lf marking: xix smp1302-040lf marking: w SMP1302-001lf g reen? marking: rf1 smp1302-003lf g reen? marking:rf9 smp1302-074lf g reen? marking: rf3 smp1302-006lf g reen? marking: rf8 smp1302-011lf marking: rf ? smp1302- 079lf marking: cathode and c3 l s = 1.5 nh l s = 1.5 nh l s = 1.4 nh l s = 1.5 nh l s = 1.5 nh l s = 0.7 nh l s = 1.4 nh l s = 0.45 nh the pb-free symbol or lf in the part number denotes a lead-free, rohs-compliant pa ckage unless otherwise noted as g reen?. tin/lead (sn/pb) packaging is not recommended for new designs. smp1302-078lf pinout table 2 provides the signal pin assignments for the 6-pin sc-88 quad common cathode package. electrical and mechanical specifications the absolute maximum ratings of the smp1302 series are provided in table 3. electrical specifications are provided in table 4. resistance versus temperature measurements are provided in table 5. typical performance characteristics of the smp1302 series are illustrated in figures 1 to 4. package dimensions are shown in figures 5 to 15 (odd numbers), and tape and reel dimensions are provided in figures 6 to 16 (even numbers).
data sheet ? smp1302 series pin diodes skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 200043x ? skyworks proprietary information ? products and product in formation are subject to cha nge without notice ? aug ust 6, 2015 3 table 2. smp1302-078lf pin signals pin name pin name 1 anode 1 4 anode 3 2 common cathode 5 common cathode 3 anode 2 6 anode 4 table 3. smp1302 series absolute maximum ratings parameter symbol minimum maximum units reverse voltage v r 200 v power dissipation @ 25 c lead temperature p d 250 mw storage temperature t st g C65 +150 ? c operating temperature t a C65 +150 ? c electrostatic discharge: human body model (hbm), class 1c esd 1000 2000 v note: exposure to maximum rating conditions for extended periods may reduce device reliability. there is no damage to device with on ly one parameter set at the limit and all other parameters set at or below their nominal value. exceeding any of the limits listed here may result in permanent damage to the d evice. caution : although this device is designed to be as robust as possible, electrostatic discharge (esd) can damage this device. this devi ce must be protected at all times from esd. static charges may eas ily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. industry-standard esd precautions should be used at all times. table 4. smp1302 series electrical specifications (note 1) (t a = +25 ? c, unless otherwise noted) parameter symbol test condition min typical max units reverse current i r v r = 200 v 10 a capacitance c t f = 1 mhz, v = 30 v 0.3 pf resistance r s f = 100 mhz : i = 1 ma i = 10 ma i = 100 ma 15 20 3 1.5 forward voltage v f i f = 10 ma 0.8 v carrier lifetime ti i f = 10 ma 0.7 s i region width 50 m note 1: performance is guaranteed only under the conditions listed in this table.. package and handling information instructions on the shipping container label regarding exposure to moisture after the container seal is broken must be followed. otherwise, problems related to moisture absorption may occur when the part is subjected to high temperature during solder assembly. the smp1302 series is rated to moisture sensitivity level 1 (msl1) at 260 ? c. it can be used for lead or lead-free soldering. for additional information, refer to the skyworks application note, solder reflow information , document number 200164. care must be taken when attaching this product, whether it is done manually or in a production solder reflow environment. production quantities of this product are shipped in a standard tape and reel format.
data sheet ? smp1302 series pin diodes skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 4 august 6, 2015 ? skyworks prop rietary information ? products and product information are subj ect to change without notice ? 200043x table 5. resistance vs temperature @ 100 mhz i f (ma) r s @ C55 c ( ) r s @ C15 c ( ) r s @ +25 c ( ) r s @ +65 c ( ) r s @ +100 c ( ) 0.02 599 653 692 715 722 0.10 123 135 143 154 161 0.3 42.2 46.6 49.7 54.3 56.8 1.0 13.5 15.0 16.2 17.9 18.8 10 2.0 2.3 2.6 2.9 3.0 20 1.34 1.50 1.70 2.00 2.00 100 0.60 0.74 1.00 1.10 1.10 typical performance characteristics (t a = +25 ? c, unless otherwise noted) 0.01 0.1 1 10 100 forward c urrent (ma) s erie s re s i s tance ( ) 0.1 1 10 100 1000 figure 1. series resistance vs current @ 100 mhz 0 1 2 5 10 20 100 50 0 0.2 0.4 0.6 0.1 0.3 0.5 0.7 0.8 reverse voltage (v) capacitance (pf) 100 mhz 1 mhz 1 g hz figure 3. capacitance vs reverse voltage 400 500 600 700 800 900 1000 0.01 0.1 1 10 100 forward voltage (mv) forward current (ma) figure 2. dc characteristic 0 500 1000 1500 2000 frequency (mhz) c onductance ( s ) 0 50 100 150 200 250 300 0 v 10 v 40 v figure 4. conductance vs frequency and reverse voltage
data sheet ? smp1302 series pin diodes skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 200043x ? skyworks proprietary information ? products and product in formation are subject to cha nge without notice ? aug ust 6, 2015 5 3 2 1 0.031 (0.80 mm) min. 0.039 (1.00 mm) max. 0.000 (0.00 mm) min. 0.004 (0.10 mm) max. 0.010 (0.25 mm) min. 0.016 (0.40 mm) max. 0.071 (1.80 mm) min. 0.087 (2.20 mm) max. 0.071 (1.80 mm) min. 0.094 (2.40 mm) max. 0.045 (1.15 mm) min. 0.053 (1.35 mm) max. 0.026 (0.65 mm) ref. 0.051 (1.30 mm) ref. 0.004 (0.10 mm) min. 0.007 (0.18 mm) max. 0.004 (0.10 mm) min. 0.012 (0.30 mm) max. 0.014 (0.35 mm) ref. s1653 dimensions are in inches (millimeters shown in parentheses) figure 5. sc-70 package dimension drawing 8.00 +0.3/C0.1 4.00 ( s ee note 1) 1.00 2.25 (ao) 4.00 3.50 0.05 ( s ee note 3) 2.50 (bo) 2.00 1.75 0.10 a a a t 0.05 1.1 9 (ko) 0.5 9 ? 0.7 6 min. ? 1.50 +0.1/C0 pin 1 r 0.3 typ. s1 68 5c 2.00 0.05 ( s ee note 3) r 0.20 max. notes: 1. sprocket hole pitch cumulative tolerance 0.2. 2. carrier tape: black conductive polystyrene. 3. pocket position relative to sprocket hole measured as true position of pocket, not pocket hole. 4. cover tape material: transparent conductive psa with 9.2 mm width. 5. all measurements are in millimeters. figure 6. sc-70 tape and reel dimensions
data sheet ? smp1302 series pin diodes skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 6 august 6, 2015 ? skyworks prop rietary information ? products and product information are subj ect to change without notice ? 200043x 0.0 6 0 (1.50 mm) min. 0.0 6 7 (1.70 mm) max. 0.010 (0.25 mm) min. 0.014 (0.35 mm) max. 0.043 (1.10 mm) min. 0.051 (1.30 mm) max. 0.020 (0.50 mm) min. 0.028 (0.70 mm) max. 0.003 (0.07 mm) min. 0.008 (0.20 mm) max. 10 max. 10 max. 0.028 (0.70 mm) min. 0.035 (0. 9 0 mm) max. 0.00 6 (0.15 mm) min. polarity indicator area 12 s1 6 52 dimensions are in inches (millimeters shown in parentheses) box or bar figure 7. sc-79 package dimension drawing s2 9 2 9 notes: 1. carrier tape: black conductive polycarbonate or polystyrene. 2. cover tape material: transparent conductive psa. 3. cover tape size: 5.4 mm width. 4. esd-surface resistivity is 1 x 10 8 ohms/square per eia, jedec tnr speci?cation. 5. all measurements are in millimeters. 8.00 0.20 0.22 9 0.02 (t) 3.50 0.05 a b ?1.50 0.10 ?0.50 0.05 4.00 0.10 4.00 0.10 2.00 0.05 0.80 0.05 (ko) 1. 9 5 0.05 (bo) 1.40 0.05 0.3 9 0.05 0. 9 0 0.05 (ao) 1.75 0.10 2 o max 2 max a b b a pin 1 indicator figure 8. sc-79 tape and reel dimensions
data sheet ? smp1302 series pin diodes skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 200043x ? skyworks proprietary information ? products and product in formation are subject to cha nge without notice ? aug ust 6, 2015 7 0.07 9 (2.00 mm) 0.008 (0.20 mm) 0.04 9 (1.25 mm) 0.004 (0.10 mm) 0.008 (0.20 mm) 0.004 (0.10 mm) 0.083 (2.10 mm) 0.012 (0.30 mm) 0.035 (0. 9 0 mm) 0.004 (0.10 mm) 0.002 (0.005 mm) 0.002 (0.005 mm) 0.037 (0. 9 5 mm) 0.00 6 (0.15 mm) 0.010 (0.25 mm) 0.00 6 (0.15 mm) 0.0055 (0.14 mm) 0.0015 (0.04 mm) 0.025 6 (0. 6 5 mm) b sc 0.00 9 (0.23 mm) ref s1 6 70 a dimensions are in inches (millimeters shown in parentheses) figure 9. sc-88 package dimension drawing notes: 1. carrier tape: black conductive polystyrene. 2. cover tape material: transparent conductive hsa. 3. cover tape size: 5.40 mm width. 4. ten sprocket hole pitch cumulative tolerance 0.20 mm. 5. all measurements are in millimeters. 6. standard reel size is 7 inches. standard reel quantity is 3000 pcs. 2.25 0.10 (ao) 0.30 0.05 2.70 0.10 (bo) 8.00 +0.30/C0.10 4.00 (note 4) 4.00 0.10 pin #1 3.50 0.05 2.00 0.05 1.75 0.10 a b 1.20 0.10 (ko) a b b a ? 1.50+ 0.10/C0.00 ? 1.00 min. r0.30 typ. s1 6 20 figure 10. sc-88 tape and reel dimensions
data sheet ? smp1302 series pin diodes skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 8 august 6, 2015 ? skyworks prop rietary information ? products and product information are subj ect to change without notice ? 200043x 12 0.090 (2.29 mm) min. 0.107 (2.72 mm) max. 0.000 (0 mm) min. 0.004 (0.10 mm) max. 0.012 (0.305 mm) min. 0.016 (0.406 mm) max. 0.036 (0.91 mm) min. 0.046 (1.17 mm) max. 0.010 (0.25 mm) min. 0.018 (0.46 mm) max. 0.005 (0.127 mm) min. 0.008 (0.203 mm) max. 0.044 (1.12 mm) min. 0.054 (1.37 mm) max. 0.025 (0.635 mm) min. 0.037 (0.940 mm) max. 0.013 (0.33 mm) min. 0.017 (0.43 mm) max. cathode indicator 0.008 ref. g auge datum for foot length measurement 0.060 (1.52 mm) min. 0.070 (1.78 mm) max. s1619 dimensions are in inches (millimeters shown in parentheses) figure 11. sod-323 package dimension drawing s2 9 10 pin 1 indicator 2.00 0.05 0.30 0.05 4.00 4.00 ( s ee note 4) 1.52 (ao) 2. 9 0 (bo) 1.35 (ko) 1.07 (k1) 2.08 0.84 r0.5 typ. r0.3 max. ?1.50 +0.1/C0 ?1.00 min. 8.00 +0.30/C0.10 3.50 0.05 1.75 0.10 a notes: 1. carrier tape: black conductive polystyrene. 2. cover tape: transparent conductive psa. 3. cover tape size: 5.4 mm width. 4. 10 sprocket hole pitch cumulative tolerance: 0.20 mm. 5. all measurements are in millimeters. a a figure 12. sod-323 tape and reel dimensions
data sheet ? smp1302 series pin diodes skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 200043x ? skyworks proprietary information ? products and product in formation are subject to cha nge without notice ? aug ust 6, 2015 9 3 2 1 0.035 (0.89 mm) min. 0.044 (1.12 mm) max. 0.0005 (0.01 mm) min. 0.004 (0.10 mm) max. 0.012 (0.30 mm) min. 0.020 (0.50 mm) max. 0.003 (0.080 mm) min. 0.008 (0.20 mm) max. 8 max. 0.022 (0.55 mm) ref. 0.110 (2.80 mm) min. 0.120 (3.04 mm) max. 0.083 (2.10 mm) min. 0.104 (2.64 mm) max. 0.037 (0.95 mm) ref. 0.047 (1.20 mm) min. 0.055 (1.40 mm) max. 0.076 (1.92 mm) ref. 0.020 (0.51 mm) ref. s1389 dimensions are in inches (millimeters shown in parentheses) figure 13. sot-23 package dimension drawing notes: 1. carrier tape: black conductive polycarbonate. 2. cover tape material: transparent conductive psa. 3. cover tape size: 5.40 mm width. 4. tolerance 0.10 mm. 5. ten sprocket hole pitch cumulative tolerance: 0.2 mm. 6. all measurements are in millimeters. 7. alternative carrier tape dimensions are: ao = 3.3 bo = 2.9 ko = 1.22 3.10 (ao) 1.0 2.2 2.70 (bo) 8.00 + 0.3/C0.1 4.00 4.00 ( s ee note 5) 2.00 0.05 3.50 0.05 1.75 0.10 a a a 0.25 0.05 0.8 0.05 1.20 (ko) ?1.00 min. r 0.5 typ. pin 1 indicator ?1.5 + 0.1/C0 s1 68 4b r 0.3 max figure 14. sot-23 tape and reel dimensions
data sheet ? smp1302 series pin diodes skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 10 august 6, 2015 ? skyworks prop rietary information ? products and product information are subj ect to change without notice ? 200043x notes: 1. all measurements are in millimeters. 2. dimensions and tolerances according to asme y14.5m-1994. 3. these packages are used principally for discrete devices. 4. this dimension includes stand-off height and package body thickness, but does not include attached features, e.g., external heatsink or chip capacitors. an integral heatslug is not considered an attached feature. 5. this dimension is primarily terminal plating, but does not include small metal protrusion. 0.05 2x 0.05 0.4 6 + 0.04 C0.0 6 0.05/0.00 terminal 1 0.03 c 2x 0.25 0.05 2x pin 1 indicator 0. 6 00 a 0. 6 50 c b 1.000 s eating plane 4 2x 0.50 0.05 0.10 m a b 0.10 m a b 0.325 5 y1410 figure 15. sod-882 package dimension drawing s1 9 22 a b 2.00 0.05 ? 1.55 0.05 (d0) ? 0.40 0.05 (d1) c athode indicator 0.20 1.15 0.05 (bo) 0.70 0.05 (a0) 4.00 0.10 a b b a 2.00 0.05 0.47 0.05 (ko) 1.75 0.10 3.50 0.05 8.00 0.1 notes: 1. carrier tape: black conductive polycarbonate. 2. cover tape: transparent conductive material. 3. cover tape size: 5.4 mm width. 4. esd surface resistivity is 1 x 10 4 ~ 1 x 10 8 ohms/square. 5. all dimensions are in millimeters. figure 16. sod-882 tape and reel dimensions
data sheet ? smp1302 series pin diodes skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 200043x ? skyworks proprietary information ? products and product in formation are subject to cha nge without notice ? aug ust 6, 2015 11 copyright ? 2002-2015 skyworks solutions, inc. all rights reserved. information in this document is provided in connection with skyw orks solutions, inc. (skyworks) products or services. these m aterials, including the information co ntained herein, are provided by skyworks as a service to its customers and may be used for info rmational purposes only by the cu stomer. skyworks assumes no res ponsibility for errors or omissions in these materials or the information contained herein. skyworks may change its documentat ion, products, services, specific ations or product descriptions at any time, without notice. sk yworks makes no commitment to update the materials or information and shall have no responsi bility whatsoever for conflicts, incompatibilities, or other diff iculties arising from any future changes. no license, whether express, implied, by es toppel or otherwise, is granted to any in tellectual property rights by this document . skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, re production or use of skyworks products, information or mate rials, except as may be provided in skyworks terms and conditions of sale. the materials, products and information are pr ovided as is without warranty of any ki nd, whether express, implied, statutory, or otherwise, includin g fitness for a particular purpose or use, merchantability, performance, quality or non-infrin g ement of any intellectual property ri g ht; all such warranties are hereby expressly disclaimed. skyworks does not warrant the accuracy or completeness of the information, text, g raphics or other items contained within these ma terials. skyworks shall not be liable for any dama g es, includin g but not limited to any special, indirect, incidental, statutory, or consequential dama g es, includin g without limitation, lost revenues or lost profits that may result from the use of the materials or information, wheth er or not the recipient of mat erials has been advised of the possibility of such dama g e. skyworks products are no t intended for use in medical, lifesaving or life-su staining applications, or other equipment in which the failure of the skyworks products could lead to personal injury, death, physical or environmental damage. skyw orks customers using or selli ng skyworks products for use in such applications do so at their own risk and agree to fully indemnify skyworks for any damages resulting from such improper use or sale. customers are responsible for their products and applications us ing skyworks products , which may deviate from published specifi cations as a result of design de fects, errors, or operation of products outside of published pa rameters or design specifications. customers sh ould include design and operating safeguards to minimize these and other risks. skyworks assumes no liability for applications assistance, customer product de sign, or damage to any equipment resulting from the use of skyw orks products outsid e of stated published specifications or parameters. skyworks and the skyworks symbol are trademarks or registered trad emarks of skyworks solutions, inc., in the united states and other countries. third-party brands and names are for identification purposes only, and are the pr operty of their respective owners. additi onal information, including relevant terms and conditions, posted at www.skyw orksinc.com, are incorporated by reference.


▲Up To Search▲   

 
Price & Availability of SMP1302-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X