Part Number Hot Search : 
56F8147 SII141 6706VT 16129FP 2SD1796 5021MX MC44354 UN5217Q
Product Description
Full Text Search
 

To Download SMART550USBWD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartpro 120v 550va 300w line-interactive ups, watchdog software, tower, usb, tel/dsl protection model number: SMART550USBWD description tripp lite's SMART550USBWD provides unattended systems (including kiosks, web/email servers, security system computers and more) with a single-purchase solution for 100% availability, including a ups system and watchdog service monitoring/reboot software. in addition to completely bulletproofing equipment against two common causes of downtime (blackouts and computer service lockup) SMART550USBWD models save money by providing two availability products for less than the price of a single solution. the line-interactive ups system offers voltage regulation, surge suppression and long lasting battery support. internal ups circuits support systems for up to 30 minutes during power failures. automatic voltage regulation (avr) circuits regulate brownouts as low as 89 volts back to normal 120v levels without using battery power. offers complete power protection in an attractive black tower configuration. includes 3 battery supported outlets for computer, monitor and one vital system peripheral, plus 3 additional surge suppression-only outlets for printers and other system accessories not requiring battery support. usb port works with poweralert software (included) to enable optional unattended system shutdown without data loss in the case of an extended power failure, usb cable included. built-in single line rj11 phone suppression jacks protect modem or other peripheral with a standard dialup/dsl phone connection. built-in audible alarm and 4 front panel leds indicate line power status, battery power status, battery low/replace status and voltage boost operation. 550va/300 watt power handling ability. offers 4.6 minutes battery runtime with a full load of 550va/300 watts and 14.8 minutes with a half load of 275va/150 watts. supports battery replacement via built-in access panel. $200,000 connected equipment insurance (usa and canada only). watchdog software (included) automatically reboots locked-up or poorly performing system service applications. set cpu- and memory-usage thresholds and monitor service performance in one application. together with the ups system, watchdog software eliminates the #1 reason for costly service callsthe need to reboot locked systems.* watchdog software runs directly on your computer, eliminating the need for a separate hardware device. if the system fails to reboot, watchdog software automatically directs poweralert software to reboot the computer and connected equipment by powering down and restarting the ups system. watchdog software supports windows? nt, 2000 and xp systems. * server technology study features SMART550USBWD line interactive ups system offers voltage regulation and battery support in addition to complete ac and dialup/dsl modem line surge suppression includes tripp lite's watchdog service monitoring/reboot software as well as poweralert, tripp lite's network power management software watchdog software automatically reboots locked-up or poorly performing system service applications supports cpus for up to 30 minutes during power failures highlights 550va tower 120v line interactive ups with watchdog software corrects brownouts as low as 89v without using battery power 3 ups battery supported outlets, 3 surge-only outlets usb port, tel/dsl/ethernet protection nema 5-15p input plug and 6 nema 5-15r outlets package includes SMART550USBWD ups system usb and telephone interconnection cables tripp lite watchdog and poweralert software on cd-rom instruction manual with warranty information 1 / 5
supports cpus for up to 30 minutes during power failures supports a max load of 550va/300 watts for 4 minutes and a half load of 275va/150 watts for 15 minutes automatic voltage regulation (avr) circuits correct brownouts as low as 89 volts without using battery power 550va/300 watt power handling ability includes 3 battery supported outlets, plus 3 additional surge suppression-only outlets, 6 foot ac line cord (all nema 5-15) usb port enables unattended shutdown without data loss during extended power failures. includes usb cable attractive black tower configuration built-in rj-style phone suppression jacks protect modem or other peripheral with a dialup or dsl line phone connection built-in audible alarm and 4 front panel leds indicate ups system and line power status supports battery replacement via built-in access panel compatible with 120v/60hz applications for usa, canada, mexico and more $200,000 connected equipment insurance (usa and canada only) specifications output output volt amp capacity (va) 550 output watt capacity (watts) 300 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (battery mode) 115v (+/- 5%) output receptacles (6) 5-15r ups output receptacles (surge suppression only) 3 ups outlets, 3 surge-only outlets output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 10a nominal input voltage(s) supported 120v ac ups input connection type 5-15p ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v input phase single-phase battery full load runtime (min.) 4 min. (300w) 2 / 5
half load runtime (min.) 15 min. (150w) dc system voltage (vdc) 12 battery recharge rate (included batteries) less than 3.6 hours from 10% to 90% internal ups replacement battery cartridge rbc51 battery access battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with input voltage as low as 89 undervoltage correction input voltages between 89 and 104v are boosted by 14% user interface, alerts & controls switches 2 switches control off/on power status and alarm-cancel/self-test operation alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status audible alarm audible alarm indicates power-failure and low-battery conditions led indicators 4 leds indicate line power, battery power, overload and battery low/replace status surge / noise suppression ups ac suppression joule rating 480 ups ac suppression response time instantaneous ups dataline suppression 1 line tel/dsl (1 in / 1 out) emi / rfi ac noise suppression yes physical installation form factors supported with included accessories tower installation form factors supported with optional accessories wallmount (upswm - tower mounting kit) primary form factor tower ups power module dimensions (hwd, in.) 8.5 x 5 x 6.5 ups power module dimensions (hwd, cm) 21.6 x 12.7 x 16.5 ups power module weight (lbs.) 14.4 ups power module weight (kg) 6.5 ups shipping dimensions (hwd / in.) 12 x 8.2 x 9.2 3 / 5
ups shipping dimensions (hwd / cm) 30.5 x 21 x 23.5 shipping weight (lbs.) 16 shipping weight (kg) 7.3 ups housing material pvc environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 65.1 battery mode btu / hr. (full load) 358.4 ac mode efficiency rating (100% load) 94% communications communications interface usb (hid enabled) poweralert software poweralert and watchdog software included communications cable usb interface cable included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 89 high voltage transfer to battery power (setpoint) 139 special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi) warranty product warranty period (u.s. & canada) 3-year limited warranty 4 / 5
product warranty period (latin america) 3-year limited warranty product warranty period (international) 2-year limited warranty product warranty period (mexico) 3-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $200,000 ultimate lifetime insurance ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5


▲Up To Search▲   

 
Price & Availability of SMART550USBWD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X