Part Number Hot Search : 
APT60 66070 MC74ACT 2SC5087 ADAS1128 23L8100 MUR420 MPS4250A
Product Description
Full Text Search
 

To Download SGM2036 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. a. 2 sg micro corp www.sg-micro.com SGM2036 300ma, low power, low dropout, rf linear regulators general description the SGM2036 series low-power, low-dropout, cmos linear voltage regulators operate from a 1.6v to 5.5v input voltage and deliver up to 300ma output current. they are the perfect choice for low voltage, low power applications. a low ground current makes this part attractive for battery operated power systems. the SGM2036 series also offer low dropout voltage to prolong battery life in portable electronics. systems requiring a quiet voltage source, such as rf applications, will benefit from the SGM2036 series? low output noise and high psrr. other features include a 10na logic-controlled shutdown mode, short current limit and thermal shutdown protection. the SGM2036 has auto-discharge function to quickly discharge v out in the disable status. the SGM2036 is available in green utdfn-11-4l sot-23-5 and packages. it operates over an ambient temperature range of -40 to +85 . features ? low dropout voltage ? thermal overload protection ? built-in fold back protection circuit ? 20 a low ground current ? 10na logic-controlled shutdown ? 1.6v to 5.5v input voltage range ? fixed outputs of 0.8v, 0.9v, 1.0v, 1.05v, 1.1v, 1.2v, 1.3v, 1.35v, 1.5v, 1.8v, 1.85v, 2.1v, 2.2v, 2.3v, 2.5v, 2.6v, 2.7v, 2.8v, 2.85v, 2.9v, 3.0v, 3.1v, 3.3v, 3.6v, 4.2v, 4.4v and 5.0v ? adjustable output from 0.8v to 5.0v ? short auto-discharge function ? 300ma output current ? high output voltage accuracy ? quick start-up time ? -40 to +85 operating temperature range ? available in green utdfn-11-4l and sot-23-5 packages applications cellular telephones cordless telephones pcmcia cards modems mp3 player hand-held instruments palmtop computers electronic planners portable/battery-powered equipment
300ma, low power, low dropout, rf linear regulators 2 SGM2036 sg micro corp www.sg-micro.com package/ordering information model v out (v) package description ordering number marking information packing option SGM2036-0.8 0.8v utdfn-11-4l SGM2036-0.8yudh4g/tr sf tape and reel, 10000 SGM2036-0.9 0.9v utdfn-11-4l SGM2036-0.9yudh4g/tr ne tape and reel, 10000 SGM2036-1.0 1.0v utdfn-11-4l SGM2036-1.0yudh4g/tr j3 tape and reel, 10000 SGM2036-1.05 1.05v utdfn-11-4l SGM2036-1.05yudh4g/tr nf tape and reel, 10000 SGM2036-1.1 1.1v utdfn-11-4l SGM2036-1.1yudh4g/tr o0 tape and reel, 10000 SGM2036-1.2 1.2v utdfn-11-4l SGM2036-1.2yudh4g/tr he tape and reel, 10000 SGM2036-1.3 1.3v utdfn-11-4l SGM2036-1.3yudh4g/tr o1 tape and reel, 10000 SGM2036-1.35 1.35v utdfn-11-4l SGM2036-1.35yudh4g/tr z7 tape and reel, 10000 SGM2036-1.5 1.5v utdfn-11-4l SGM2036-1.5yudh4g/tr hf tape and reel, 10000 SGM2036-1.8 1.8v utdfn-11-4l SGM2036-1.8yudh4g/tr i0 tape and reel, 10000 SGM2036-1.85 1.85v utdfn-11-4l SGM2036-1.85yudh4g/tr o2 tape and reel, 10000 SGM2036-2.1 2.1v utdfn-11-4l SGM2036-2.1yudh4g/tr o3 tape and reel, 10000 SGM2036-2.2 2.2v utdfn-11-4l SGM2036-2.2yudh4g/tr o4 tape and reel, 10000 SGM2036-2.3 2.3v utdfn-11-4l SGM2036-2.3yudh4g/tr sa tape and reel, 10000 SGM2036-2.5 2.5v utdfn-11-4l SGM2036-2.5yudh4g/tr o5 tape and reel, 10000 SGM2036-2.6 2.6v utdfn-11-4l SGM2036-2.6yudh4g/tr n6 tape and reel, 10000 SGM2036-2.7 2.7v utdfn-11-4l SGM2036-2.7yudh4g/tr o6 tape and reel, 10000 SGM2036-2.8 2.8v utdfn-11-4l SGM2036-2.8yudh4g/tr i1 tape and reel, 10000 SGM2036-2.85 2.85v utdfn-11-4l SGM2036-2.85yudh4g/tr o7 tape and reel, 10000 SGM2036-2.9 2.9v utdfn-11-4l SGM2036-2.9yudh4g/tr o8 tape and reel, 10000 SGM2036-3.0 3.0v utdfn-11-4l SGM2036-3.0yudh4g/tr i2 tape and reel, 10000 SGM2036-3.3 3.3v utdfn-11-4l SGM2036-3.3yudh4g/tr i3 tape and reel, 10000
300ma, low power, low dropout, rf linear regulators 3 SGM2036 sg micro corp www.sg-micro.com package/ordering information model v out (v) package description ordering number marking information packing option SGM2036-0.8 0.8v sot-23-5 SGM2036-0.8yn5g/tr ss7xx tape and reel, 3000 SGM2036-0.9 0.9v sot-23-5 SGM2036-0. 9yn5g/tr sp0xx tape and reel, 3000 SGM2036-1.0 1.0v sot-23-5 SGM2036-1. 0yn5g/tr sp1xx tape and reel, 3000 SGM2036-1.05 1.05v sot-23-5 SGM2036-1.05yn5g/tr sp2xx tape and reel, 3000 SGM2036-1.1 1.1v sot-23-5 SGM2036-1. 1yn5g/tr sp3xx tape and reel, 3000 SGM2036-1.2 1.2v sot-23-5 SGM2036-1. 2yn5g/tr sp4xx tape and reel, 3000 SGM2036-1.3 1.3v sot-23-5 SGM2036-1. 3yn5g/tr sp5xx tape and reel, 3000 SGM2036-1.5 1.5v sot-23-5 SGM2036-1. 5yn5g/tr sp6xx tape and reel, 3000 SGM2036-1.8 1.8v sot-23-5 SGM2036-1. 8yn5g/tr sp7xx tape and reel, 3000 SGM2036-1.85 1.85v sot-23-5 SGM2036-1.85yn5g/tr sp8xx tape and reel, 3000 SGM2036-2.1 2.1v sot-23-5 SGM2036-2. 1yn5g/tr sp9xx tape and reel, 3000 SGM2036-2.2 2.2v sot-23-5 SGM2036-2. 2yn5g/tr spaxx tape and reel, 3000 SGM2036-2.3 2.3v sot-23-5 SGM2036-2. 3yn5g/tr ss9xx tape and reel, 3000 SGM2036-2.5 2.5v sot-23-5 SGM2036-2. 5yn5g/tr spbxx tape and reel, 3000 SGM2036-2.6 2.6v sot-23-5 SGM2036-2. 6yn5g/tr sn5xx tape and reel, 3000 SGM2036-2.7 2.7v sot-23-5 SGM2036-2. 7yn5g/tr spcxx tape and reel, 3000 SGM2036-2.8 2.8v sot-23-5 SGM2036-2. 8yn5g/tr spdxx tape and reel, 3000 SGM2036-2.85 2.85v sot-23-5 SGM2036-2.85yn5g/tr spexx tape and reel, 3000 SGM2036-2.9 2.9v sot-23-5 SGM2036-2. 9yn5g/tr spfxx tape and reel, 3000 SGM2036-3.0 3.0v sot-23-5 SGM2036-3. 0yn5g/tr sq0xx tape and reel, 3000 SGM2036-3.1 3.1v sot-23-5 SGM2036-3. 1yn5g/tr sq1xx tape and reel, 3000 SGM2036-3.3 3.3v sot-23-5 SGM2036-3. 3yn5g/tr sq2xx tape and reel, 3000 SGM2036-3.6 3.6v sot-23-5 SGM2036-3. 6yn5g/tr sq3xx tape and reel, 3000 SGM2036-4.2 4.2v sot-23-5 SGM2036-4. 2yn5g/tr sq4xx tape and reel, 3000 SGM2036-4.4 4.4v sot-23-5 SGM2036-4. 4yn5g/tr sq5xx tape and reel, 3000 SGM2036-5.0 5.0v sot-23-5 SGM2036-5. 0yn5g/tr sq6xx tape and reel, 3000 SGM2036-adj adjustable sot-23-5 SGM2036- adjyn5g/tr sq7xx tape and reel, 3000 note: xx = date code. green (rohs & hsf): sg micro corp defines "green" to mean pb-free (rohs compatible) and free of halogen substances. if you have additional comments or questions, please contact your sgmicro representative directly. marking information for example: sq7ea (2014, january) syy x x date code - year ("a" = 2010, "b" = 2011 ) date code - month ("a" = jan. "b" = feb. "l" = dec.) chip i.d.
300ma, low power, low dropout, rf linear regulators 4 SGM2036 sg micro corp www.sg-micro.com absolute maximum ratings in to gnd................................................................. -0.3v to 6v output short-circuit duration............................................infinite en to gnd................................................................ -0.3v to 6v out, bp/fb to gnd................................... -0.3v to (v in + 0.3v) power dissipation, p d @ t a = 25 utdfn-11-4l...............................................................400mw sot-23-5..................... ............... ............... ............... ......390mw package thermal resistance utdfn-11-4l, ja ...................... ............ ............ .........280 /w sot-23-5, ja ............................................................... 285 /w operating temperature range... ............... .......... -40 to +85 junction temperature........................................................ 150 storage temperature range............................. -65 to +150 lead temperature (soldering, 10s)................................... 260 esd susceptibility hbm.................... ..................... ...................... ............. ......4000v mm......................................................................................400v note: stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the s pecifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. caution this integrated circuit can be damaged by esd if you don?t pay attention to esd protection. sgmicro recommends that all integrated circuits be handled with appropriate precautions. failure to observe proper handling and installation procedures can cause damage. esd damage can range from subtle performance degradation to complete device failure. precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. sgmicro reserves the right to make any change in circuit design, specification or other related things if necessary without notice at any time. please contact sgmicro sales office to get the latest datasheet.
300ma, low power, low dropout, rf linear regulators 5 SGM2036 sg micro corp www.sg-micro.com pin configurations (top view) gnd out 12 43 in en utdfn-11-4l 3 4 5 1 2 out in sot-23-5 gnd en bp/fb pin description pin utdfn-1 1-4l sot-23-5 name function 1 5 out regulator output. 2 2 gnd ground. 3 3 en enable pin. this pin has an internal pull-down resistor. a logic low reduces the supply current to less than 1 a. connect to in for normal operation. 4 1 in regulator input. supply voltage can range from 1.6v to 5.5v. bypass with a 1 f capacitor to gnd. bp reference-noise bypass pin (fixed voltage version only). bypass with a low-leakage 0.01 f ceramic capacitor for reduced noise at the output. the capacitor is recommended to be placed very close to the pin for high psrr. 4 fb feedback pin (adjustable voltage version only). this is used to set the output voltage of the device. exposed pad the exposed pad should be connected to a large ground plane to maximize thermal performance.
300ma, low power, low dropout, rf linear regulators 6 SGM2036 sg micro corp www.sg-micro.com block diagram current limit v ref out gnd in en
300ma, low power, low dropout, rf linear regulators 7 SGM2036 sg micro corp www.sg-micro.com electrical characteristics (v in = v out (nominal) + 0.5v or 2.5v, whichever is greater, full = -40 to +85 , unless otherwise noted.) parameter symbol conditions temp min typ max units input voltage v in +25 1.6 5.5 v output voltage accuracy i out = 0.1ma +25 -2.5 +2.5 % feedback voltage v fb i out = 0.1ma, SGM2036-adj +25 0.78 0.8 0.82 v maximum output current (1) +25 300 ma current limit i lim +25 360 560 ma supply pin current i q no load, v en = v in +25 20 26 a v out = 0.8v +25 940 1200 v out = 0.9v +25 840 1100 1.0v v out < 1.1v +25 780 1000 1.1v v out < 1.2v +25 680 900 1.2v v out < 1.5v +25 590 800 1.5v v out < 1.8v +25 420 550 1.8v v out < 2.1v +25 320 420 2.1v v out < 2.5v +25 260 340 2.5v v out < 3.0v +25 215 280 3.0v v out < 3.6v +25 190 250 dropout voltage (2) v drop i out = 300ma 3.6v v out 5.0v +25 165 210 mv 1.8v v out 3.3v +25 0.01 0.06 line regulation out in out v vv ? ?? v in = 1.6v or (v out + 0.5v) to 5.5v, i out = 1ma v out < 1.8v, v out > 3.3v +25 0.01 0.1 %/v i out = 0.1ma to 300ma +25 12 40 load regulation v out i out = 0.1ma to 300ma, SGM2036-adj +25 0.5 10 mv short current limit i short v out = 0v +25 200 ma f = 217hz +25 80 c bp = 0f, i out = 30ma, c out = 1 f, v in = v out + 1v, ? v ripple = 0.2v p-p f = 1khz +25 75 f = 217hz +25 82 power supply rejection ratio psrr c bp = 0.01 f, i out = 30ma, c out = 1 f, v in = v out + 1v, ? v ripple = 0.2v p-p f = 1khz +25 70 db i out = 0ma +25 100 c bp = 0f, f = 10hz to 100khz, c out = 1f, v out = 1.8v i out = 30ma +25 200 i out = 0ma +25 30 output voltage noise e n c bp = 0.01f, f = 10hz to 100khz, c out = 1f, v out = 1.8v i out = 30ma +25 75 v rms shutdown v ih full 1.5 en input threshold v il v in = 1.6v to 5.5v full 0.4 v i bh v en = 5.5v full 0.8 2 en input bias current i bl v en = 0v full 0.01 1 a shutdown supply current i q(shdn) v en = 0v full 0.01 1 a start-up time (3) t str c out = 1 f, no load +25 30 s r on of discharge mosfet v in = 4.0v, v en = 0v +25 50 ?
300ma, low power, low dropout, rf linear regulators 8 SGM2036 sg micro corp www.sg-micro.com electrical characteristics (v in = v out (nominal) + 0.5v or 2.5v, whichever is greater, full = -40 to +85 , unless otherwise noted.) parameter symbol conditions temp min typ max units thermal protection thermal shutdown temperature t shdn 140 thermal shutdown hysteresis t shdn 15 notes: 1. maximum output current is affected by the pcb layout, size of metal trace, the thermal conduction path between metal layers, ambient temperature and the other environment factors of system. attention should be paid to the dropout voltage when v in < v out + v drop . 2. the dropout voltage is defined as v in - v out , when v out is 100mv below the value of v out for v in = v out + 0.5v or 2.5v. 3. time needed for v out to reach 90% of final value.
300ma, low power, low dropout, rf linear regulators 9 SGM2036 sg micro corp www.sg-micro.com typical application circuits input 1.6v to 5.5v in out bp gnd c in 1 f c bp 0.01 f c out 1 f SGM2036 en output on off 1 3 2 4 5 sot-23-5 output input 1.6v to 5.5v in out gnd c in 1 f c out 1 f sgm 2036-adj en on off r 1 r 2 fb 1 3 2 4 5 sot-23-5 note: choose r 2 = 160k ? to maintain a 5 a minimum load. calculate the value for r 1 using the following equation: out 12 v rr -1 0.8v ?? ?? ?? ?? output input 1.6v to 5.5v in out gnd c in 1 f c out 1 f SGM2036 en on off 4 3 2 1 utdfn-11-4l
300ma, low power, low dropout, rf linear regulators 10 SGM2036 sg micro corp www.sg-micro.com typical performance characteristics v en = v in , c in = 1 f, c out = 1 f, c bp = 0 f, t a = 25 , unless otherwise noted. time (40 s/div) v in v out 1v/div 50mv/div v in = 4.3v to 5.3v, i out = 30ma, v out = 3.3v time (40 s/div) v in v out 1v/div 50mv/div v in = 2.8v to 3.8v, i out = 30ma, v out = 1.8v line transient response time ( 20 time (40 s/div) v en v out 2v/div 1v/div v in = 2.8v, i out = 0ma, v out = 1.8v turn off speed with en pin time (40 s/div) v en v out 2v/div 2v/div time (20 s/div) v en v out 2v/div 2v/div v in = 2.8v, i out = 0ma, v out = 1.8v turn on speed with en pin v in = 4.3v, i out = 0ma, v out = 3.3v turn off speed with en pin v in = 4.3v, i out = 0ma, v out = 3.3v line transient response
300ma, low power, low dropout, rf linear regulators 11 SGM2036 sg micro corp www.sg-micro.com typical performance characteristics v en = v in , c in = 1 f, c out = 1 f, c bp = 0 f, t a = 25 , unless otherwise noted. supply current vs. temperature 0 5 10 15 20 25 -40 -15 10 35 60 85 temperature ( ) supply current ( a) v in = 2.3v, i out = 0ma, v out = 1.8v supply current vs. temperature 0 5 10 15 20 25 -40 -15 10 35 60 85 temperature ( ) supply current ( a) v in = 3.8v i out = 0ma, v out = 3.3v time (100 s/div) i out v out 100ma / div 200mv/div i out = 1ma to 300ma, v out = 1.8v load transient response time (100 s/div) i out v out 50ma/div 50mv/div i out = 50ma to 100ma, v out = 1.8v load transient response time (100 s/div) i out v out 100ma/div 200mv/div i out = 1ma to 300ma, v out = 3.3v load transient response time (100 s/div) i out v out 50ma/div 50mv/div i out = 50ma to 100ma, v out = 3.3v v in = 4.3v v in = 2.8v v in = 2.8v load transient response v in = 4.3v
300ma, low power, low dropout, rf linear regulators 12 SGM2036 sg micro corp www.sg-micro.com typical performance characteristics v en = v in , c in = 1 f, c out = 1 f, c bp = 0 f, t a = 25 , unless otherwise noted. dropout voltage vs. temperature 0 100 200 300 400 500 -40 -15 10 35 60 85 temperature ( ) dropout voltage (mv) v out = 1.8v i out = 100ma i out = 300ma output voltage vs. temperature 1.789 1.793 1.797 1.801 1.805 1.809 -40 -15 10 35 60 85 temperature ( ) output voltage (v) v in = 2.3v, i out = 0.1ma, v out = 1.8v power supply rejection ratio vs. frequency 0 20 40 60 80 100 0.01 0.1 1 10 100 1000 frequency (khz) psrr (db) v in = 2.8v, i out = 30ma, v out = 1.8v c bp = 0 f c bp = 0.01 f dropout voltage vs. temperature 0 50 100 150 200 250 -40 -15 10 35 60 85 temperature ( ) dropout voltage (mv) v out = 3.3v i out = 100ma i out = 300ma output voltage vs. temperature 3.286 3.29 3.294 3.298 3.302 3.306 -40 -15 10 35 60 85 temperature ( ) output voltage (v) v in = 3.8v, i out = 0.1ma, v out = 3.3v power supply rejection ratio vs. frequency 0 20 40 60 80 100 0.01 0.1 1 10 100 1000 frequency (khz) psrr (db) c bp = 0 f c bp = 0.01 f v in = 4.3v, i out = 30ma, v out = 3.3v
300ma, low power, low dropout, rf linear regulators 13 SGM2036 sg micro corp www.sg-micro.com typical performance characteristics v en = v in , c in = 1 f, c out = 1 f, c bp = 0 f, t a = 25 , unless otherwise noted. dropout voltage vs. output current 0 100 200 300 400 500 0 50 100 150 200 250 300 output current (ma) dropout voltage (mv) -40 +85 +25 v out = 1.8v output voltage vs. output current 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 0 100 200 300 400 500 600 700 output current (ma) output voltage (v) v in = 2.8v ground pin current vs. output current 0 40 80 120 160 200 0 50 100 150 200 250 300 output current (ma) ground pin current (a) v out = 1.8v dropout voltage vs. output current 0 50 100 150 200 250 0 50 100 150 200 250 300 output current (ma) dropout voltage (mv) -40 +85 +25 v out = 3.3v output voltage vs. output current 0 0.5 1 1.5 2 2.5 3 3.5 0 100 200 300 400 500 600 700 output current (ma) output voltage (v) v in = 4.3v ground pin current vs. output current 0 40 80 120 160 200 0 50 100 150 200 250 300 output current (ma) ground pin current (a) v out = 3.3v
300ma, low power, low dropout, rf linear regulators 14 SGM2036 sg micro corp www.sg-micro.com typical performance characteristics v en = v in , c in = 1 f, c out = 1 f, c bp = 0 f, t a = 25 , unless otherwise noted. output voltage vs. input voltage 0 0.8 1.6 2.4 3.2 4 0123456 input voltage (v) output voltage (v) i out = 0.1ma v out = 1.8v supply pin current vs. input voltage 0 5 10 15 20 25 0123456 input voltage (v) supply pin current ( a) i out = 0ma, v out = 1.8v output voltage vs. input voltage 0 0.8 1.6 2.4 3.2 4 0123456 input voltage (v) output voltage (v) i out = 0.1ma v out = 3.3v supply pin current vs. input voltage 0 5 10 15 20 25 0123456 input voltage (v) supply pin current ( a) i out = 0ma, v out = 3.3v
300ma, low power, low dropout, rf linear regulators 15 SGM2036 sg micro corp www.sg-micro.com application note when ldo is used in handheld products, attention must be paid to voltage spikes which could damage SGM2036. in such applications, voltage spikes will be generated at charger interface and v bus pin of usb interface when charger adapters and usb equipments are hot-plugged. besides this, handheld products will be tested on the production line without battery. test engineer will apply power from the connecto r pin which connects with positive pole of the battery. when external power supply is turned on suddenly, the voltage spikes will be generated at the battery connector. the voltage spikes will be very high, and it always exceeds the absolute maximum input voltage (6.0v) of ldo. in order to get robust design, design engineer needs to clear up this voltage spike. zener diode is a cheap and effective solution to eliminate such voltage spike. for example, bzm55b5v6 is a 5.6v small package zener diode which can be used to remove voltage spikes in cell phone designs. the schematic is shown below. SGM2036 1f out 2 4 v cc input en gnd in control 3 1 v out c 2 c 1 1f bzm55b5v6 utdfn-11-4l SGM2036 1f out 4 1 v cc input en bp in control 3 5 v out c 2 c 1 1f bzm55b5v6 gnd 2 0.01f sot-23-5
300ma, low power, low dropout, rf linear regulators 16 SGM2036 sg micro corp www.sg-micro.com package outline dimensions utdfn-11-4l top view bottom view d e d1 e1 e l b f recommended land pattern (unit: mm) 0.25 0.47 0.22 1.30 0.65 0.48 0.48 4 5 3-c0.18 a a2 a1 side view 0.40 0.2 dimensions in millimeters symbol min mod max a 0.500 0.550 0.600 a1 0.000 0.050 a2 0.152 ref d 0.950 1.000 1.050 d1 0.450 0.500 0.550 e 0.950 1.000 1.050 e1 0.450 0.500 0.550 b 0.175 0.225 0.275 e 0.625 bsc f 0.195 ref l 0.200 0.250 0.300
300ma, low power, low dropout, rf linear regulators 17 SGM2036 sg micro corp www.sg-micro.com package outline dimensions sot-23-5 e e1 e e1 b d a1 a2 a c l 0.2 recommended land pattern (unit: mm) 1.90 2.59 0.99 0.69 0.95 dimensions in millimeters dimensions in inches symbol min max min max a 1.050 1.250 0.041 0.049 a1 0.000 0.100 0.000 0.004 a2 1.050 1.150 0.041 0.045 b 0.300 0.500 0.012 0.020 c 0.100 0.200 0.004 0.008 d 2.820 3.020 0.111 0.119 e 1.500 1.700 0.059 0.067 e1 2.650 2.950 0.104 0.116 e 0.950 bsc 0.037 bsc e1 1.900 bsc 0.075 bsc l 0.300 0.600 0.012 0.024 0 8 0 8
300ma, low power, low dropout, rf linear regulators 18 SGM2036 sg micro corp www.sg-micro.com tape and reel information note: the picture is only for reference. please make the object as the standard. key parameter list of tape and reel package type reel diameter reel width w1 (mm) a0 (mm) b0 (mm) k0 (mm) p0 (mm) p1 (mm) p2 (mm) w (mm) pin1 quadrant utdfn-11-4l 7 9.0 1.2 1.2 0.6 2.0 4.0 2.0 8.0 q1 sot-23-5 7 9.5 3.2 3.2 1.4 4.0 4.0 2.0 8.0 q3 reel width (w1) reel diameter reel dimensions tape dimensions direction of feed p2 p0 w p1 a0 k0 b0 q1 q2 q4 q3 q3 q4 q2 q1 q3 q4 q2 q1
300ma, low power, low dropout, rf linear regulators 19 SGM2036 sg micro corp www.sg-micro.com carton box dimensions note: the picture is only for reference. please make the object as the standard. key parameter list of carton box reel type length (mm) width (mm) height (mm) pizza/carton 7 (option) 368 227 224 8 7 442 410 224 18


▲Up To Search▲   

 
Price & Availability of SGM2036

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X