Part Number Hot Search : 
L9953TR UML500 2N5088 SK025 IP317AK AT49L MBD444 D74LVC16
Product Description
Full Text Search
 

To Download S15B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  yenyo dimensions in inches and (millimeters) maximum ratings and electrical characteristics for capacitive load, derate current by 20%. single phase, half wave, 60hz, resistive or inductive load. rating at 25 o c ambient temperature unless otherwise specified. notes : -55 to +150 sma/do-214ac s15a thru s15m voltage range 50 to 1000 v current 1.5 ampere surface mount standard rectifier s15a S15B s15g s15d 50 400 200 100 35 280 140 70 50 400 200 100 1.5 5.0 50 100 30 53 unit v v v v a a ua ua o c pf o c/w s15j 600 420 600 s15k 800 560 800 s15m 1000 700 1000 1.1 maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified peak forward surge current, 8.3ms single maximum instantaneous forward voltage maximum dc reverse current @t j =25 o c typical junction capacitance (note 1) operating junction and storage current t a =110 o c half sine-wave superimposed on rated load (jedec method) @ 1.5 a at rated dc blocking voltage @t j =125 o c features ? l o w forward voltage drop ? high current capability ? case: molded plastic sma/do-214ac ? high surge current capability ? weight: 0.064 gram ? polarity:color band denotes cathode end method 2026 ? mounting position: any ? terminals: solderable per mil-std-750 ? epoxy: ul 94v-0 rate flame retardant mechanical data ? low reverse leakage current maximum thermal resistance (note 2) r ja ? glass passivated chip symbol v rrm v rms v dc i (av) i fsm v f i r c j t j ,t stg temperature range (1) thermal resistance junction to ambient. (2) measured at 1.0 mhz and applied reverse voltage of 4.0 volts dc. 1 / 2 r1, may-12 .157(4.00) .181(4.60) .006(.152) .012(.305) .098(2.50) .114(2.90) .055(1.40) .062(1.60) .078(2.00) .096(2.44) .188(4.80) .208(5.28) .030(0.76) .060(1.52) .002(.051) .008(.203) paramter
ratings and characteristic curves s15a thru s15m fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes 1.5 0.9 0.6 0.3 1.2 iinstantaneous forward current, amperes 0.1 1.0 10 0.01 0.4 0.2 0.6 0.8 1.0 1.2 1.4 1.6 0 0 50 100 150 ambient temperature, o c instantaneous forward voltage, volts fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 0 10 20 30 40 50 1 10 100 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, microamperes 0.01 0 0.1 1 100 10 20 40 60 80 100 fig.5 - typical junction capacitance reverse voltage, volts 0.1 1 junction capacitance, pf 100 1.0 4.0 10 100 10 60 hz resistive or inductive load pulse width 8.3ms single half-sire-wave (jedec method) t j =25 o c pulse width=300us 1% duty cycle t j =125 o c t j =25 o c t j = 25 o c f = 1.0 mhz vsig = 50mvp-p yenyo technology co., ltd. 2 / 2 r1, may-12


▲Up To Search▲   

 
Price & Availability of S15B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X