Part Number Hot Search : 
N10A0 SA100A LCX29 M5450 2001834 CSR1206 TS555 TS555
Product Description
Full Text Search
 

To Download OPS860-HM-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  396 features 1. 2.5 hdd slot 2. usb 2.0 x 2 3. ethernet 4. vga 5. power switch 6. reset 7. audio (line-out) 8. audio (mic-in) 9. power indicator 10. hdd indicator 11. jae tx-25 12. wifi antenna (optional) ops860-hm socket g2 intel? core? i5/i3 open pluggable specification (ops) digital signage player with intel? hm65 open pluggable specification (ops) compliance supports socket g2 (rpga988b) 2nd generation intel? core? i5/i3 processor intel? hm65 chipset ddr3-1333 so-dimm max. up to 4 gb pcie mini card supported easy maintenance: pluggable hdd and easy-to-change dram vga connector specifications ordering information dimensions main system cpu socket g2 (rpga988b) 2nd generation intel? core? i5/i3 processor chipset intel? hm65 system memory 1 x ddr3-1333 so-dimm max. up to 4 gb storage 1 x 2.5" sata hdd tray bios ami uefi bios with oa 3.0 built watchdog timer 255 levels, 1 ~ 255 sec. io 2 x usb 2.0 1 x 10/100/1000mbps ethernet 1 x vga 1 x power on/off button 1 x reset button 1 x audio (line-out/ mic-in) 1 x dvi/hdmi (via ops jae interconnector) 1 x displayport (via ops jae interconnector) (pure dp) 3 x usb 2.0 (via ops jae interconnector) 1 x audio (line-out, via ops jae interconnector) 1 x uart (tx/rx via ops jae interconnector) indicator 1 x led for system power on 1 x led for hdd active wifi supports 802.11 b/g/n (optional) expansion slot 1 x pci express mini card dimensions 200 mm (7.87") (w) x 119 mm (4.68") x 30 mm (1.18") packing dimensions 270 mm (10.63") (w) x 197 mm (7.76") x 70 mm (2.76") weight (net/gross) 1 kg (2.2 lb)/1.5 kg (3.3 lb) environmental 0c ~ +45c (+32f ~ +113f) (with airflow 1.2m/s) standard ops860-hm (p/n: e22m860101) ops digital signage player supports socket g2 2nd generation intel? core? processor optional ax93157 ops docking board * specification and certifications are based on options and may vary. rear view 3 4 5 6 7 8 9 10 1 12 2 optional eos installation optional os installation windows? 7 embbeded windows? xp, windows? 7 packing 1 x driver cd 1 x hdd mylar x 1 1 x thermal grease (syringe 1g) 2 x m3 x 4 screw 2 x m4 x 6 screw 11 ddr3 ddr3 ddr3 intel ops overview embedded systems embedded systems for transportation embedded field controllers industrial firewall digital signage solutions 5 axiomtek.com ? 2016 axiomtek co., ltd. all rights reserved. * all specifications and photos are subject to change without notice. embedded microboxes industrial barebone systems industrial chassis backplanes power supplies peripherals & accessories


▲Up To Search▲   

 
Price & Availability of OPS860-HM-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X