Part Number Hot Search : 
IK6501 T3681 AWT62 C1403 2764A C471MPD DZ12V SK301
Product Description
Full Text Search
 

To Download MTB20N6KFP-0-UB-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c103fp issued date : 2015.12.27 revised date : 2016.03.29 page no. : 1/ 8 mtb20n06kfp cystek product specification n-channel enhancement mode power mosfet mtb20n06kfp bv dss 60v i d @v gs =10v, t c =25 c 25a 6.9a i d @v gs =10v, t a =25 c r ds(on) @v gs =10v, i d =8a 13.4 m (typ) features r ds(on) @v gs =4.5v, i d =6a 17.3 m (typ) r ds(on) @v gs =4v, i d =4a 18.9 m (typ) ? low on resistance ? simple drive requirement ? low gate charge ? fast switching characteristic ? insulating package, front/back side insulating voltage=2500v(ac) ? esd protected gate ? rohs compliant package symbol outline to-220fp mtb20n06kfp ordering information device package shipping MTB20N6KFP-0-UB-S to-220fp (rohs compliant) 50 pcs/tube, 20 tubes/box, 4 boxes / carton g d s g gate d drain s source environment friendly grade : s for rohs compliant products, g for rohs compliant and green compound products packing spec, ub : 50 pcs / tube, 20 tubes/box product rank, zero for no rank products product name
cystech electronics corp. spec. no. : c103fp issued date : 2015.12.27 revised date : 2016.03.29 page no. : 2/ 8 mtb20n06kfp cystek product specification absolute maximum ratings (t c =25c) parameter symbol limits unit drain-source voltage (note 1) v ds 60 gate-source voltage v gs 20 v continuous drain current @t c =25 c, v gs =10v (note 1) 25* continuous drain current @t c =100 c, v gs =10v (note 1) i d 15.8* continuous drain current @t a =25 c, v gs =10v (note 2) 6.9 continuous drain current @t a =70 c, v gs =10v (note 2) i dsm 5.5 pulsed drain current i dm 100* avalanche current i as 20 a single pulse avalanche energy @ l=0.5mh, i d =20 amps, v dd =30v (note 4) e as 100 repetitive avalanche energy (note 3) e ar 2.8 mj t c =25 c (note 1) 28 t c =100 c (note 1) p d 11 t a =25 c (note 2) 2.1 power dissipation t a =70 c (note 2) p dsm 1.3 w maximum temperature for soldering @ lead at 0.063 in(1.6mm) from case for 10 seconds t l 300 maximum temperature for soldering @ package body for 10 seconds t pkg 260 operating junction and storage temperature tj, tstg -55~+150 c *drain current limited by maximum junction temperature thermal data parameter symbol value unit thermal resistance, junction-to-case, max r jc 4.5 thermal resistance, junction-to-ambient, max (note 2) r ja 60 c/w note : 1 . the power dissipation p d is based on t j(max) =150 c, using junction-to-case thermal resistance, and is more useful in setting the upper di ssipation limit for cases where additional heatsinking is used. 2 . the value of r ja is measured with the device mounted on 1 in 2 fr-4 board with 2 oz. copper, in a still air environment with t a =25 c. the power dissipation p dsm is based on r ja and the maximum allowed junction temperature of 150  c. the value in any given application depends on the user?s specific board design. 3 . pulse width limited by junction temperature t j(max) =150 c. ratings are based on low fre quency and low duty cycles to keep initial t j =25 c. 4. 100% tested by condition of v dd =15v, i d =2.4a, l=1mh, v gs =10v.
cystech electronics corp. spec. no. : c103fp issued date : 2015.12.27 revised date : 2016.03.29 page no. : 3/ 8 mtb20n06kfp cystek product specification characteristics (tj=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 60 - - v v gs =0v, i d =250 a ? bv dss / ? tj - 50 - mv/ c reference to 25 c, i d =250 a v gs(th) 1 - 2.5 v v ds = 10v, i d =1ma *g fs - 18 - s v ds =5v, i d =10a i gss - - 10 v gs = 16v - - 1 v ds =60v, v gs =0v i dss - - 5 a v ds =48v, v gs =0v, tj=55 c - 13.4 16.8 v gs =10v, i d =8a - 17.3 22.5 v gs =4.5v, i d =6a *r ds(on) - 18.9 28.5 m v gs =4v, i d =4a dynamic *qg - 18.5 - *qgs - 1.6 - *qgd - 8.4 - nc v dd =48v, i d =25a,v gs =10v *t d(on) - 8.6 - *tr - 17.6 - *t d(off) - 39.8 - *t f - 20 - ns v dd =30v, i d =1a, v gs =10v, r g =6 ciss - 736 - coss - 140 - crss - 70 - pf v gs =0v, v ds =20v, f=1mhz source-drain diode *i s - - 25 *i sm - - 100 a *v sd - 0.8 1.2 v i s =8a, v gs =0v *trr - 14 - ns *qrr - 8.5 - nc v gs =0v, i f =25a, di f /dt=100a/ s *pulse test : pulse width 300 s, duty cycle 2%
cystech electronics corp. spec. no. : c103fp issued date : 2015.12.27 revised date : 2016.03.29 page no. : 4/ 8 mtb20n06kfp cystek product specification typical characteristics typical output characteristics 0 10 20 30 40 50 60 70 80 90 100 0246810 v ds , drain-source voltage(v) i d , drain current(a) 10v,9v,8v,7v,6v 3.5v v gs = 3v 4v 4.5v 5v brekdown voltage vs ambient temperature 0.4 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) bv dss , normalized drain-source breakdown voltage i d =250 a, v gs =0v static drain-source on-state resistance vs drain current 1 10 100 0.1 1 10 100 i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs =10v v gs =4.5v v gs =4v reverse drain current vs source-drain voltage 0.2 0.4 0.6 0.8 1.0 1.2 04812162 i dr , reverse drain current(a) v sd , source-drain voltage(v) 0 tj=25c tj=150c static drain-source on-state resistance vs gate-source voltage 0 10 20 30 40 50 60 70 80 90 100 024681 0 drain-source on-state resistance vs junction tempearture 0.4 0.8 1.2 1.6 2.0 2.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) r ds(on) , normalized static drain- source on-state resistance v gs =10v, i d =8a r ds( on) @t j =25c : 13.4m t yp . v gs =4.5v, i d =6a r ds( on) @tj=25c : 17.3m typ. v gs , gate-source voltage(v) r ds(on) , static drain-source on- state resistance(m) i d =8a
cystech electronics corp. spec. no. : c103fp issued date : 2015.12.27 revised date : 2016.03.29 page no. : 5/ 8 mtb20n06kfp cystek product specification typical characteristics(cont.) capacitance vs drain-to-source voltage 10 100 1000 10000 0 5 10 15 20 25 30 v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss f=1mhz threshold voltage vs junction tempearture 0.4 0.6 0.8 1.0 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) v gs(th) , normalized threshold voltage i d =250 a i d =1ma forward transfer admittance vs drain current 0.01 0.1 1 10 100 0.001 0.01 0.1 1 10 100 i d , drain current(a) g fs , forward transfer admittance(s) v ds =5v pulsed ta=25c gate charge characteristics 0 2 4 6 8 10 0 2 4 6 8 101214161820 qg, total gate charge(nc) v gs , gate-source voltage(v) i d =25a v ds =48v v ds =30v maximum safe operating area 0.1 1 10 100 1000 0.1 1 10 100 v ds , drain-source voltage(v) i d , drain current(a) dc 100ms 10 s 10ms 100 s 1ms r ds( on) limited t c =25c, tj(max)=150c v gs =10v,r jc =4.5c/w single pulse maximum drain current vs case temperature 0 5 10 15 20 25 30 25 50 75 100 125 150 175 t c , case temperature(c) i d , maximum drain current(a) tj(max)=150c,r jc =4.5c/w, v gs =10v, single pulse
cystech electronics corp. spec. no. : c103fp issued date : 2015.12.27 revised date : 2016.03.29 page no. : 6/ 8 mtb20n06kfp cystek product specification typical characteristics(cont.) typical transfer characteristics 0 10 20 30 40 50 60 70 80 90 100 0123456 v gs , gate-source voltage(v) i d , drain current (a) v ds =10v single pulse power rating, junction to case 0 500 1000 1500 2000 2500 3000 1e-05 0.0001 0.001 0.01 0.1 1 10 pulse width(s) power (w) t j(max) =150c t c =25c r jc =4.5c/w transient thermal response curves 0.001 0.01 0.1 1 1.e-05 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 t 1 , square wave pulse duration(s) r (t), normalized transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r jc (t)=r(t)*r jc 2.duty factor, d=t1/t2 3.t jm -t c =p dm *r jc (t) 4.r jc =4.5c/w
cystech electronics corp. spec. no. : c103fp issued date : 2015.12.27 revised date : 2016.03.29 page no. : 7/ 8 mtb20n06kfp cystek product specification recommended wave soldering condition soldering time product peak temperature pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak 10-30 seconds 20-40 seconds temperature(tp) ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of the package, measured on the package body surface.
cystech electronics corp. spec. no. : c103fp issued date : 2015.12.27 revised date : 2016.03.29 page no. : 8/ 8 mtb20n06kfp cystek product specification to-220fp dimension *typical style: pin 1.gate 2.drain 3.source 3-lead to-220fp plastic package cystek package code: fp marking: date code device name b20n 06 k inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.171 0.183 4.35 4.65 g 0.246 0.258 6.25 6.55 a1 0.051 ref 1.300 ref h 0.138 ref 3.50 ref a2 0.112 0.124 2.85 3.15 h1 0.055 ref 1.40 ref a3 0.102 0.110 2.60 2.80 h2 0.256 0.272 6.50 6.90 b 0.020 0.030 0.50 0.75 j 0.031 ref 0.80 ref b1 0.031 0.041 0.80 1.05 k 0.020 0.50 ref b2 0.047 ref 1.20 ref l 1.102 1.118 28.00 28.40 c 0.020 0.030 0.500 0.750 l1 0.043 0.051 1.10 1.30 d 0.396 0.404 10.06 10.26 l2 0.036 0.043 0.92 1.08 e 0.583 0.598 14.80 15.20 m 0.067 ref 1.70 ref e 0.100 * 2.54* n 0.012 ref 0.30 ref f 0.106 ref 2.70 ref notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing spec ification or packing method, please cont act your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitab le for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTB20N6KFP-0-UB-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X