Part Number Hot Search : 
20A10 MP7782DF 74HC259 5341H5 TM9486 DL1070 2SC3399 SP7663EB
Product Description
Full Text Search
 

To Download MRG590300500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  coax cable min rg59 product datasheet p/n mrg5903 page 1 of 2 rev. 1/ 2005-10-03 1 2 3 4 1 inner conductor copper cladded steel 2 dielectric foam pe 3 braid bare copper 4 sheath pvc according the european standard hd 624. 1. conductor innenleiter - conduttore interno - conducteur diameter: 0.64 mm 0.02 mm 2. dielectric dielektrikum ? dielettrico - dilectrique diameter: 2.9 mm 0.15 mm outer conductor aussenleiter - conduttore esterno - conducteur extrieur diameter screen: 3.4 mm 0.2 mm coverage braid: 85 % 4 % 4. jacket aussenmantel ? guaina - gaine diameter: 4.15 mm 0.2 mm electrical characteristics mean characteristic impedance: 75 2 ? wellenwiderstand - impedenza caratteristica principale - impdance nominale nominal capacitance conductor to shield: 54 pf/m kapazitaet - capacit nominale conduttore/schermo - capacit nominale entre conducteur et blindage nominal velocity of propagation: 84% ausbreitungsgeschwindigkeit - velocit nominale di propagazione - vitesse de propagation nominale nominal attenuation: wellendaempfung - attenuazione nominale - affaiblissement mhz db/100m 10 4 200 14 400 20 1000 33 2400 51 maximum frequency: 1 ghz voltage rating : dc 3.5 kvdc rms 2 kvrms mechanical and physical characteristics temperature range - storage/operation -30 c to +70 c temperature range - installation -5 c to + 50 ? c nominal cable weight 30 kg/km gewicht - peso nominale del cavo ? poids construction & dimensions re q uirements and test methods
coax cable min rg59 product datasheet p/n mrg5903 page 2 of 2 rev. 1/ 2005-10-03 p/n jacket colour length rs p/n mrg5903.00100 black 100m 5218076 mrg5903.00500 black 500m 5218082 orderin g information


▲Up To Search▲   

 
Price & Availability of MRG590300500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X