Part Number Hot Search : 
T2700B 101KL 101KL 70001 433D100F 1100E TA1281F NTE70
Product Description
Full Text Search
 

To Download MPM-03S-03MM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.micropowerdirect.com micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com miniature 1 x 1 inch 3w, single output ac/dc power supplies key features: ? 3w output power ? miniature 1 x 1 inch case ? universal 85-264 vac input ? en 60950 approved ? six standard models ? meets en 55022 b ? meets iec safety class ii ? >1.20 mhour mtbf mpm-03mm series electrical speci? cations speci cations typical @ +25?, 230 vac input voltage & rated output current, unless otherwise noted. speci cations subject to change without notice. w ww.m i cro p ower di rect.com www.micropowerdirect.com input parameter conditions min. typ. max. units input voltage range 85 264 vac 120 370 vdc input frequency 47 63 hz input current see model selection guide inrush current, see note 1 115 vac 15.0 a pk 230 vac 25.0 no load power consumption see note 2 150 mw output parameter conditions min. typ. max. units output voltage see model selection guide output current see model selection guide output voltage accuracy ?.0 % line regulation v in = min to max ?.0 % load regulation i out = 0% to 100% ?.0 % ripple & noise (20 mhz) 70 m v p-p hold-up time 115 vac 8.0 ms temperature coef cient ?.05 %/? over voltage protection see note 3 125 190 %v out overshoot 5.0 %v out short circuit protection, see note 4 continuous (auto-recovery) overload protection see note 5 135 150 %w general parameter conditions min. typ. max. units isolation voltage input to output, 60s 3,000 vac isolation resistance 500 vdc 100 m? switching frequency 65 khz emi characteristics parameter standard criteria level radiated emissions en 55014, en 55024 class b conducted emissions en 55022 class b esd en 61000-4-2 a 8 kv air rs en 61000-4-3 a 10v/m eft en 61000-4-4 a ? kv surge en 61000-4-5 a ? kv cs en 61000-4-6 a 10 vrms pfm en 61000-4-8 a 30a/m voltage dips en 61000-4-11 a 30% 10 ms interruptions en 61000-4-11 b 95% 5,000 ms environmental parameter conditions min. typ. max. units operating temperature range ambient -25 +25 +70 ? storage temperature range -40 +85 ? cooling free air convection (see derating curve on page 2) humidity rh, non-condensing 95 % physical case size see mechanical diagram (page 2) case material non-conductive black plastic (ul94-v0) weight 0.59 oz (17.4g) reliability speci? cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 25?, gnd benign 1.20 mhours safety standards en 60950 safety class iec 60536 class ii
www.micropowerdirect.com micropower direct we power your success - for less! 292 page street ste d stoughton, ma 02072 tel: (781) 344-8226 fax: (781) 344-8481 e-mail: sales@micropowerdirect.com model selection guide mechanical dimensions notes: all dimensions are typical in inches (mm) tolerance x.xx = 0.02 ( 0.25) pin function 1 ac-neutral 2 ac-line 3 no connection 4-v out 5+v out pin connections notes: 1 . inrush current is given for a cold start at 25?. 2. no load power consumption meets the standby power consumption limits in the european erp directive 2009/125/ec. 3. over voltage protection is provided by a zener diode clamp. 4. output short circuit protection is provided by a ?iccup mode circuit. the unit recovers automatically when the fault condition is removed. 5. output overload protection is provided by a fold back current limiting circuit with auto-recovery. a long-term overload could damage the unit. 6. operation at no-load will not damage these units. however, they may not meet all speci cations. 7. peak load is speci ed as lasting <30s with a maximum duty cycle of 10% the average power should not exceed the maximum power rating. 8. it is recommended that an external slow blow fuse also be used on the input for protection. see the table above for the correct rating. model number input current (ma typ) output ef? ciency (%, typ) capacitive load (f max) fuse rating slow-blow (ma) voltage (vdc) current (ma) 115 vac max. min. peak MPM-03S-03MM 62 3.3 900 0.0 1,170 70 1,200 1,000 mpm-03s-05mm 61 5.0 600 0.0 780 72 820 1,000 mpm-03s-09mm 57 9.0 333 0.0 430 77 470 1,000 mpm-03s-12mm 56 12.0 250 0.0 320 78 330 1,000 mpm-03s-15mm 56 15.0 200 0.0 260 78 270 1,000 mpm-03s-24mm 56 24.0 125 0.0 160 78 180 1,000 derating curve other outputs may be available contact the factory for details at: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of MPM-03S-03MM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X