Part Number Hot Search : 
XLR700 FMBN16BE KBU10 TA1414A 00006 HV518 ST37001 01V9A
Product Description
Full Text Search
 

To Download MC74172B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  quad eia?485 line drivers with three?state outputs the on semiconductor mc75172b/174b quad line drivers are differential high speed drivers designed to comply with the eia ? 485 standard. features include three ? state outputs, thermal shutdown, and output current limiting in both directions. these devices also comply with eia ? 422 ? a, and ccitt recommendations v.11 and x.27. the mc75172b/174b are optimized for balanced multipoint bus transmission at rates in excess of 10 mbps. the outputs feature wide common mode voltage range, making them suitable for party line applications in noisy environments. the current limit and thermal shutdown features protect the devices from line fault conditions. these devices offer optimum performance when used with the mc75173 and mc75175 line receivers. both devices are available in 16 ? pin plastic dip and 20 ? pin wide body surface mount packages. ? meets eia ? 485 standard for party line operation ? meets eia ? 422 ? a and ccitt recommendations v.11 and x.27 ? operating ambient temperature: ? 40 c to +85 c ? high impedance outputs ? common mode output voltage range: ? 7 to 12 v ? positive and negative current limiting ? transmission rates in excess of 10 mbps ? thermal shutdown at 150 c junction temperature, (  20 c) ? single 5.0 v supply ? pin compatible with ti sn75172/4 and ns a96172/4 ? interchangeable with mc3487 and am26ls31 for eia ? 422 ? a applications  these devices are available in pb ? free package(s). specifications herein apply to both standard and pb ? free devices. please see our website at www.onsemi.com for specific pb ? free orderable part numbers, or contact your local on semiconductor sales office or r epresentative. on semiconductor  ? semiconductor components industries, llc, 2006 march, 2006 ? rev. 3 1 publication order number: mc75172b/d device operating temperature range package mc75172b mc75174b semiconductor technical data quad eia ? 485 line drivers ordering information mc75172bdw t a = ? 40 to +85 c so ? 20l p suffix plastic p ackage case 648 dw suffix plastic p ackage case 751d (so ? 20l) mc75174bdw so ? 20l mc75174bp plastic dip
mc75172b mc75174b http://onsemi.com 2 pin connections mc75172b mc75174b 9 1 3a 3y 3z en 12 4z 4y 4a v cc gnd 2a 2y 2z en 12 1z 1a 1y p package 2 3 4 5 6 7 8 16 15 14 13 12 11 dw package 2a 8 7 6 5 4 4a v cc 19 18 en 2z nc 10 11 9 9 10 11 12 13 14 15 16 8 7 6 5 4 3 2 p package 1 3 en 17 4y gnd 2y 12 3a 14 3z 4z 15 16 1a 1y 2 1z nc nc nc 3y 13 20 1y 1a 1z en 2z 2y 2a gnd v cc en 34 en 34 20 13 3y nc nc nc 1z 2 1y 1a 16 15 4z 3z 14 12 2y gnd 4y 17 9 2a 8 7 6 5 4 4a v cc 19 18 dw package 2z nc 10 11 4a 4y 4z en 3z 3y 3a 1 3 1 10 3a maximum ratings rating symbol value unit power supply v oltage v cc ? 0.5, +7.0 vdc input voltage (data, enable) v in +7.0 vdc input current (data, enable) i in ? 24 ma applied output voltage, when in 3 ? state condition (v cc = 5.0 v) v za ? 10, +14 vdc applied output voltage, when v cc = 0 v v zb 14 output current i o self ? limiting ? storage t emperature t stg ? 65, +150 c devices should not be operated at these limits. the ?recommended operating conditions? table provides for actual device operati on. recommended opera ting conditions characteristic symbol min typ max unit power supply v oltage v cc +4.75 +5.0 +5.25 vdc input voltage (all inputs) v in 0 ? v cc vdc output voltage in 3 ? state condition, or when v cc = 0 v v cm ? 7.0 ? +12 vdc output current (normal data transmission) i o ? 65 ? +65 ma operating ambient temperature (see text) eia ? 485 eia ? 422 t a ? 40 0 ? ? +85 +85 c all limits are not necessarily functional concurrently.
mc75172b mc75174b http://onsemi.com 3 electrical characteristics ( ? 40 c  t a  85 c, 4.75 v  v cc  5.25 v, unless otherwise noted.) characteristic symbol min typ max unit output v oltage single ? ended v oltage i o = 0 high @ i o = ? 33 ma low @ i o = +33 ma differential v oltage open circuit (i o = 0) r l = 54 (figure 1) v o v oh v ol ? v od1 ? ? v od2 ? 0 ? ? 1.5 1.5 ? 4.0 1.6 3.4 2.3 6.0 ? ? 6.0 5.0 vdc change in differential*, r l = 54 (figure 1) differential voltage, r l = 100 (figure 1) change in differential*, r l = 100 (figure 1) differential voltage, ? 7.0 v  v cm  12 v (figure 2) change in differential*, ? 7.0 v  v cm  12 v (figure 2) offset voltage, r l = 54 (figure 1) change in offset*, r l = 54 (figure 1) ? v od2 ? ? v od2a ? ? v od2a ? ? v od3 ? ? v od3 ? v os ? v os ? ? ? ? 1.5 ? ? ? 5.0 2.2 5.0 ? 5.0 2.9 5.0 200 ? 200 5.0 200 ? 200 mvdc vdc mvdc vdc mvdc vdc mvdc output current (each output) power off leakage, v cc = 0, ? 7.0 v  v o  12 v leakage in 3 ? state mode, ? 7.0 v  v o  12 v i o(off) i oz ? 50 ? 50 0 0 +50 +50 a short circuit current to ground short circuit current, ? 7.0 v  v o  12 v i osr i os ? 150 ? 250 ? ? +150 +250 ma *v in switched from 0.8 to 2.0 v. typical values determined at 25 c ambient and 5.0 v supply.
mc75172b mc75174b http://onsemi.com 4 electrical characteristics ( ? 40 c  t a  85 c, 4.75 v  v cc  5.25 v, unless otherwise noted.) characteristics symbol min typ max unit inputs low level voltage (pins 4 & 12, mc75174b only) low level voltage (all other pins) high level voltage (all inputs) v il(a) v il(b) v ih 0 0 2.0 ? ? ? 0.7 0.8 v cc vdc current @ v in = 2.7 v (all inputs) current @ v in = 0.5 v (all inputs) i ih i il ? ? 100 0.2 ? 15 20 ? a clamp voltage (all inputs, i in = ? 18 ma) v ik ? 1.5 ? ? vdc thermal shutdown junction t emperature t jts ? +150 ? c power supply current (outputs open, v cc = 5.25 v) outputs enable outputs disabled i cc ? ? 60 30 70 40 ma timing characteristics (t a = 25 c, v cc = 5.0 v) characteristics symbol min typ max unit propagation delay ? input to single ? ended output (figure 3) output low ? to ? high output high ? to ? low t plh t phl ? ? 23 18 30 30 ns propagation delay ? input to differential output (figure 4) input low ? to ? high input high ? to ? low t plh(d) t phl(d) ? ? 15 17 25 25 ns differential output transition time (figure 4) t dr , t df ? 19 25 ns skew timing ? t plhd ? t phld ? for each driver max ? min t plhd within a package max ? min t phld within a package t sk1 t sk2 t sk3 ? ? ? 0.2 1.5 1.5 ? ? ? ns enable t iming single ? ended outputs (figure 5) enable to active high output enable to active low output active high to disable (using enable) active low to disable (using enable) enable to active high output (mc75172b only) enable to active low output (mc75172b only) active high to disable (using enable , mc75172b only) active low to disable (using enable , mc75172b only) t pzh(e) t pzl(e) t phz(e) t plz(e) t pzh(e) t pzl(e) t phz(e) t plz(e) ? ? ? ? ? ? ? ? 48 20 35 30 58 28 38 36 60 30 45 50 70 35 50 50 ns differential outputs (figure 6) enable to active output enable to active output (mc75172b only) enable to 3 ? state output enable to 3 ? state output (mc75172b only) t pzd(e) t pzd(e) t pdz(e) t pdz(e) ? ? ? ? 47 56 32 40 ? ? ? ? ns
mc75172b mc75174b http://onsemi.com 5 t df 1.5 v 50% t phld 3.0 v t plh v od 54 50 pf v in v cc v od v od2,a ?1.5 v 50% 1.5 v  4.6 v t dr s.g. 0 v 3.0 v 1.5 v t plhd 1.5 v v in v cc v oh 15 pf v in z v cc v in t phl (0.8 or 2.0 v) v os (0.8 or 2.0 v) r l /2 r l /2 v cc output y + 375 58 375 v od3 v cm = 12 to ?7.0 v y output 27 2.3 v s.g. v in 3.0 v 3.0 v t plh 1.5 v output z v in v ol 0 v 3.0 v 1.5 v t phl 3.0 v ?1.5 v notes: 1. s.g. set to: f  1.0 mhz; duty cycle = 50%; t r , t f ,  5.0 ns. 2. t sk1 = ? t plhd ? t phld ? for each driver. 3. t sk2 computed by subtracting the shortest t plhd from the longest t plhd of the 4 drivers within a package. 4. t sk3 computed by subtracting the shortest t phld from the longest t phld of the 4 drivers within a package. figure 1. v dd measurement figure 2. common mode test figure 3. propagation delay, single ? ended outputs figure 4. propagation delay , differential outputs
mc75172b mc75174b http://onsemi.com 6 t pzl(e) 1.5 v v out 2.3 v 1.5 v v ol 0.5 v t plz(e) 0 v 3.0 v v cc v out v in 50 pf 110 v out s.g. v in v out 110 50 pf v cc v cc 0.5 v v oh 0 v t phz(e) 1.5 v 3.0 v v in 1.5 v v in s.g. 2.3 v 0 or 3.0 v 3.0 v 3.0 v 0 or 3.0 v t pzh(e) t pdz(e) 1.5 v 0 0 v 3.0 v 1.5 v active t pzd(e) s.g. 1.5 v v od disabled v cc v in 0 or 3.0 v 3.0 v v od 50 pf 54 1.5 v 0 v in disabled notes: 1. s.g. set to: f  1.0 mhz; duty cycle = 50%; t f , t f ,  5.0 ns. 2. v in is inverted for enable measurements. figure 5. enable timing, single ? ended outputs figure 6. enable timing, differential outputs
mc75172b mc75174b http://onsemi.com 7 figure 7. single ? ended output voltage versus output sink current figure 8. single ? ended output voltage versus temperature figure 9. single ? ended output voltage versus output source current figure 10. single ? ended output voltage versus temperature figure 11. output differential v oltage versus load current figure 12. output differential v oltage versus temperature i o , output current (ma) i o v cc = 4.75 v v od v cc = 5.0 v v cc = 5.25 v i o v od 0.8 or 2.0 v ?40 1.0 v cc = 5.00 v v cc = 5.25 v i o = 20.0 ma 2.0 85 0 v cc = 4.75 v 3.0 t a , ambient temperature ( c) 1.0 4.0 20 40 60 ?20 v cc = 4.75 v t a = 25 c 4.0 i oh , output current (ma) 1.0 70 5.0 2.0 ?10 0?30 ?20 ?40 ?50 60 ?60 3.0 t a , ambient temperature ( c) ?70 i oh = ?27.8 ma v cc = 4.75 v 3.25 85 4.0 ?40 0 ?20 60 40 0.5 i ol , output current (ma) 1.5 1.0 0 020 10 30 40 50 60 70 2.0 4.75v  v cc  5.25 v t a = 25 c 1.25 1.5 1.75 1.0 ?40 0 ?20 2.0 0 85 60 40 20 4.75 v  v cc  5.25 v i ol = 27.8 ma i ol = 20.0 ma 50 30 40 020 3.0 10 4.0 20 3.75 t a , ambient temperature ( c) 3.5 2.0 0 i o = 27.8 ma , output voltage (v) v ol , output voltage (v) v ol , output voltage (v) v oh , output voltage (v) v oh , differential output voltage (v) v od i oh = ?20.0 ma 0.8 or 2.0 v t a = 25 c , differential output voltage (v) v od
mc75172b mc75174b http://onsemi.com 8 figure 13. output leakage current versus output voltage figure 14. output leakage current versus temperature figure 15. input current versus input voltage figure 16. short circuit current versus common mode voltage 9.0 0.5 ?25 4.5 v in , input voltage (v) ? 0.5 3.5 2.5 1.5 ?150 v z , applied output voltage (v) ?7.0 ?3.0 5.5 5.0 12 1.0 normally low output enable pins driver inputs 4.75  vcc  5.25 v t a = 25 c 5.0 0 ? 5.0 ?15 ?10 ?30 0 30 90 ?20 150 normally high output ?9 0 v out = +12 v ?20 85 20 10 ?15 v out = 7.0 v ?10 0 ?20 2.0 v z , applied output voltage (v) ?1.0 0 1.0 ?7.0 ?2.0 1.0 ?3.0 5.0 9.0 12 ?40 en = low, en = high or v cc = 0 v 5.0 15 0 t a = 25 c en = low, en = high 20 ?5.0 60 t a = 25 c 4.75  vcc  5.25 v t a , ambient temperature ( c) 40 i oz , leakage current ( a) i oz , leakage current ( a) i , ox i in , input current ( a) i os , short circuit current (ma)
mc75172b mc75174b http://onsemi.com 9 applications information description the mc75172b and mc75174b are differential line drivers designed to comply with eia ? 485 standard (april 1983) for use in balanced digital multipoint systems containing multiple drivers. the drivers also comply with eia ? 422 ? a and ccitt recommendations v.11 and x.27. the drivers meet the eia ? 485 requirement for protection from damage in the event that two or more drivers attempt to transmit data simultaneously on the same cable. data rates in excess of 10 mbps are possible, depending on the cable length and cable characteristics. a single power supply, 5.0 v, 5%, is required at a nominal current of 60 ma, plus load currents. outputs each output (when active) will be a low or a high voltage, which depends on the input state and the load current (see table 1, 2 and figures 7 to 10). the graphs apply to each driver, regardless of how many other drivers within the package are supplying load current. table 1. mc75172b truth table data input enables outputs en en y z h l h l x h h x x l x x l l h h l h l z l h l h z table 2. mc75174b truth table data input enable outputs y z h l x h h l h l z l h z h = logic high, l = logic low, x = irrelevant, z = high impedance the two outputs of a driver are always complementary. a ?high? output can only source current out, while a ?low? output can only sink current (except for short circuit current ? see figure 16). the outputs will be in the high impedance mode when: the enable inputs are set according to table 1 or 2; a) v cc is less than 1.5 v; the junction temperature exceeds the trip point of the thermal shutdown circuit (see below). when in this condition, the output?s source and sink capability are shut off, and only leakage currents will flow (see figures 13, 14). disabled outputs may be taken to any voltage between ? 7.0 v and 12 v without damage. b) c) the drivers are protected from short circuits by two methods: current limiting is provided at each output, in both the source and sink direction, for shorts to any voltage within the range of 12v to ? 7.0v, with respect to circuit ground (see figure 16). the short circuit current will flow until the fault is removed, or until the thermal shutdown circuit activates (see below). the current limiting circuit has a negative temperature coefficient and requires no resetting upon removal of the fault condition. a) a thermal shutdown circuit disables the outputs when the junction temperature reaches 150 c,  20 c. the thermal shutdown circuit has a hysteresis of 12 c to prevent oscillations. when this circuit activates, the output stage of each driver is put into the high impedance mode, thereby shutting off the output currents. the remainder of the internal circuitry remains biased. the outputs will become active once again as the ic cools down. b) driver inputs the driver inputs determine the state of the outputs in accordance with tables 1 and 2. the driver inputs have a nominal threshold of 1.2 v, and their voltage must be kept within the range of 0 v to v cc for proper operation. if the voltage is taken more than 0.5 v below ground, excessive currents will flow, and proper operation of the drivers will be affected. an open pin is equivalent to a logic high, but good design practices dictate that inputs should never be left open. the characteristics of the driver inputs are shown in figure 15. this graph is not affected by the state of the enable pins. enable logic each driver?s outputs are active when the enable inputs (pins 4 and 12) are true according to tables 1 and 2. the enable inputs have a nominal threshold of 1.2 v and their voltage must be kept within the range of 0 v to v cc for proper operation. if the voltage is taken more than 0.5 v below ground, excessive currents will flow, and proper operation of the drivers will be affected. an open pin is equivalent to a logic high, but good design practices dictate that inputs should never be left open. the enable input characteristics are shown in figure 15. operating temperature range the minimum ambient operating temperature is listed as ? 40 c to meet eia ? 485 specifications, and 0 c to meet eia ? 422 ? a specifications. the higher v od required by eia ? 422 ? a is the reason for the narrower temperature range.
mc75172b mc75174b http://onsemi.com 10 the maximum ambient operating temperature (applicable to both eia ? 485 and eia ? 422 ? a) is listed as 85 c. however, a lower ambient may be required depending on system use (i.e. specifically how many drivers within a package are used) and at what current levels they are operating. the maximum power which may be dissipated within the package is determined by: pd max  t jmax ?t a r  ja r ja = package thermal resistance (typical 70 c/w for the dip package, 85 c/w for soic package); t jmax = max. operating junction temperature, and t a = ambient temperature. where: since the thermal shutdown feature has a trip point of 150 c, 20 c, t jmax is selected to be 130 c. the power dissipated within the package is calculated from: = {[(v cc ? v oh ) ? i oh ] + v ol ? i ol )} each driver = + (v cc ? i cc ) v cc = the supply voltage; v oh , v ol are measured or estimated from figures 7 to 10; i cc = the quiescent power supply current (typical 60 ma). pd where: as indicated in the equation, the first term (in brackets) must be calculated and summed for each of the four drivers, while the last term is common to the entire package. example 1: t a = 25 c, i ol = i oh = 55 ma for each driver, v cc = 5.0 v, dip package. how many drivers per package can be used? maximum allowable power dissipation is: pd max  130 c  25 c 70 c  w  1.5 w since the power supply current of 60 ma dissipates 300 mw, that leaves 1.2 w (1.5 w ? 0.3 w) for the drivers. from figures 7 and 9, v ol  1.75 v, and v oh  3.85 v. the power dissipated in each driver is: {(5.0 ? 3.85) ? 0.055} + (1.75 ? 0.055) = 160 mw. since each driver dissipates 160 mw, the four drivers per package could be used in this application. example 2: t a = 85 c, i ol = 27.8 ma, i oh = 20 ma for each driver, v cc = 5.0 v, soic package. how many drivers per package can be used? maximum allowable power dissipation is: pd max  130 c  85 c 85 c  w  0.53 w since the power supply current of 60 ma dissipates 300 mw, that leaves 230 mw (530 mw ? 300 mw) for the drivers. from figures 8 and 10 (adjusted for v cc = 5.0 v), v ol  1.38 v, and v oh  4.27 v. the power dissipated in each driver is: {(5.0 ? 4.27) ? 0.020} + (1.38 ? 0.0278) = 53 mw since each driver dissipates 53 mw, the use of all four drivers in a package would be marginal. options include reducing the load current, reducing the ambient temperature, and/or providing a heat sink. system requirements eia ? 485 requires each driver to be capable of transmitting data dif ferentially to at least 32 unit loads, plus an equivalent dc termination resistance of 60 , over a common mode voltage of ? 7.0 to 12 v. a unit load (u.l.), as defined by eia ? 485, is shown in figure 17. figure 17. unit load definition 1.0 ma v 5.0 v ?3.0 v ?7.0 v 12 v ?0.8 ma reprinted from eia ? 485, electronic industries association, washington,dc. i a load current within the shaded regions represents an impedance of less than one u.l., while a load current of a magnitude outside the shaded area is greater than one u.l. a system?s total load is the sum of the unit load equivalents of each receiver?s input current, and each disabled driver?s output leakage current. the 60 termination resistance mentioned above allows for two 120 terminating resistors. using the eia ? 485 requirements (worst case limits), and the graphs of figures 7 and 9, it can be determined that the maximum current an mc75172b or mc75174b driver will source or sink is  65 ma. system example an example of a typical eia ? 485 system is shown in figure 18. in this example, it is assumed each receiver?s input characteristics correspond to 1.0 u.l. as defined in figure 17. each ?off? driver, with a maximum leakage of 50 a over the common mode range, presents a load of  0.06 u.l. the total load for the active driver is therefore 8.3 unit loads, plus the parallel combination of the two terminating resistors (60 ). it is up to the system software to control the driver enable pins to ensure that only one driver is active at any time.
mc75172b mc75174b http://onsemi.com 11 termination resistors transmission line theory states that, in order to preserve the shape and integrity of a waveform traveling along a cable, the cable must be terminated in an impedance equal to its characteristic impedance. in a system such as that depicted in figure 18, in which data can travel in both directions, both physical ends of the cable must be terminated. stubs, leading to each receiver and driver, should be as short as possible. leaving off the terminations will generally result in reflections which can have amplitudes of several volts above v cc or below ground. these overshoots and undershoots can disrupt the driver and/or receiver operation, create false data, and in some cases damage components on the bus. figure 18. typical eia ? 485 system notes: 1. terminating resistors r t must be located at the physical ends of the cable. 2. stubs should be as short as possible. 3. circuit ground of all drivers and receivers must be connected via a dedicated wire within the cable. do not rely on chassis ground or power line ground. #8 ttl r ttl ttl #3 ttl r en #2 ttl ttl en ttl r ttl #1 r ttl r t #1 en d #3 d #5 d ttl en #6 r ttl r en #5 r #6 d #7 r t ttl ttl r en ttl #4 d 5 ?off? drivers (@ 0.06 u.l. each), +8 receivers (@ 1.0 u.l. each) = 8.3 unit loads r t = 120 at each end of the cable. #4 d #2 120 twisted pair
mc75172b mc75174b http://onsemi.com 12 comparing system requirements characteristic symbol eia ? 485 eia ? 422 ? a v.11 and x.27 generator (driver) output impedance (note 1) z out not specified  100 50 10 100 open circuit voltage differential single ? ended v ocd v ocs 1.5 to 6.0 v  6.0 v  6.0 v  6.0 v  6.0 v, w/3.9 k , load  6.0 v, w/3.9 k , load loaded differential v oltage v od 1.5 to 5.0 v, w/54 load  2.0 v or  0.5 v ocd , w/100 load  2.0 v or  0.5 v ocd , w/100 load differential voltage balance v od  200 mv  400 mv  400 mv output common mode range v cm ? 7.0 to +12 v not specified not specified offset voltage v os ? 1.0  v os  3.0 v  3.0 v  3.0 v offset v oltage balance v os  200 mv  400 mv  400 mv short circuit current i os  250 ma for ? 7.0 to 12 v  150 ma to ground  150 ma to ground leakage current (v cc = 0) i olk not specified  100 a to ? 0.25 v thru 6.0 v  100 a to 0.25 v output rise/fall time (note 2) t r , t f  0.3 t b , w/54 /1150 pf load  0.1 t b or  20 ns, w/100 load  0.1 t b or  20 ns, w/100 load receiver input sensitivity v th 200 mv 200 mv 300 mv input bias voltage v bias  3.0 v  3.0 v  3.0 v input common mode range v cm ? 7.0 to 12 v ? 7.0 to 7.0 v ? 7.0 to 7.0 v dynamic input impedance r in spec number of u.l.  4 k  4 k notes: 1. compliance with v.11 and x.27 (blue book) output impedance requires external resistors in series with the outputs of the mc75 172b and mc75174b. 2. t b = bit time. additional information copies of the eia recommendations (eia ? 485 and eia ? 422 ? a) can be obtained from the electronics industries association, washington, d.c. (202 ? 457 ? 4966). copies of the ccitt recommendations (v.11 and x.27) can be obtained from the united states department of commerce, springfield, va (703 ? 487 ? 4600).
mc75172b mc75174b http://onsemi.com 13 outline dimensions notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. ? a ? b f c s h g d j l m 16 pl seating 18 9 16 k plane ? t ? m a m 0.25 (0.010) t dim min max min max millimeters inches a 0.740 0.770 18.80 19.55 b 0.250 0.270 6.35 6.85 c 0.145 0.175 3.69 4.44 d 0.015 0.021 0.39 0.53 f 0.040 0.70 1.02 1.77 g 0.100 bsc 2.54 bsc h 0.050 bsc 1.27 bsc j 0.008 0.015 0.21 0.38 k 0.110 0.130 2.80 3.30 l 0.295 0.305 7.50 7.74 m 0 10 0 10 s 0.020 0.040 0.51 1.01     p suffix plastic package case 648 ? 08 issue r
mc75172b mc75174b http://onsemi.com 14 outline dimensions dw suffix plastic package case 751d ? 05 (so ? 20l) issue f 20 1 11 10 b 20x h 10x c l 18x a1 a seating plane  h x 45  e d m 0.25 m b m 0.25 s a s b t e t b a dim min max millimeters a 2.35 2.65 a1 0.10 0.25 b 0.35 0.49 c 0.23 0.32 d 12.65 12.95 e 7.40 7.60 e 1.27 bsc h 10.05 10.55 h 0.25 0.75 l 0.50 0.90  0 7 notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimensions d and e do not include mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of b dimension at maximum material condition.  on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, in cluding without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different a pplications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical e xperts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc prod uct could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney f ees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was neglig ent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2 ? 9 ? 1 kamimeguro, meguro ? ku, tokyo, japan 153 ? 0051 phone : 81 ? 3 ? 5773 ? 3850 mc75172b/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082 ? 1312 usa phone : 480 ? 829 ? 7710 or 800 ? 344 ? 3860 toll free usa/canada fax : 480 ? 829 ? 7709 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MC74172B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X