Part Number Hot Search : 
C67078 7067525 154062 PCA9509D LTC2284 SN8P260 S1E101MD SK2837
Product Description
Full Text Search
 

To Download LEC-2281 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  LEC-2281 4th gen intel? core? i7/i5/i3 platform with rich i/o and expansion features specifcations ? intel? core? i7/i5/i3 cpu with qm87 pch ? intel? hd graphics 4600 ? hdmi/vga/dvi-d & 3 independent display ports ? 2x usb 3.0 ports & 4x usb 2.0 ports ? mini-pci-e slots / 1x pci or 1x pci-e x16 ? 2x 2.5 hdd/ssd bays with raid 0/1 processor system cpu intel? core? i7-4700eq/i5-4400e/ i3-4102e frequency 2.4ghz/2.7ghz/1.6ghz core number 4c(i7)/2c(i5/i3) bios ami 128mbit spi flash bios chipset intel? qm87 fanless yes memory technology ddr3l 1333/1600mhz max. capacity 16 gb socket 2x 204-pin sodimm graphic controller intel? hd graphics 4600 vga 1x vga, 1920 x 1200 dvi-d 1x dvi-d, 1920 x 1200 hdmi 1x hdmi, 3840 x 2160 @24hz or 2560 x 1600 @60hz audio codec realtek alc886 interface 2x phone jack for mic-in and line-out ethernet controller intel? i217lm and i210at speed 10/100/1000 mbps interface 2x rj45 storage type sata iii installation 1x msata socket type sata iii installation 2x 2.5 hdd/ssd drive bay i/o serial port 2x rs-232/422/485, db9 male digital i/o - usb 2.0 4x type a usb 3.0 2x type a power-on/reset button 1x power on/off, 1x reset remote power switch - led power/storage access antenna hole 2 x sma antenna holes expansion interface mini-pcie 1x full-sized socket with sim card reader/1x full-sized socket pci 1 (included in the packing) pci express x16 1 (default) watchdog timer watchdog timer 1~255 level time interval system reset, software programmable power power type atx power supply voltage 9v dc ~ 30v dc connector 2-pin terminal block power consumption (idle) 25.42w power consumption (full load) 36.22w power adaptor ac to dc, ac 90 to 240 v ac input, dc 19v/3.95a 75w environment operating temperature -10c~50c (with ssd) -10c~45c (with hdd) storage temperature -20c~70c relative humidity 5%~95% (non-condensing) vibration iec 60068-2-64, 0.5grms, random 5 ~500 hz, 40 mins/axis mechanical dimension (w x h x d) 277 x 78 x 195 mm ( 10.9 x 3.07 x 7.68 ) construction aluminum + sgcc weight 3.8kg mounting wall/vesa/rack-mount driver support microsoft windows wes 7 e, win 7 pro fes, we 8.1 industry pro linux kernal 3.x certifcation emc ce/fcc, class a safety none embedded box pc
LEC-2281-711a fanless industrial pc with intel? core? i7-4700eq cpu LEC-2281-511a fanless industrial pc with intel? core? i5-4400e cpu LEC-2281-311a fanless industrial pc with intel? core? i3-4102e cpu dimensions (w x h x d) 277 x 78 x 195 mm (10.9 x 3.07 x 7.68) ordering information product i/o view 080w1n0002001 sata ssd/hdd cable with power 098w000004000 metal brkt black wallmount-4 0p0w075190001 75w 19v/3.95a power adapter standard accessories LEC-2281 a b c power on/off status leds usb 3.0 d e f usb 2.0 reset dc-in g h i pci or pci-e usb 2.0 lan v.1-2015.09.21 a b c d e j dvi-d l k hdmi vga m com n line_out 277 195 78 f g h i j k l m n o mic_in o ? lanner electronics inc. all rights reserved. all product specifcations are subject to change without notice. connect@lannerinc.com | www.lannerinc.com


▲Up To Search▲   

 
Price & Availability of LEC-2281

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X