Part Number Hot Search : 
ELJFA1 BZX84B12 CPCL04GC 200BG D4148 P062A 0160B 1377B
Product Description
Full Text Search
 

To Download I7070 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  I7070 general description the I7070 is a +3.3v/5v laser diode driver for sfp/ sff applications up to 1.25gbps. the device accepts differential input dat a and provides bias and modulation currents for driving a laser. dc-couplin g laser to the device eases of multi rate applications and reduces the external componen t count. the I7070 is fully compliant with the sfp msa timing and the sff- 8472 transmit diagnostic requirements. an automatic power control (apc) feedback loop is i ncorporated to maintain a constant average optical power over temperature and lifetime. optional temperature compensation compensates laser diode extinction rat io change with temperature over 500ppm ~ 10,000ppm range. the wide modulation curre nt range of 5ma to 85ma and bias current of 1ma to 100ma make this product ideal for driving fp/dfb laser diodes in fiber optic modules. the I7070 also provides transmit-disable control (d isable), a single-point latched transmit-failure monitor output (fault), ph otocurrent monitoring, and bias-current monitoring to indicate faults, such as when the apc loop is unable to maintain the average optical power. the I7070 comes in a 4mm * 4mm 24-pin qfn package a nd operates over the extended temperature range of -40 c to +85 c. features ? single +3.3v or +5v power supply ? automatic average power control ( apc ) ? fully compliant with sfp and sff-8472 msas ? programmable modulation current from 5ma to 60ma (d c-coupled) ? programmable modulation current from 5ma to 85ma (a c-coupled) ? programmable temperature compensation ? programmable bias current from 1ma to 100ma ? bias and modulation current monitor ? edge transition time < 130ps ? 51ma typical power-supply current ? multirate 155mbps to 1.25gbps operation ? 24-pin 4mm * 4mm qfn package


▲Up To Search▲   

 
Price & Availability of I7070

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X