Part Number Hot Search : 
HCMOS T5100650 MBR2045 CAT511 IDT72V RL1N1200 MC12026 0N1TR
Product Description
Full Text Search
 

To Download HMS10-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  110512/13 lem reserves the right to carry out modifcations on its transducers, in order to improve them, without prior notice. www.lem.com page 1/6 i pn = 5 .. 20 a features hall effect measuring principle galvanic isolation between primary and secondary circuit isolation test voltage 4300v low power consumption extremely low profle, 12mm single power supply +5v fixed offset & gain for smt mounting advantages small size and space saving only one design for wide primary current range high immunity to external interference. v ref pin with ref out & ref in modes applications ac variable speed drives static converters for dc motor drives battery supplied applications uninterruptible power supplies (ups) switched mode power supplies (smps) power supplies for welding applications. application domain industrial current transducer hms 5..20-p for the electronic measurement of currents: dc, ac, pulsed..., with galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit). electrical data primary nominal primary current primary conductor type current rms measuring range size x turns i pn (a) i pm (a) (mm) 5 15 0.65 x 1.6 x 4t hms 05-p 10 30 0.65 x 1.6 x 4t hms 10-p 15 45 1.2 x 2.2 x 2t hms 15-p 20 60 1.2 x 2.2 x 2t hms 20-p v out output voltage (analog) @ i p v oe (0.625i p /i pn ) v g th theoretical sensitivity 0.625 v/i pn v ref reference voltage 1) - output voltage 2.5 0.025 v v ref output impedance typ. 200 w v ref load impedance 200 kw r l load resistance 2 kw r out output internal resistance < 5 w c l capacitive loading = 4.7 nf v c supply voltage ( 5 %) 3) 5 v i c current consumption @ v c = 5 v 19 ma accuracy - dynamic performance data x accuracy 2) @ i pn , t a = 25c 1 % of i pn e l linearity error 0 .. i pn 0.5 % of i pn .. 3 x i pn 1 % of i pn tcv out temperature coeffcient of v out @ i p = 0 0.4 mv/k tcv ref temperature coeffcient of v ref (25 .. 85 c) 0.01 %/k (-40 .. 25 c) 0.015 %/k tcv out /v ref temperature coeffcient of v out / v ref @ i p = 0 0.2 mv/k tcg temperature coeffcient of g 0.07 % of reading/k v oe electrical offset voltage @ i p = 0, t a = 25 v ref 0.025 v v om magnetic offset voltage @ i p = 0, after an overload of 3 x i pn dc < 1.2 % of i pn t ra reaction time @ 10 % of i pn < 3 s t r response time to 90 % of i pn step < 5 s di/dt di/dt accurately followed > 50 a/s v no output voltage noise (dc .. 10khz) < 20 mvpp (dc .. 1mhz) < 40 mvpp bw frequency bandwidth (- 3 db) 4) dc .. 50 khz notes : 1) it is possible to overdrive v ref with an external reference voltage between 1.5v - 2.8v providing its ability to sink or source approximately 5 ma. 2) excluding offset and hysteresis. 3) maximum supply voltage (not operating) < 6.5 v 4) small signal only to avoid excessive heatings of the magnetic core. all data are given with a r l = 10 k w
110512/13 lem reserves the right to carry out modifcations on its transducers, in order to improve them, without prior notice. www.lem.com page 2/6 current transducer hms 5..20-p general data t a ambient operating temperature - 40 .. + 85 c t s ambient storage temperature - 40 .. + 85 c m mass app. 6 g ul94 classifcation v0 standard en 50178: 1997 isolation characteristics v b rated isolation voltage rms with iec en 50178, 61010-1 standards and following conditions - over voltage category iii - pollution degree 2 - heterogeneous feld over voltage categoly pollution degree 2 heterogeneous field en50178 iec61010-1 single isolation 1000v 1000v reinforced insulation 600v 300v v d rms voltage for ac isolation test, 50 hz, 1 min 4.3 kv dcp creepage distance > 9.4 mm dcl clearance distance > 9.4 mm cti comparative tracking index (group i ) > 600 v v e partial discharge extinction voltage rms @ 10 pc > 750 v v w impulse withstand voltage 1.2/50 s 8 kv safety this transducer must be used in electric/electronic equipment with respect to applicable standards and safety requirements in accordance with the manufacturers operating instructions. caution, risk of electrical shock when operating the transducer, certain parts of the module can carry hazardous voltage (eg. primary busbar, power supply). ignoring this warning can lead to injury and/or cause serious damage. this transducer is a built-in device, whose conducting parts must be inaccessible after installation. a protective housing or additional shield could be used. main supply must be able to be disconnected.
110512/13 lem reserves the right to carry out modifcations on its transducers, in order to improve them, without prior notice. www.lem.com page 3/6 dimensions hms 5..20-p (in mm. 1 mm = 0.0394 inch) mechanical characteristics general tolerance (unless otherwise stated) 0.5 mm dimensions do not include deformation such as warp age. remarks v out is positive when i p fows from terminal 5 (in) to terminal 6 (out). temperature of the primary conductor should not exceed 100c. dimensions hms 5..20-p (in mm. 1 mm = 0.0394 inch) mechanical characteristics ? general tolerance (unless otherwise stated) 0.2 mm dimension does not include deformation such as warp. remarks ? v out is positive when i p flows from terminal 5 (in) to terminal 6 (out). ? temperature of the primary conductors should not exceed 100c. t h e p a r t s a n d p . c . b . s u r f a c e t e m p e r a t u r e t i m e 1 8 0 + / - 3 0 s e c . 6 0 + / - 1 5 s e c p e a k 2 5 0 d e g ( 5 s e c m a x . ) 2 4 5 + / - 5 d e g 2 t o 5 d e g / s e c 2 t o 5 d e g / s e c 1 5 0 d e g 1 8 0 d e g p b - f r e e r e f l o w p r o f i l e 4 t o 8 d e g / s e c recommended connection circuit hms 05-p 47nf 47nf 5v 0v output v ref. 4.7nf in/out operation principle +vc vout vref.(in/out) 0v (*) (*) preliminary. will be 260 deg (5 sec max.) in final version. (1) (2) (3) (4) 080908/4 ww w .lem.com lem reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice. page 3/4 a b turns hms 05- p hms 10- p 0.65 t 1 .6 w 4 t hms 15- p hms 20- p 1.2 t 2.2 w 2 t solder reflow patterns solder refow patterns dimensions hms 5..20-p (in mm. 1 mm = 0.0394 inch) mechanical characteristics ? general tolerance (unless otherwise stated) 0.2 mm dimension does not include deformation such as warp. remarks ? v out is positive when i p flows from terminal 5 (in) to terminal 6 (out). ? temperature of the primary conductors should not exceed 100c. t h e p a r t s a n d p . c . b . s u r f a c e t e m p e r a t u r e t i m e 1 8 0 + / - 3 0 s e c . 6 0 + / - 1 5 s e c p e a k 2 5 0 d e g ( 5 s e c m a x . ) 2 4 5 + / - 5 d e g 2 t o 5 d e g / s e c 2 t o 5 d e g / s e c 1 5 0 d e g 1 8 0 d e g p b - f r e e r e f l o w p r o f i l e 4 t o 8 d e g / s e c recommended connection circuit hms 05-p 47nf 47nf 5v 0v output v ref. 4.7nf in/out operation principle +vc vout vref.(in/out) 0v (*) (*) preliminary. will be 260 deg (5 sec max.) in final version. (1) (2) (3) (4) 080908/4 ww w .lem.com lem reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice. page 3/4 a b turns hms 05- p hms 10- p 0.65 t 1 .6 w 4 t hms 15- p hms 20- p 1.2 t 2.2 w 2 t solder reflow patterns 260 10 ?
110512/13 lem reserves the right to carry out modifcations on its transducers, in order to improve them, without prior notice. www.lem.com page 4/6 current transducer hms 5..20-p handling instructions notes for storage, handling and mounting the transducer storage (1) general storage conditions: temperature 5 .. 30 c humidity 40 .. 60 %rh without dew condensation (2) storage period: storage period is within 1 year after production date in general storage conditions with dry pack dessicant. according to msl1 (moisture sensitivity level 1) requirement. (3) containers must prevent electric static charge build up. n ote. for over storage periods of 1 year, the customer shall confrm the solderability of the part. handling and mounting (1) do not expose the transducer to shock or vibration. damage caused by shock or vibration can lead to a failure of the transducer . (2) do not wash the transducer. the hms is a non-sealed type transducer. if liquids reach inside the transducer, it will cause migration or corrosion, which will infuence the performance. (3) thickness of the pcb should be more than 1.5 mm. if the thickness is not enough, the pcb tends to warp. it makes excessive tension on the transducer, which will infuence the dynamic characteristics. (4) be aware of the chucking force when mounting the transducer. when you use a machine for mounting the hms transducer, make sure the chucking force is not too much because excessive force could cause damage to the parts inside the case, which will infuence the dynamic characteristics of the transducer. chucking force should not exceed 3 times the weight of the transducer. (5) do not touch the lead pins with bare hands after they are taken out of the reel. lead pins of hms are pb free parts. if the pins are touched by bare hands, they will oxidize faster, and that could cause soldering problems. do not use hms transducer other than measuring current.
110512/13 lem reserves the right to carry out modifcations on its transducers, in order to improve them, without prior notice. www.lem.com page 5/6 28 0.1 ( more than 2000mm ) this specification is according to jis c 0806-3, eia-481-d
110512/13 lem reserves the right to carry out modifcations on its transducers, in order to improve them, without prior notice. www.lem.com page 6/6


▲Up To Search▲   

 
Price & Availability of HMS10-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X