Part Number Hot Search : 
A1004 H100J MSC1550M MAX69 SMAJ24 BLN12 00GM30R BLN12
Product Description
Full Text Search
 

To Download FMMT489TA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fmmt489 document number: ds33090 rev. 4 - 2 1 of 7 www.diodes.com may 2013 ? diodes incorporated fmmt489 a product line o f diodes incorporated 30v npn medium power transistor in sot23 features ? bv ceo > 30v ? i c = 1a high continuous collector current ? i cm up to 4a peak pulse current ? excellent h fe characteristics up to 4a ? r sat = 175m? @ 1a for a low equivalent on-resistance ? low saturation voltage < 300mv @ 1a ? 500mw power dissipation ? complementary pnp type: fmmt589 ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: sot-23 ? case material: molded plasti c. ?green? molding compound. ? ul flammability rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish - matte tin plated leads, solderable per mil-std-202, method 208 ? weight: 0.008 grams (approximate) ordering information (note 4) product marking reel size (inches) tape width (mm) quantity per reel FMMT489TA 489 7 8 3,000 notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our websit e at http://www.diodes.com /products/packages.html. marking information e3 top view sot23 device symbol top view pin-out 489 = product type marking code c e b c e b
fmmt489 document number: ds33090 rev. 4 - 2 2 of 7 www.diodes.com may 2013 ? diodes incorporated fmmt489 a product line o f diodes incorporated maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit collector-base voltage v cbo 50 v collector-emitter voltage v ceo 30 v emitter-base voltage v ebo 7 v continuous collector current i c 1 a peak pulse current i cm 4 a base current i b 200 ma thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation (note 5) p d 500 mw thermal resistance, junction to ambient (note 5) r ja 250 c/w thermal resistance, junction to lead (note 6) r jl 197 c/w operating and storage temperature range t j, t stg -55 to +150 c esd ratings (note 7) characteristic symbol value unit jedec class electrostatic discharge - human body model esd hbm 4,000 v 3a electrostatic discharge - machine model esd mm 400 v c notes: 5. for a device mounted with the collector lead on 15mm x 15mm 1oz weight copper that is on a single-sided fr4 pcb; devi ce is measured under still air conditions whilst operating in a steady-state. 6. thermal resistance from junction to solder-point (at the end of the collector lead). 7. refer to jedec specification jesd22-a114 and jesd22-a115.
fmmt489 document number: ds33090 rev. 4 - 2 3 of 7 www.diodes.com may 2013 ? diodes incorporated fmmt489 a product line o f diodes incorporated thermal characteristics and derating information 11 01 0 0 1m 10m 100m 1 15 x 15mm fr4 1oz copper v ce(sat) limit 100s 1ms 10ms 100ms 1s dc safe operating area -i c collector current (a) -v ce collector-emitter voltage (v) 0 20 40 60 80 100 120 140 160 0.0 0.1 0.2 0.3 0.4 0.5 0.6 15 x 15mm fr4 1oz copper derating curve temperature (c) max power dissipation (w) 100 1m 10m 100m 1 10 100 1k 0 40 80 120 160 200 240 15 x 15mm fr4 1oz copper transient thermal impedance d=0.5 d=0.2 d=0.1 single pulse d=0.05 thermal resistance (c/w) pulse width (s) 100 1m 10m 100m 1 10 100 1k 0.1 1 10 100 15 x 15mm fr4 1oz copper pulse power dissipation pulse width (s) max power dissipation (w)
fmmt489 document number: ds33090 rev. 4 - 2 4 of 7 www.diodes.com may 2013 ? diodes incorporated fmmt489 a product line o f diodes incorporated electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min max unit test condition collector-base breakdown voltage bv cbo 50 v i c = 100 a collector-emitter breakdown voltage (note 8) bv ceo 30 v i c = 10 ma emitter-base breakdown voltage bv ebo 7 v i e = 100 a collector-base cutoff current i cbo 100 na v cb = 30v emitter-base cutoff current i ebo 100 na v eb = 6v collector-emitter cutoff current i ces 100 na v ces = 30v static forward current transfer ratio (note 8) h fe 100 100 60 20 - 300 - - i c = 1ma, v ce = 2v i c = 1a, v ce = 2v i c = 2a, v ce = 2v i c = 4a, v ce = 2v collector-emitter saturation voltage (note 8) v ce(sat) 300 600 mv mv i c = 1a, i b = 100ma i c = 2a, i b = 200ma base-emitter turn-on voltage (note 8) v be(on) 1.0 v i c = 1a, v ce = 2v base-emitter saturation voltage (note 8) v be(sat) 1.1 v i c = 1a, i b = 100ma output capacitance c obo 10 pf v cb = 10v, f = 1mhz transition frequency f t 150 mhz v ce = 10v, i c = 50ma, f = 100mhz note: 8. measured under pulsed c onditions. pulse width 300s. duty cycle 2%
fmmt489 document number: ds33090 rev. 4 - 2 5 of 7 www.diodes.com may 2013 ? diodes incorporated fmmt489 a product line o f diodes incorporated typical electrical characteristics (@t a = +25c, unless otherwise specified.)
fmmt489 document number: ds33090 rev. 4 - 2 6 of 7 www.diodes.com may 2013 ? diodes incorporated fmmt489 a product line o f diodes incorporated package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. sot23 dim min max typ a 0.37 0.51 0.40 b 1.20 1.40 1.30 c 2.30 2.50 2.40 d 0.89 1.03 0.915 f 0.45 0.60 0.535 g 1.78 2.05 1.83 h 2.80 3.00 2.90 j 0.013 0.10 0.05 k 0.903 1.10 1.00 k1 - - 0.400 l 0.45 0.61 0.55 m 0.085 0.18 0.11 ?? 0 8 - all dimensions in mm dimensions value (in mm) z 2.9 x 0.8 y 0.9 c 2.0 e 1.35 a m j l d f b c h k g k1 x e y c z
fmmt489 document number: ds33090 rev. 4 - 2 7 of 7 www.diodes.com may 2013 ? diodes incorporated fmmt489 a product line o f diodes incorporated important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of FMMT489TA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X