Part Number Hot Search : 
SG6506 FM206 LA9251 SC3BH1 T495X AN2320S 15100 S10K2
Product Description
Full Text Search
 

To Download C2M0040120D-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 c2m0040120d silicon carbide power mosfet c2 m tm mosfet technology n-channel enhancement mode features ? high blocking voltage with low on-resistance ? high speed switching with low capacitances ? easy to parallel and simple to drive ? avalanche ruggedness ? resistant to latch-up ? halogen free, rohs compliant benefts ? higher system effciency ? reduced cooling requirements ? increased power density ? increased system switching frequency applications ? solar inverters ? switch mode power supplies ? high voltage dc/dc converters ? battery chargers ? motor drives ? pulsed power applications package to-247-3 part number package c2m0040120d to-247-3 v ds 1200 v i d @ 25?c 60 a r ds(on) 40 m ? maximum ratings (t c = 25 ?c unless otherwise specifed) symbol parameter value unit test conditions note v dsmax drain - source voltage 1200 v v gs = 0 v, i d = 100 a v gsmax gate - source voltage -10/+25 v absolute maximum values v gsop gate - source voltage -5/+20 v recommended operational values i d continuous drain current 60 a v gs = 20 v, t c = 25?c fig. 19 40 v gs = 20 v, t c = 100?c i d(pulse) pulsed drain current 160 a pulse width t p limited by t jmax fig. 22 p d power dissipation 330 w t c =25?c, t j = 150 ?c fig. 20 t j , t stg operating junction and storage temperature -55 to +150 ?c t l solder temperature 260 ?c 1.6mm (0.063) from case for 10s m d mounting torque 1 8.8 nm lbf-in m3 or 6-32 screw c2m0040120d rev. b, 10-2015
2 electrical characteristics (t c = 25?c unless otherwise specifed) symbol parameter min. typ. max. unit test conditions note v (br)dss drain-source breakdown voltage 1200 v v gs = 0 v, i d = 100 a v gs(th) gate threshold voltage 2.0 2.6 4 v v ds = v gs , i d = 10ma fig. 11 2.1 v v ds = v gs , i d = 10ma, t j = 150 c i dss zero gate voltage drain current 1 100 a v ds = 1200 v, v gs = 0 v i gss gate-source leakage current 250 na v gs = 20 v, v ds = 0 v r ds(on) drain-source on-state resistance 40 52 m? v gs = 20 v, i d = 40 a fig. 4,5,6 84 v gs = 20 v, i d = 40 a, t j = 150 c g fs transconductance 15.1 s v ds = 20 v, i ds = 40 a fig. 7 13.2 v ds = 20 v, i ds = 40 a, t j = 150 c c iss input capacitance 1893 pf v gs = 0 v v ds = 1000 v f = 1 mhz v ac = 25 mv fig. 17,18 c oss output capacitance 150 c rss reverse transfer capacitance 10 e oss c oss stored energy 82 j fig 16 e as avalanche energy, single pluse 2 j i d = 40a, v dd = 50v fig. 29 e on turn-on switching energy 1.0 mj v ds = 800 v, v gs = -5/20 v i d = 40a, r g(ext) = 2.5?, l= 80 h fig. 25 e off turn off switching energy 0.4 t d(on) turn-on delay time 15 ns v dd = 800 v, v gs = -5/20 v i d = 40 a r g(ext) = 2.5 ?, r l = 20 ? timing relative to v ds per iec60747-8-4 pg 83 fig. 27 t r rise time 52 t d(off) turn-off delay time 26 t f fall time 34 r g(int) internal gate resistance 1.8 ? f = 1 mhz , v ac = 25 mv q gs gate to source charge 28 nc v ds = 800 v, v gs = -5/20 v i d = 40 a per iec60747-8-4 pg 21 fig. 12 q gd gate to drain charge 37 q g total gate charge 115 reverse diode characteristics symbol parameter typ. max. unit test conditions note v sd diode forward voltage 3.3 v v gs = - 5 v, i sd = 20 a, t j = 25 c fig. 8, 9, 10 3.1 v v gs = - 5 v, i sd = 20 a, t j = 150 c i s continuous diode forward current 60 a t c = 25 c note 1 t rr reverse recovery time 54 ns v gs = - 5 v, i sd = 40 a t j = 25 c vr = 800 v dif/dt = 1000 a/s note 1 q rr reverse recovery charge 283 nc i rrm peak reverse recovery current 15 a note (1): when using sic body diode the maximum recommended v gs = -5v thermal characteristics symbol parameter typ. max. unit test conditions note r jc thermal resistance from junction to case 0.34 0.38 c/w fig. 21 r jc thermal resistance from junction to ambient 40 c2m0040120d rev. b, 10-2015
3 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 - 50 - 25 0 25 50 75 100 125 150 on resistance, r ds on (p.u.) junction temperature, t j ( c) conditions: i ds = 40 a v gs = 20 v t p < 200 s 0 20 40 60 80 100 0.0 2.5 5.0 7.5 10.0 drain - source current, i ds (a) drain - source voltage, v ds (v) conditions: t j = 150 c tp < 200 s v gs = 20 v v gs = 10 v v gs = 18 v v gs = 16 v v gs = 14 v v gs = 12 v 0 20 40 60 80 100 0.0 2.5 5.0 7.5 10.0 drain - source current, i ds (a) drain - source voltage, v ds (v) conditions: t j = - 55 c tp < 200 s v gs = 20 v v gs = 10 v v gs = 18 v v gs = 16 v v gs = 14 v v gs = 12 v 0 20 40 60 80 100 0.0 2.5 5.0 7.5 10.0 drain - source current, i ds (a) drain - source voltage, v ds (v) conditions: t j = 25 c tp < 200 s v gs = 20 v v gs = 10 v v gs = 18 v v gs = 16 v v gs = 14 v v gs = 12 v figure 2. output characteristics t j = 25 c typical performance figure 1. output characteristics t -55 c 0 20 40 60 80 100 120 140 0 20 40 60 80 100 on resistance, r ds on (mohms) drain - source current, i ds (a) conditions: v gs = 20 v t p < 200 s t j = 150 c t j = - 55 c t j = 25 c 0 20 40 60 80 100 120 140 - 50 - 25 0 25 50 75 100 125 150 on resistance, r ds on (mohms) junction temperature, t j ( c) conditions: i ds = 40 a t p < 200 s v gs = 20 v v gs = 18 v v gs = 16 v v gs = 14 v figure 3. output characteristics t j = 150 c figure 4. ormalized on-resistance vs. temperature figure 6. on-resistance vs. temperature for various gate voltage figure 5. on-resistance vs. drain current for various temperatures c2m0040120d rev. b, 10-2015
4 typical performance 0 10 20 30 40 50 60 0 2 4 6 8 10 12 14 drain - source current, i ds (a) gate - source voltage, v gs (v) conditions: v ds = 20 v tp < 200 s t j = 150 c t j = - 55 c t j = 25 c - 100 - 80 - 60 - 40 - 20 0 - 6 - 5 - 4 - 3 - 2 - 1 0 drain - source current, i ds (a) drain - source voltage, v ds (a) v gs = 0 v v gs = - 2 v v gs = - 5 v condition: t j = - 55 c t p < 200 s - 100 - 80 - 60 - 40 - 20 0 - 6 - 5 - 4 - 3 - 2 - 1 0 drain - source current, i ds (a) drain - source voltage, v ds (a) v gs = 0 v v gs = - 2 v v gs = - 5 v condition: t j = 25 c t p < 200 s - 100 - 80 - 60 - 40 - 20 0 - 6 - 5 - 4 - 3 - 2 - 1 0 drain - source current, i ds (a) drain - source voltage, v ds (a) v gs = 0 v v gs = - 2 v v gs = - 5 v condition: t j = 150 c t p < 200 s 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 - 50 - 25 0 25 50 75 100 125 150 threshold voltage, v th (v) junction temperature t j ( c) conditions v ds = 10 v i ds = 0.5 ma conditions v ds = v gs i ds = 10 ma - 5 0 5 10 15 20 25 0 20 40 60 80 100 120 140 gate - source voltage, v gs (v) gate charge, q g (nc) conditions: i ds = 40 a i gs = 100 ma v ds = 800 v t j = 25 c figure 7. transfer characteristic for various junction temperatures figure 8. ody diode characteristic at -55 c figure 9. ody diode characteristic at 25 c figure 10. ody diode characteristic at 150 c figure 11. threshold voltage vs. temperature figure 12. gate charge characteristics c2m0040120d rev. b, 10-2015
5 1 10 100 1000 10000 0 50 100 150 200 capacitance (pf) drain - source voltage, v ds (v) c iss c oss conditions: t j = 25 c v ac = 25 mv f = 1 mhz c rss typical performance - 100 - 80 - 60 - 40 - 20 0 - 6 - 5 - 4 - 3 - 2 - 1 0 drain - source current, i ds (a) drain - source voltage, v ds (v) conditions: t j = - 55 c tp < 200 s v gs = 0 v v gs = 5 v v gs = 10 v v gs = 15 v v gs = 20 v - 100 - 80 - 60 - 40 - 20 0 - 6 - 5 - 4 - 3 - 2 - 1 0 drain - source current, i ds (a) drain - source voltage, v ds (v) conditions: t j = 25 c tp < 200 s v gs = 0 v v gs = 5 v v gs = 10 v v gs = 15 v v gs = 20 v - 100 - 80 - 60 - 40 - 20 0 - 6 - 5 - 4 - 3 - 2 - 1 0 drain - source current, i ds (a) drain - source voltage, v ds (v) conditions: t j = 150 c tp < 200 s v gs = 0 v v gs = 5 v v gs = 10 v v gs = 15 v v gs = 20 v 0 20 40 60 80 100 0 200 400 600 800 1000 1200 stored energy, e oss (j) drain to source voltage, v ds (v) 1 10 100 1000 10000 0 200 400 600 800 1000 capacitance (pf) drain - source voltage, v ds (v) c iss c oss conditions: t j = 25 c v ac = 25 mv f = 1 mhz c rss figure 13. 3rd quadrant characteristic at -55 c figure 14. 3rd quadrant characteristic at 25 c figure 15. 3rd quadrant characteristic at 150 c figure 16. output capacitor stored energy figure 17. capacitances vs. drain-source voltage (0-200 v) voltage (0-1000 v) c2m0040120d rev. b, 10-2015
6 0 1 2 3 4 5 6 0 10 20 30 40 50 60 70 80 90 switching energy (mj) drain to source current, i ds (a) conditions: t j = 25 c v dd = 800 v r g(ext) = 2.5 ? v gs = - 5/+20 v fwd = c4d20120a l = 80 h e off e on e total typical performance 0 10 20 30 40 50 60 70 - 55 - 5 45 95 145 drain - source continous current, i ds (dc) (a) case temperature, t c ( c) conditions: t j 150 c 0 50 100 150 200 250 300 350 - 55 - 5 45 95 145 maximum dissipated power, p tot (w) case temperature, t c ( c) conditions: t j 150 c 100e - 6 1e - 3 10e - 3 100e - 3 1 1e - 6 10e - 6 100e - 6 1e - 3 10e - 3 100e - 3 1 junction to case impedance, z thjc ( o c/w) time, t p (s) 0.5 0.3 0.1 0.05 0.02 0.01 singlepulse 0.01 0.10 1.00 10.00 100.00 0.1 1 10 100 1000 drain - source current, i ds (a) drain - source voltage, v ds (v) 100 s 1 ms 10 s conditions: t c = 25 c d = 0, parameter: t p 100 ms limited by r ds on 0 0.5 1 1.5 2 2.5 3 3.5 4 0 10 20 30 40 50 60 70 80 90 switching energy (mj) drain to source current, i ds (a) conditions: t j = 25 c v dd = 600 v r g(ext) = 2.5 ? v gs = - 5/+20 v fwd = c4d20120a l = 80 h e off e on e total figure 20. maximum power dissipation derating vs. case temperature figure 19. continuous drain current derating vs. case temperature figure 21. transient thermal impedance (junction - case) = 800v) = 600v) c2m0040120d rev. b, 10-2015
7 typical performance 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 5 10 15 20 25 30 switching loss (mj) external gate resistor rg(ext) (ohms) e off e on e total conditions: t j = 25 c v dd = 800 v i ds = 40 a v gs = - 5/+20 v fwd = c4d20120a l = 80 h 0.0 0.5 1.0 1.5 2.0 2.5 - 50 - 25 0 25 50 75 100 125 150 swithcing loss (mj) junction temperature, t j ( c) conditions: i ds = 40 a v dd = 800 v r g(ext) = 2.5 ? v gs = - 5/+20 v fwd = c4d20120a l = 80 h e off e on e total 0 10 20 30 40 50 60 70 80 90 100 0 4 8 12 16 20 time (ns) external gate resistor, r g(ext) (ohms) conditions: t j = 25 c v dd = 800 v r l = 20 ? v gs = - 5/+20 v t d (off) t d (on) t f t r figure 25. clamped inductive switching energy vs. r g(ext) figure 26. clamped inductive switching energy vs. temperature figure 27. switching times vs. r g(ext) figure 28. switching times defnition 0 10 20 30 40 50 60 70 0 25 50 75 100 125 150 175 200 avalanche current (a) time in avalanche t av (us) conditons: v dd = 50 v figure 29. single avalanche soa curve c2m0040120d rev. b, 10-2015
8 test circuit schematic figure 30. clamped inductive switching waveform test circuit esd test total devices sampled resulting classifcation esd-hbm all devices passed 1000v 2 (>2000v) esd-mm all devices passed 400v c (>400v) esd-cdm all devices passed 1000v iv (>1000v) esd ratings c dc =42. 3 uf l = 80 uh q 1 d 1 c4d 20120a 20 a, 1200v sic schottky v dc d.u. t c2 m0040120 d c dc = 42. 3 uf l = 80 uh q 2 v dc d.u. t c2m 0040120 d q 1 v gs = - 5v c 2m0040120 d figure 31. body diode recovery test circuit c2m0040120d rev. b, 10-2015
9 package dimensions package to-247-3 recommended solder pad layout to-247-3 pos inches millimeters min max min max a .190 .205 4.83 5.21 a1 .090 .100 2.29 2.54 a2 .075 .085 1.91 2.16 b .042 .052 1.07 1.33 b1 .075 .095 1.91 2.41 b2 .075 .085 1.91 2.16 b3 .113 .133 2.87 3.38 b4 .113 .123 2.87 3.13 c .022 .027 0.55 0.68 d .819 .831 20.80 21.10 d1 .640 .695 16.25 17.65 d2 .037 .049 0.95 1.25 e .620 .635 15.75 16.13 e1 .516 .557 13.10 14.15 e2 .145 .201 3.68 5.10 e3 .039 .075 1.00 1.90 e4 .487 .529 12.38 13.43 e .214 bsc 5.44 bsc n 3 3 l .780 .800 19.81 20.32 l1 .161 .173 4.10 4.40 ?p .138 .144 3.51 3.65 q .216 .236 5.49 6.00 s .238 .248 6.04 6.30 t 9? 11? 9? 11? u 9? 11? 9? 11? v 2? 8? 2? 8? w 2? 8? 2? 8? pinout information: ? pin 1 = gate ? pin 2, 4 = drain ? pin 3 = source t u w v part number package marking c2m0040120d to-247-3 c2m0040120 c2m0040120d rev. b, 10-2015
10 10 related links ? c2m pspice models: http://wolfspeed.com/power/tools-and-support ? sic mosfet isolated gate driver reference design: http://wolfspeed.com/power/tools-and-support ? sic mosfet evaluation board: http://wolfspeed.com/power/tools-and-support c2m0040120d rev. b, 10-2015 copyright ? 2014 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo, and zero recovery are registered trademarks of cree, inc. cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919.313.5451 www.cree.com/power ? rohs compliance the levels of rohs restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with eu directive 2011/65/ ec (rohs2), as implemented january 2, 2013. rohs declarations for this product can be obtained from your cree representative or from the product documentation sections of www.cree.com. ? reach compliance reach substances of high concern (svhcs) information is available for this product. since the european chemical agency (echa) has published notice of their intent to frequently revise the svhc listing for the foreseeable future,please contact a cree represen - tative to insure you get the most up-to-date reach svhc declaration. reach banned substance information (reach article 67) is also available upon request. ? this product has not been designed or tested for use in, and is not intended for use in, applications implanted into the human body nor in applications in which failure of the product could lead to death, personal injury or property damage, including but not limited to equipment used in the operation of nuclear facilities, life-support machines, cardiac defbrillators or similar emergency medical equipment, aircraft navigation or communication or control systems, air traffc control systems. notes


▲Up To Search▲   

 
Price & Availability of C2M0040120D-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X