Part Number Hot Search : 
E4570 1599HGY F06T4 BYG20 TIL197A 16FF4 BU4538B LT551
Product Description
Full Text Search
 

To Download BV03DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 / 4 b v03dw specifications are subject to change without notice. customers should verify actual device performance in their specific applications www.bencent.com.cn order code: BV03DW version: a 0 2014 - 02 - 19 transient voltage suppressor iec 61000 - 4 - 2(esd) 15kv(air), 8 kv(contact) 4 50 watts peak pulse power (tp=8 /20 s) ultra low capacitance: 3.0 pf maximum low clamping voltage moisture sensitivity level level 1 weight 5 .0 mg small package:sod 323 ethernet part number i drm @v drm v br @i r vc@ i pp vc@ipp c o a v v ma v a v a pf max min max max max bv 03d w 0.5 3 .3 3.5 1 5.8 1 18 25 3 absolut e maximum ratings measured at t = 25oc rh = 45% - 75% (unless otherwise noted). v br is measured at i r =1ma surge waveform: 8/20 s . dc = 0 v , v rms =1v,f=1mhz part number and electrical parameter b v 03dw (1) (2) part numbering system mark b 42l c k 3: part number application inf ormation rmation features exterio r 0909 agency approvals icon description compliance with 2011/65/eu compliance with iec61249 - 2 - 21:2003 m ean lead free b 006u2g 0909 1 2 (1) bencent transient voltage suppressor (2) series: 03 etc. sod323 k3
2 / 4 b v03dw specifications are subject to change without notice. customers should verify actual device performance in their specific applications www.bencent.com.cn order code: BV03DW version: a 0 2014 - 02 - 19 transient voltage suppressor s ymbol parameter value unit t j operating junction temperature range - 55 to +150 t s storage temperature range - 55 to +150 parameters definition v c clamping voltage i pp surge waveform 8/20 s v drm s tand - off voltage v br breakdown voltage i drm reverse leakage current i r test current ppp peak pulse power dissipation typical characteristics thermal considerations v - i curve v drm v br v c i drm i r i drm v drm v br v c i r i pp i pp v
3 / 4 b v03dw specifications are subject to change without notice. customers should verify actual device performance in their specific applications www.bencent.com.cn order code: BV03DW version: a 0 2014 - 02 - 19 transient voltage suppressor ref m m inch a 1.17 0.046 a1 0.1 0.004 b 0.34 0. 10 0.013 0 .00 39 c 0. 17 0. 0 8 0.0 07 0 .00 32 d 1.66 0. 1 4 0 . 065 0 .0 0 55 e 1.28 0. 1 7 0 . 0 50 0 .0 0 66 h 2.5 0. 2 0.098 0. 0079 l 0. 28 0 . 18 0.01 1 0 .00 71 q1 0.25 0. 15 0.010 0. 0059 product dimensions environmental characteristics testing items technical standards high temperature reverse bias test temperature: 1503 bias=80%v drm time:1 68 h high temperature life test tempera t ure: 150 time:1 68 h high - low temperature cycle test temperature: from - 40 to1 25 dwell time 30min , 10cycles high temperature &high humidity test tempera t ure: 85 humidity:85% t ime:1 68 h pressure cooker test tempera t ure: 121 2atm. humidity:100% t ime: 24h resistance of soldering heat temperat ure: 2605 time of dip soldering 10s 3times note: the above testing items can be specified by customers special request r ecommended s oldering p ad a b c d ref mm inch a 3.20 0.126 b 1.08 0.043 c 1.06 0.042 d 0.54 0.021
4 / 4 b v03dw specifications are subject to change without notice. customers should verify actual device performance in their specific applications www.bencent.com.cn order code: BV03DW version: a 0 2014 - 02 - 19 transient voltage suppressor reflow condition pb - free assembly pre heat t e mperature min 150c t e mperature max 200c time m in to m ax 60 C 180 secs average ramp up rate liquid tamp t l to peal 3c/s m ax t s (max) to t l - ramp - up rate 3c/s m ax reflow - temperature (t l ) ( liquid ) 217c - temperature ( t l ) 60 C 150 secs peak temperature (t p ) 260+0/ - 5 c time within 5c of actual peak temperature ( t p ) 8 C 1 5 secs ramp - down rate 6c/s m ax time 25c to peak temperature (t p ) 8 min s max. do not exceed 260c ref m m inch a 1.46 +/ - 0. 1 0 . 057 +/ - 0 .0 04 b 2.9 +/ - 0. 1 0 . 11 4+/ - 0 .0 04 d 1. 25 +/ - 0.1 0 .0 4 9+/ - 0 .0 04 d 178 +/ - 1.0 7.01 +/ - 0. 039 d1 55 +/ - 3 2.165 +/ - 0 . 118 d2 13+/ - 0. 5 0 .512+/ - 0 .0 20 e 1. 7 5+/ - 0. 1 0 .0 6 9+/ - 0 .00 4 f 3.5 +/ - 0. 2 0 . 138 +/ - 0 .00 8 p 4 .0+/ - 0. 2 0 . 158 +/ - 0 .00 8 p0 4.0+/ - 0. 2 0 .15 8 +/ - 0 .00 8 p1 2.0+/ - 0. 2 0 .079+/ - 0 .00 8 w 8 .0+/ - 0.2 0 . 315 +/ - 0 .008 w1 1 4.4 +/ - 0.5 0 . 567 +/ - 0 .0 20 outline reel (pcs) per carton (pcs) reel diameters (mm) carton size(mm) l w h taping 3 ,000 90 ,000 177 3 9 0 37 0 22 0 p ackage r eel i nformation r eflow p rofile t p t l t s(max) 25 t ime to peak temperature time temperature critical zone t l to t p t p ramp - up t s(min) preheat ramp - down t l t s


▲Up To Search▲   

 
Price & Availability of BV03DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X