Part Number Hot Search : 
T8050 MAX703 C2111 F55976 74AUP PXT8050 V3023 FC7103
Product Description
Full Text Search
 

To Download BAT54HT1GH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zowie technology corporation schottky barrier diode lead free product halogen-free type BAT54HT1GH 1 2 sod-323 rating symbol value unit characteristic continuous reverse voltage v r 30 vdc characteristic symbol max. unit total device dissipation fr-5 board, t a =25 o c derate above 25 o c p d 200 1.57 mw mw / o c ( i f =0.1 madc ) ( i f =1.0 madc ) ( i f =10 madc ) ( i f =30 madc ) ( i f =100 madc ) thermal resistance, junction to ambient 635 o c / w maximum ratings thermal characteristics electrical characteristics (t a =25 o c unless otherwise noted) off characteristics r ja junction and storage temperature ( v r =25 vdc ) reverse voltage leakage current reverse breakdown voltage ( i r =10uadc ) repetitive peak forward current junction capacitance ( v r =1.0v, f=1.0mh z ) symbol v (br) i r i frm i frm c j trr min. - - - - - 30 - - - - - max. 0.24 0.32 0.40 0.50 1.00 - 2.0 300 600 10 5.0 typ. 0.22 0.29 0.35 0.41 0.52 - 0.5 - - 7.6 - unit vdc forward voltage v f vdc uadc madc forward current ( dc ) i f - 200 - madc madc pf ns reverse recovery time ( i f =i r= 10 madc, i r(rec) =1.0madc ) 150 o c t j, t stg non-repetitive peak forward current ( t < 1.0 s ) zowie t echnology corporation rev . 0 anode cathode 1 2 30 volts schottky barrier detector and switching diode
zowie technology corporation BAT54HT1GH figure 1. recovery time equivalent test circuit zowie t echnology corporation rev . 0 c d , diode capacitance ( pf ) notes: 1. a 2.0 k variable resistor adjusted for a forward current (i f ) of 10ma. 2. input pulse is adjusted so i r(peak) is equal to 10ma. 3. t p ? t rr +10 v 2 k 820 0.1uf d.u.t. v r 100uh 0.1uf 50 output pulse generator 50 input sampling oscilloscope t r t p t 10% 90% i f i r t rr t i r(rec) = 1ma output pulse (i f = i r = 10 ma; measured at i r(rec) = 1ma i f input signal 100 0.0 0.1 0.2 v f , forward voltage ( volts ) 0.3 0.4 0.5 10 1.0 0.1 1000 0 v r , reverse voltage ( volts ) 100 10 1.0 0.1 0.01 0.001 5 10 15 20 14 0 5 10 15 20 25 30 v r , reverse voltage ( volts ) 10 12 8 4 6 0 figure 2. forward voltage figure 3. leakage current figure 4. capacitance 0.6 t a =125 o c t a =150 o c t a =85 o c t a =25 o c 150 o c 85 o c 25 o c -40 o c -55 o c 125 o c 25 30 2 i r , reverse current ( ua ) if, forward current ( ma )


▲Up To Search▲   

 
Price & Availability of BAT54HT1GH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X