Part Number Hot Search : 
00AXI ATS02 LS11K1T P4N40FI SNC12060 2N305 16NO7 CA14122
Product Description
Full Text Search
 

To Download BAT54HD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sod-923 outline dimensions unit:mm l e d ?x? ?y? b 2 x 0.08 (0.0032) x y h e c a dim millimeters a 0.36 0.15 0.07 0.75 0.55 0.95 0.05 0.40 0.20 0.12 0.80 0.60 1.00 0.10 0.43 0.25 0.17 0.85 0.65 1.05 0.15 b c d e h e l 1 2 max nom min soldering footprint 0.40 0.90 0.30 http://ww w .weitron.com.tw weitron BAT54HD small signal schottk y diodes 200m amperes 30 v o l ts description: featu r e: surface mount schottky barrier diodes sod-923 1 2 l e a d( p b ) - f r ee p b * slicon epitaxial planer * low forward voltage and low reverse current * high reliability * schottky barrier diodes encapsulated in a sod-923 package these schottky barrier diodes are designed for high speed switching applications circuit protection, and voltage clamping . extremely low forward voltage reduces conduction loss. miniature surface mount package is excellent for hand held and portable applications where space is limited. 1/3 15-oct-08
weitron BAT54HD device marking item marking eqivalent ci r cuit diagram http://ww w .weitron.com.tw BAT54HD jv 2 1 2/3 15-oct-08 m a x i m u m r a t i n g s (t a =25?c unless otherwise noted) (t a =25?c unless otherwise noted) characteristic characteristic dc reverse voltage peak forward surge current (1) storage temperature range forward voltage i f =1ma i f =100ma reverse leakage v r =25v symbol symbol min typ max t stg v f i r i fsm 600 200 30 i o v r value unit unit -55 to +125 ?c operation junction temperature range t j 125 0.32 2.0 - - - 1.0 - - - ?c ma ma v v a e l e c t r i c a l c h a r a c t e r i s t i c s n o t e : 1 . 6 0 h z f o r 1
weitron BAT54HD http://ww w .weitron.com.tw 3/3 15-oct-08 electrical characteristic curves (t =25c) a


▲Up To Search▲   

 
Price & Availability of BAT54HD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X