Part Number Hot Search : 
01344 350CJB BDT29AF LL2012 EC100 M1785 AM70N AK4220
Product Description
Full Text Search
 

To Download AP70SL1K4AI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet 100% r g & uis test bv dss 700v fast switching characteristic r ds(on) 1.4 simple drive requirement i d 3,4 3.2a rohs compliant & halogen-free description absolute maximum ratings@ t j =25 o c(unless otherwise specified) symbol units v ds drain-source voltage v v gs gate-source voltage v i d @t c =25 drain current, v gs @ 10v 3,4 a i d @t c =100 drain current, v gs @ 10v 3,4 a i dm pulsed drain current 1 a dv/dt mosfet dv/dt ruggedness (v ds = 0 ?400v ) v/ns p d @t c =25 total power dissipation w p d @t a =25 total power dissipation w e as single pulse avalanche energy 5 mj dv/dt peak diode recovery dv/dt 6 v/ns t stg storage temperature range t j operating junction temperature range thermal data symbol parameter value units rthj-c maximum thermal resistance, junction-case 5 /w rthj-a 65 /w data & specifications subject to change without notice 50 15 halogen-free product AP70SL1K4AI 25 parameter 8.3 rating 700 + 20 3.2 2.1 1 201511041 1.13 -55 to 150 -55 to 150 maximum thermal resistance, junction-ambient 27 g d s ap70sl1k4a series are from advanced power innovated design and silicon process technology to achieve the lowest possible on- resistance and fast switching performance. it provides the designe r with an extreme efficient device for use in a wide range of powe r applications. the to-220cfm package is widely preferred for all commercial- industrial through hole applications. the mold compound provides a high isolation voltage capability and low thermal resistance between the tab and the external heat-sink. g d s to-220cfm(i) .
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 700 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =1a - - 1.4 v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2 - 5 v g fs forward transconductance v ds =20v, i d =1a - 2.4 - s i dss drain-source leakage current v ds =560v, v gs =0v - - 100 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge i d =1.5a - 10.5 16.8 nc q gs gate-source charge v ds =480v - 2.8 - nc q gd gate-drain ("miller") charge v gs =10v - 4.2 - nc t d(on) turn-on delay time v dd =400v - 10 - ns t r rise time i d =1.5a - 7 - ns t d(off) turn-off delay time r g =10 -22- ns t f fall time v gs =10v - 14 - ns c iss input capacitance v gs =0v - 380 608 pf c oss output capacitance v ds =100v - 15 - pf c rss reverse transfer capacitance f=1.0mhz - 6 - pf r g gate resistance f=1.0mhz - 6 12 source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =1a, v gs =0v - 0.8 - v t rr reverse recovery time i s =1.5, v gs =0v - 150 - ns q rr reverse recovery charge di/dt=50a/s - 520 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.limited by max. junction temperature. maximum duty cycle d=0.75 5.starting t j =25 o c , v dd =50v , l=150mh , r g =25 6.i sd Q i d , v dd Q bv dss , starting t j = 25 o c this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. AP70SL1K4AI 2 4.ensure that the junction temperature does not exceed t jmax. . .
ap70sl1k4a i 0.37 fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 1 2 3 4 -100 -50 0 50 100 150 t j , junction temperature ( o c ) normalized r ds(on) i d =1a v g =10v 0 1 2 3 4 5 6 0 4 8 12 16 20 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 8.0v 7.0v v g =6.0v 0 1 2 3 4 0 4 8 12162024 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c 10v 8.0v 7.0v 6.0v v g =5.0v 0 2 4 6 8 0 0.2 0.4 0.6 0.8 1 1.2 v sd (v) i s (a) t j = 150 o ct j = 25 o c 0 0.4 0.8 1.2 1.6 2 -100 -50 0 50 100 150 t j , junction temperature ( o c ) normalized v gs(th) i d =250ua 1 1.2 1.4 1.6 1.8 2 2.2 45678910 v gs gate-to-source voltage (v) r ds(on) ( ) i d =1a t c =25 o c .
ap70sl1k4a i 0.37 fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig10. effective transient thermal impedance fig 11. total power dissipation fig 12. normalized bv dss v.s. junction temperature 4 0.1 1 10 100 1000 10000 0 100 200 300 400 500 600 700 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0 2 4 6 8 10 12 0 4 8 12 16 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =1.5a v ds =480v 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.001 0.01 0.1 1 10 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c s ingle pulse 10us 100us 1ms 10ms 100ms dc 0 10 20 30 40 0 50 100 150 t c , case temperature ( o c ) p d , power dissipation (w) operation in this area limited by r ds(on) 0 0.4 0.8 1.2 1.6 2 -100 -50 0 50 100 150 t j , junction temperature ( o c) normalized bv dss i d =1ma .
AP70SL1K4AI marking information 5 part numbe r date code (ywwsss) y last digit of the year ww week sss sequence 70sl1k4a ywwsss .


▲Up To Search▲   

 
Price & Availability of AP70SL1K4AI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X