Part Number Hot Search : 
USD025A MIC61150 LS5019 270302B H1302 MIC61150 BP5074 SMBJ17
Product Description
Full Text Search
 

To Download 6N136ST1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ct micro rev 2 proprietary & confidential page 1 may, 2015 6n135, 6n136, ct4502, ct4503 1mbit/s high speed phototransistor optocoupler features ? ?? ? high speed 1mbit/s ? ?? ? high isolation voltage between input and output (viso=5000 vrms ) ? ?? ? guaranteed ctr performance from 0c to 70c ? ?? ? wide operating temperature range of -55c to 100c ? ?? ? regulatory approvals  ul - ul1577 (e364000)  vde - en60747-5-5(vde0884-5)  cqc ? gb4943.1, gb8898  iec60065, iec60950 applications ? ?? ? line receivers ? ?? ? telecommunication equipment ? ?? ? high speed logic ground isolation ? ?? ? feedback loop in switch-mode power supplies ? ?? ? home appliances package outline schematic note: different bending options available. see pack age dimension. description the 6n135, 6n136, ct4502 and ct4503 devices each consist of an infrared emitting diode, optical ly coupled to a high speed photo detector transistor. a separate connection for the photodiode bias and output-transistor collector increase the speed by several orders of magnitude over conventional phototransistor couplers by reducing the base-collector capacitance of the input transistor. the devices are packaged in an 8-pin dip package and also available in gullwing (400mil) and surface mount lead forming.
ct micro rev 2 proprietary & confidential page 2 may, 2015 6n135, 6n136, ct4502, ct4503 1mbit/s high speed phototransistor optocoupler absolute maximum rating at 25 o c symbol parameters ratings units notes v iso isolation voltage *1 5000 v rms t opr operating temperature -55 ~ +100 o c t stg storage temperature -55 ~ +125 o c t sol soldering temperature *2 260 o c emitter i f forward current 25 ma i fp peak forward current (50% duty, 1ms p.w) 50 ma i f(trans) peak transient current ( 1 s p.w,300pps) 1 a v r reverse voltage 5 v p d power dissipation 40 mw detector p d power dissipation 100 mw v ebr emitter-base reverse voltage 5 v i b base current 5 ma i o(avg) average output current 8 ma i o (peak) peak output current 16 ma v o output voltage -0.5 to 20 v v cc supply voltage -0.5 to 30 v
ct micro rev 2 proprietary & confidential page 3 may, 2015 6n135, 6n136, ct4502, ct4503 1mbit/s high speed phototransistor optocoupler electrical characteristics t a = 0 - 70c (unless otherwise specified). typical v alues are measured at t a = 25 0 c and v cc =5v emitter characteristics symbol parameters test conditions min typ max units notes v f forward voltage if = 16ma - 1.45 1.6 v v r reverse voltage ir = 10 a 5.0 - - v  v f /  t a temperature coefficient of forward voltage if =16ma - -1.8 - mv/c detector characteristics symbol parameters test conditions min typ max units notes i oh logic high output current i f =0ma, v o =v cc =5.5v, t a =25c - 0.001 0.5 a i f =0ma, v o =v cc =15v, t a =25c - 0.01 1 i f =0ma, v o =v cc =15v - - 50 i ccl logic low supply current i f =16ma, v o =open, v cc =15v - 140 200 a i cch logic high supply current i f =0ma, v o =open, v cc =15v, t a =25c - 0.01 1 a if=0ma, vo=open, vcc=15v - - 2
ct micro rev 2 proprietary & confidential page 4 may, 2015 6n135, 6n136, ct4502, ct4503 1mbit/s high speed phototransistor optocoupler electrical characteristics t a = 0 - 70c (unless otherwise specified). typical v alues are measured at t a = 25 0 c and v cc =5v transfer characteristics symbol parameters test conditions min typ max units notes ctr current transfer ratio 6n135 i f =16ma, v o =0.4v,v cc =4.5v, t a =25c 7 - 50 % 6n136 ct4502 ct4503 19 - 50 6n135 i f =16ma, v o =0.5v, v cc =4.5v 5 - - 6n136 ct4502 ct4503 15 - - v ol logic low output voltage 6n135 i f =16ma,i o =1.1ma,v cc =4.5v, t a =25c - 0.18 0.4 v 6n136 ct4502 ct4503 i f =16ma, i o =3ma, v cc =4.5v, t a =25c - 0.18 0.4 6n135 i f =16ma, i o =0.8ma, v cc =4.5v - - 0.5 6n136 ct4502 ct4503 i f =16ma, i o =2.4ma, v cc =4.5v - - 0.5
ct micro rev 2 proprietary & confidential page 5 may, 2015 6n135, 6n136, ct4502, ct4503 1mbit/s high speed phototransistor optocoupler electrical characteristics t a = 0 - 70c (unless otherwise specified). typical v alues are measured at t a = 25 0 c and v cc =5v switching characteristics symbol parameters test conditions min typ max units notes t phl propagation delay time logic high to logic low 6n135 r l =4.1k  , t a= 25c - 0.35 1.5 s r l =4.1k  - - 2.0 6n136 ct4502 ct4503 r l =1.9k  , t a =25c - 0.35 0.8 r l =1.9k  - - 1.0 t plh propagation delay time logic low to logic high 6n135 r l =4.1k  , t a= 25c - 0.5 1.5 s r l =4.1k  - - 2.0 6n136 ct4502 ct4503 r l =1.9k  , t a =25c - 0.3 0.8 r l =1.9k  - - 1.0 cm h common mode transient immunity at logic high 6n135 i f = 0ma , v cm =10vp-p, r l =4.1k  , t a =25c 1,000 - - v/s 6n136 ct4502 i f = 0ma , v cm =10vp-p, r l =1.9k  , t a =25c 1,000 - - ct4503 i f = 0ma , v cm =1500vp-p, r l =1.9k  , t a =25c 15,000 20,000 cm l common mode transient immunity at logic low 6n135 i f = 16ma , v cm =10vp-p, r l =4.1k  , t a =25c 1,000 - - v/s 6n136 ct4502 i f = 16ma , v cm =1500vp-p, r l =1.9k  , t a =25c 1,000 - - ct4503 i f = 16ma , v cm =1500vp-p, r l =1.9k  , t a =25c 15,000 20,000
ct micro rev 2 proprietary & confidential page 6 may, 2015 6n135, 6n136, ct4502, ct4503 1mbit/s high speed phototransistor optocoupler typical characteristic curves
ct micro rev 2 proprietary & confidential page 7 may, 2015 6n135, 6n136, ct4502, ct4503 1mbit/s high speed phototransistor optocoupler
ct micro rev 2 proprietary & confidential page 8 may, 2015 6n135, 6n136, ct4502, ct4503 1mbit/s high speed phototransistor optocoupler test circuits
ct micro rev 2 proprietary & confidential page 9 may, 2015 6n135, 6n136, ct4502, ct4503 1mbit/s high speed phototransistor optocoupler test circuits
ct micro rev 2 proprietary & confidential page 10 may, 2015 6n135, 6n136, ct4502, ct4503 1mbit/s high speed phototransistor optocoupler package dimension dimensions in mm unless otherwise stated standard dip ? through hole gullwing (400mil) lead forming ? through hole (m ty pe)
ct micro rev 2 proprietary & confidential page 11 may, 2015 6n135, 6n136, ct4502, ct4503 1mbit/s high speed phototransistor optocoupler surface mount lead forming (s type) surface mount (low profile) lead forming (sl type)
ct micro rev 2 proprietary & confidential page 12 may, 2015 6n135, 6n136, ct4502, ct4503 1mbit/s high speed phototransistor optocoupler recommended solder mask dimensions in mm unless otherwise stated device marking ct : denotes ?ct micro? 6n135 : product number v : vde option y : fiscal year ww : work week k : production code ct 6n135 vywwk ct 4503 vywwk
ct micro rev 2 proprietary & confidential page 13 may, 2015 6n135, 6n136, ct4502, ct4503 1mbit/s high speed phototransistor optocoupler ordering information 6n13x(v)(y)(z) or ct450x(v)(y)(z) x = part no. (5,6 for 6n13x series), (2,3 for ct450 x series) v = vde option ( v or none) y = lead form option (s, sl, m or none) z = tape and reel option (t1, t2 or none) option description quantity none standard 8 pin dip 40 units/tube m gullwing (400mil) lead forming 40 units/tube s(t1) surface mount lead forming ? with option 1 taping 10 00 units/reel s(t2) surface mount lead forming ? with option 2 taping 10 00 units/reel sl(t1) surface mount (low profile) lead forming? with option 1 taping 1000 units/reel sl(t2) surface mount (low profile) lead forming? with option 2 taping 1000 units/reel
ct micro rev 2 proprietary & confidential page 14 may, 2015 6n135, 6n136, ct4502, ct4503 1mbit/s high speed phototransistor optocoupler carrier tape specifications dimensions in mm unless otherwise stated option s(t1) & sl(t1) option s(t2) & sl(t2)
ct micro rev 2 proprietary & confidential page 15 may, 2015 6n135, 6n136, ct4502, ct4503 1mbit/s high speed phototransistor optocoupler reflow profile profile feature pb-free assembly profile temperature min. (tsmin) 150c temperature max. (tsmax) 200c time (ts) from (tsmin to tsmax) 60-120 seconds ramp-up rate (t l to t p ) 3c/second max. liquidous temperature (t l ) 217c time (t l ) maintained above (t l ) 60 ? 150 seconds peak body package temperature 260c +0c / -5c time (t p ) within 5c of 260c 30 seconds ramp-down rate (t p to t l ) 6c/second max time 25c to peak temperature 8 minutes max.
ct micro rev 2 proprietary & confidential page 16 may, 2015 6n135, 6n136, ct4502, ct4503 1mbit/s high speed phototransistor optocoupler disclaimer ct micro reserves the right to make changes without further notice to any products herein to improve reliability, function or design. ct micro does not assume any liability arising out of the application or use of any produc t or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. ___________________________________________________ ___________________________________ ct micro are not authorized for use as critical com ponents in life support devices or systems without express written approval of ct micr o international corporation. 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain li fe, or (c) whose failure to perform when properly used in accordance with instruction for use provided in the labelling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of 6N136ST1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X