Part Number Hot Search : 
30M25 A22JVAB SK9434 MMBZ5243 2MBI150 IRH4054 2MBI150 DH71016
Product Description
Full Text Search
 

To Download 2SC4445 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SC4445 description ? with to-3pml package ? high voltage . ? high speed switching applications ? for switching regulator and general purpose applications pinning pin description 1 base 2 collector 3 emitter aabsolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 900 v v ceo collector-emitter voltage open base 800 v v ebo emitter-base voltage open collector 7 v i c collector current 3 a i cm collector current-peak 6 a i b base current 1.5 a p c collector power dissipation t c =25 ?? 60 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3pml) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SC4445 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma; i b =0 800 v v cesat collector-emitter saturation voltage i c =0.7a;i b =0.14a 0.5 v v besat base-emitter saturation voltage i c =0.7a;i b =0.14a 1.2 v i cbo collector cut-off current v cb =800v; i e =0 100 | a i ebo emitter cut-off current v eb =7v; i c =0 100 | a h fe dc current gain i c =0.7a ; v ce =4v 10 30 f t transition frequency i e =-0.3a ; v ce =12v 15 mhz c ob output capacitance v cb =10v;f=1mhz 50 pf switching times t on turn-on time 0.7 | s t stg storage time 4.0 | s t f fall time i c =0.7a; r l =357 |? i b1 =0.1a; i b2 =-0.35a v cc =250v 0.7 | s
inchange semiconductor product specification 3 silicon npn power transistors 2SC4445 package outline fig.2 outline dimensions
inchange semiconductor product specification 4 silicon npn power transistors 2SC4445


▲Up To Search▲   

 
Price & Availability of 2SC4445

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X