Part Number Hot Search : 
EKMQ451 51216 TB0492A 258823 BZX84C47 MAX1959 FSL3306 7461066
Product Description
Full Text Search
 

To Download 282TBDL503A25A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial 16mm size conductive plastic precision rotary sensor features series 282 1 - 4 ? 2013 cts corporation. all rights reserved. information subject to change. 12/5/13 cts electrocomponents www.ctscorp.com data sheet data sheet precision potentiometer ? electrocomponents ? robust construction ? 2 million cycle life ? 2% precision linearity ? water resistan t (ip54, ip67) ? wide temperature range electrical and mechanical specifications resistance range 1 k through 500 k ohms, linear consult cts for audio taper resistance tolerance 10%, 20% power rating 0.25 watts @ 55c maximum operating voltage 500 vd c angle of rotation 250, 300, 360 rotational torque 3 C 50 gf-c m stop strength 9 kgf-cm minimu m mounting information bushing mount insulation resistance 1000 megohms minimum @ 500 vd c dielectric strength 750 vdc for 1 minute push-pull strength of shaft 13.6 kg for 10 seconds rotational l ife 2 m cycles temperature operating: -40c to 125c storage: -55c to 150c solder heat resistan c e 350c for 5 seconds linearity 2 % ? solder lug, faston, pc terminal ? continuous rotation available ingress protection rati n g ip54, ip67 vibration 15g, 10 to 2000 hz ? rohs compliant (refer to resistance tapers for detail)
282s metal shaft, bushing mount, solde r lug (faston) terminal formed to rear 282u metal shaft, bushing mount, pc terminal formed to front dimension : mm standard tolerance : .x (1 place) : 0.3 .xx(2 place): 0.13 dimension : mm standard tolerance : .x (1 place) : 0.3 .xx(2 place): 0.13 15.9 13.9 4.3 ?2.80.2 g 1.00.1 1.60.2 see shaft trim options l0.4 t1 2.50.2 m9 x .75p or 3/8-32 unef 16.25 c 0.05 6.00 pcb layout opposite component side ?1.2 +0.2 -0 (3) 16.250.05 0.05 6.00 c 17.4 t2 c t s a 3.2 2 1 3 g clearance hole ?3.0 +0.2 -0 c l oc k wise ci r cuit c cw 1 cw wiper 2 3 0.8 locating lug g thickness t1 8 mm 9.4 mm 9.8 mm 10 mm thickness t2 4.1 mm 4.5 mm 12/5/13 2 - 4 cts electrocomponents ? 2013 cts corporation. all rights reserved. information subjec t to change. www.ctscorp.com
282t metal shaft, bushing mount, sold e r lug (faston) terminal 12/5/13 dimension : mm standard tolerance : .x (1 place) : 0.3 .xx(2 place): 0.13 3 - 4 cts electrocomponents ? 2013 cts corporation. all rights reserved. information subjec t to change. www.ctscorp.com flatted round knurled & slotted sd slot z y x shaft trim options shaft trim diameter r .236 (6.00 mm) .250 (6.35 mm) o shaft trim diameter f .236 (6.00 mm) .250 (6.35 mm) l x .375 (9.52 mm) .440 (11.18 mm) y .156 (3.96 mm) .217 (5.50 mm) shaft trim diameter s .236 (6.00 mm) .250 (6.35 mm) d x .063 (1.6mm) .063 (1.6mm) shaft trim diameter k .236 (6.00 mm) x .344 (8.74 mm) y .063 (1.60 mm) z 24 teeth x y y x y .039 (1.0mm) .039 (1.0mm)
ordering information 12/5/13 standard part - 282t33l502a25a2, 282t33l502a25c2, 282t c b s103a25b1 282t33l502a26a2, 282t33l502a26c2, 282tcbs 103a26b1 please consult factory for other mounting options or custom features not listed. a - 10% b - 20% resist t ol examples: resis t ance code exam ples shaft length l *r round f k knurled 24 teeth s sd slot .039w x .063 d b terminal style t - solder lug(faston) s - solder lug formed to rear u - pc terminals formed to front shaft trim options bushing mount a cod e resistance 102 1k 103 10k 503 50k 104 100k 504 500k bushing length linearity 282 mm inch a - 5.0 mm 2 - .250 b - 7.5 mm 3 - .375 c - 10.0 mm 4 - .500 mm inch 1 - .625 2 - .750 3 - .875 4 - 1.000 a - 10 mm b - 15 mm c - 20 mm d - 25 mm note: incremental length : 5mm or .125 notes: incremental length : 2.5mm or .125 bushing dia. & thread: m9 x .75p (metric) 3/8 - 32 unef (imperial) t a a r 103 a 2 5 2 - 2% - flatted .375 x .156 ip rating 5 - ip54 6 - ip67 1 rotation angle total effective a - 250 240 b - 300 280 c - 360 340 locating lug g 1 - left, 10mm 2 - left, 8mm shaft diameter 6mm (.236) shaft diameter 6.35mm (.250) *o round l d sd slot .039 w x .063 d - flatted .440 x .217 - - - - - 5 - 1.125 e - 30 mm 4 -4 cts electrocomponents ? 2013 cts corporation. all rights reserved. information subjec t to change. www.ctscorp.com total rotational angle: 250 resistance tapers total rotational angle total rotational angle n c e a t p e r c e n t r e s i s a n c e t i s p e r c e n t r e s r e s i s t a n c e p e r c e n t total rotational angle total rotational angle: 360 total rotational angle: 300 3 - no lug notes: *round shafts are not applicable for 360 rotational angle option.


▲Up To Search▲   

 
Price & Availability of 282TBDL503A25A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X