Part Number Hot Search : 
HSB124 UMX4NTR NGB8207N VN2222LL 2N3055A 2SJ315 1N3335B 200AB
Product Description
Full Text Search
 

To Download 1N4937GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n4933gp 50 1n4933gp......1N4937GP 1 amp. glass passivated fast recovery rectifier mounting instructions 1. min. distance from body to soldering point, 4 mm. 2. max. solder temperature, 350 ?. 3. max. soldering time, 3.5 sec. 4. do not bend lead at a point closer than 2 mm. to the body. dimensions in mm. do-41 (plastic) maximum ratings, according to iec publication no. 134 peak recurrent reverse voltage (v) forward current at tamb = 75 ? recurrent peak forward current 8,3 ms. peak forward surge current 1.0 a 10 a 30 a t j t stg operating temperature range storage temperature range 65 to + 175 c 65 to + 175 c electrical characteristics at tamb = 25 ? v f max. forward voltage drop at i f = 1 a i r 5 ?a 100 ?a 1.2 v max. reverse current at v rrm t rr r thj-a thermal resistance (i = 10 mm.) 60 ?/w 45 ?/w at 25 o c at 125 o c voltage 50 to 600 v. current 1.0 a. at 75 c. glass passivated junction high current capability the plastic material carries u/l recognition 94 v-0 terminals: axial leads polarity: color band denotes cathode 150 ns max. typ. 1n4934gp 100 1n4935gp 200 1n4936gp 400 1N4937GP 600 v rrm i f(av) i frm i fsm max. reverse recovery time from (jedec method) i f i r i rr = 0.5 a = 1 a = 0.25 a e rsm maximum non repetitive peak reverse avalanche energy. i r = 0.5 a ; t j = 25 ? 20 mj
t j = 25 ? v f ' instantaneous forward voltage (v) rating and characteristic curves 0.6 0.8 1.2 1.4 1.6 0 25 50 75 100 125 175150 tamb, ambient temperature (?) 100


▲Up To Search▲   

 
Price & Availability of 1N4937GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X