Part Number Hot Search : 
C7410 74HC82 OM5222SW 6AT29 PC0802L BUZ72AL BEFVAA4 PLL1045A
Product Description
Full Text Search
 

To Download 159PULSI-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  159 pul-si www.vishay.com vishay bccomponents revision: 20-may-15 1 document number: 28341 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 aluminum electrolytic capacitors power ultra long life snap-in fig. 1 features ? useful life: 3000 h to 5000 h at 105 ? c ? available up to 500 v ? polarized aluminum electrolytic capacitors, non-solid electrolyte ? large types, very small dimensions, cylindrical aluminum case, insulated with a blue sleeve ? low esr, high rippl e current capability ? keyed polarity snap -in version available ? high reliability ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 applications ? solar pv inverters ? general purpose, industri al and audio/video systems ? smoothing and filtering ? standard and switched mode power supplies ? energy storage in pulse systems marking the capacitors are marked (where possible) with the following information: ? rated capacitance (in f) ? tolerance code on rated capacitance, code letter in accordance with iec 60062 (m for 20 %) ? rated voltage (in v) ? date code (yymm or in 2 digits according to iec 60062) ? name of manufacturer ? code for factory of origin ? - sign to identify the nega tive terminal, visible from the top and side of the capacitor ? code number, last 8 digits 159 xxxxx ? climatic category in accordance with iec 60068 quick reference data description value nominal case size ? (? d x l in mm) 22 x 25 to 35 x 60 rated capacitance range (e6/e12 series), c r 56 f to 1800 f tolerance on c r 20 % rated voltage range, u r 200 v to 450 v 500 v category temperature range -25 c to +105 c endurance test at 105 c 2000 h load life at 105 c 2000 h useful life at 105 c 5000 h 3000 h useful life at 40 c and ? 1.6 x i r applied 500 000 h 300 000 h shelf life at 0 v, 105 c 1000 h max. rms value of ripple voltage 12 v n/a based on sectional speci fication iec 60384-4 / en130300 climatic category iec 60068 25/105/56 059 pll-si 157 pum-si 159 pul-si miniaturized 85 c selection chart for c r , u r , and relevant nominal case sizes (? d x l in mm) c r (f) u r (v) 200 250 400 450 500 56 - - - 22 x 25 - 68 - - 22 x 25 22 x 30 22 x 30 - - - 25 x 25 - 82 - - 22 x 30 22 x 35 22 x 35 - - 25 x 25 - - 100 - - 22 x 35 22 x 40 - - - 25 x 30 25 x 30 25 x 35 - - - 30 x 25 - 120 - - 22 x 35 - - - - 25 x 30 25 x 35 25 x 40 - - 30 x 25 - - 150 - - 22 x 40 25 x 40 25 x 45 - - 25 x 35 30 x 30 30 x 35 - - 30 x 30 35 x 25 - 180 - - 25 x 40 25 x 45 - - - 30 x 30 30 x 35 30 x 35 - - 35 x 25 - - 220 - 22 x 30 25 x 45 30 x 40 30 x 40 - 25 x 25 30 x 35 35 x 30 - - - 35 x 30 - -
159 pul-si www.vishay.com vishay bccomponents revision: 20-may-15 2 document number: 28341 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in millimeters and available forms two terminal snap-in fig. 2 - two terminal snap-i n fig. 3 - mountin g hole diagram three terminal snap-in fig. 4 - three terminal snap-in fig. 5 - mountin g hole diagram 270 - 22 x 35 25 x 50 30 x 45 30 x 50 - 25 x 30 30 x 40 35 x 35 - - 30 x 25 35 x 30 - - 330 22 x 30 22 x 40 30 x 45 30 x 50 - - 25 x 30 35 x 35 35 x 40 35 x 45 - 30 x 25 - - - 390 22 x 35 25 x 35 30 x 50 35 x 45 35 x 50 25 x 30 30 x 30 35 x 40 - - 470 22 x 40 25 x 40 35 x 45 35 x 50 35 x 55 30 x 25 30 x 30 - 35 x 40 - - 35 x 25 - - - 560 - 25 x 45 - 35 x 60 - 25 x 35 30 x 35 - - - 30 x 30 35 x 30 - - - 680 25 x 45 30 x 40 35 x 60 - - 30 x 30 35 x 35 - - - 35 x 25 - - - - 820 25 x 50 30 x 45 - - - 30 x 35 35 x 35 - - - 35 x 30 35 x 40 - - - 1000 30 x 45 35 x 40 - - - 35 x 35 35 x 45 - - - 1200 30 x 50 35 x 45 - - - 35 x 35 35 x 50 - - - 1500 35 x 45 - - - - 1800 35 x 50 - - - - selection chart for c r , u r , and relevant nominal case sizes (? d x l in mm) c r (f) u r (v) 200 250 400 450 500 ? d l + 2 max. l bottom view 5.8 mm + 0 - 1 + terminal - terminal the minu s terminal can be marked with a black dot or with an imprinted - s ign. 10 0.1 ? 2 0.1 (2 x) l bottom view minu s pole marking ? d l + 2 max. 4 0.5 + terminal - terminal the negative terminal ha s two pin s which are both electrically connected 10 0.1 3.3 0.1 4.75 0.1 2.5 0.1 2 0.1 (2 x) the 10 mm s pacing of the 2 pin s nap-in i s u s ed a s the ba s e layout and a third hole i s added. the third hole i s clo s er to the negative primary hole s o that polarization i s alway s maintained, together with added mechanical s tability. ? ?
159 pul-si www.vishay.com vishay bccomponents revision: 20-may-15 3 document number: 28341 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 1 notes ? unless otherwise specified, all electrical values in table 2 apply at t amb = 20 c, p = 86 kpa to 106 kpa, rh = 45 % to 75 % (1) esr at 120 hz is approximately 0.95 x esr 100 hz ordering example electrolytic capacitor 159 series 1000 f/200 v; 20 % nominal case size: ? 30 mm x 45 mm 2-terminal snap-in: ordering code: mal215942102e3 ? former 12nc: 222215942102 3-terminal snap-in: ordering code: mal215922102e3 ? former 12nc: 222215922102 dimensions in millimeters, mass and packaging quantities nominal case size ? ? d x l ? d max. l max. mass (g) packaging quantities (units per box) cardboard box dimensions l x w x h 22 x 25 23 27 ? 12 100 260 x 250 x 39 22 x 30 23 32 ? 16 100 260 x 250 x 44 22 x 35 23 37 ? 20 100 260 x 250 x 49 22 x 40 23 42 ? 23 100 260 x 250 x 54 25 x 25 26 27 ? 20 100 290 x 280 x 39 25 x 30 26 32 ?? 22 100 290 x 280 x 44 25 x 35 26 37 ? 24 100 290 x 280 x 49 25 x 40 26 42 ?? 27 100 290 x 280 x 54 25 x 45 26 47 ? 32 100 290 x 280 x 59 25 x 50 26 52 ? 38 100 290 x 280 x 64 30 x 25 31 27 ? 25 100 340 x 330 x 39 30 x 30 31 32 ? 30 100 340 x 330 x 44 30 x 35 31 37 ? 35 100 340 x 330 x 49 30 x 40 31 42 ? 40 100 340 x 330 x 54 30 x 45 31 47 ? 45 100 340 x 330 x 59 30 x 50 31 52 ? 50 100 340 x 330 x 64 35 x 25 36 27 ? 33 50 390 x 198 x 39 35 x 30 36 32 ? 40 50 390 x 198 x 44 35 x 35 36 37 ? 48 50 390 x 198 x 49 35 x 40 36 42 ? 55 50 390 x 198 x 54 35 x 45 36 47 ? 63 50 390 x 198 x 59 35 x 50 36 52 ? 72 50 390 x 198 x 64 35 x 55 36 57 ? 80 50 390 x 198 x 69 35 x 60 36 62 ? 84 50 390 x 198 x 74 electrical data symbol description c r rated capacitance at 100 hz i r rated rms ripple current at 120 hz, 105 c i l5 max. leakage current after 5 min at u r esr typ./max. equivalent se ries resistance at 100 hz (1) z typ./max. impedance at 10 khz
159 pul-si www.vishay.com vishay bccomponents revision: 20-may-15 4 document number: 28341 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 2 electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? ? d x l (mm) i r 120 hz 105 ? c (a) i l5 5 min (ma) typ. esr 100 hz (1) (m ? ) max. esr 100 hz (1) (m ? ) typ. z 10 khz (m ? ) max. z 10 khz (m ? ) ordering code mal2159....... 2-term. 3-term. 200 330 22 x 30 1.08 0.66 450 730 300 500 52331e3 72331e3 390 22 x 35 1.23 0.78 380 610 280 470 42391e3 22391e3 390 25 x 30 1.23 0.78 380 610 280 470 52391e3 72391e3 470 22 x 40 1.37 0.94 300 505 240 400 32471e3 12471e3 470 30 x 25 1.27 0.94 300 505 240 400 52471e3 72471e3 560 25 x 35 1.50 1.12 260 425 235 390 42561e3 22561e3 560 30 x 30 1.52 1.12 260 425 235 390 52561e3 72561e3 680 25 x 45 1.82 1.36 210 350 205 340 42681e3 22681e3 680 30 x 30 1.59 1.36 210 350 205 340 52681e3 72681e3 680 35 x 25 1.44 1.36 210 350 205 340 62681e3 82681e3 820 25 x 50 2.04 1.64 180 290 145 240 32821e3 12821e3 820 30 x 35 1.83 1.64 180 290 145 240 42821e3 22821e3 820 35 x 30 1.77 1.64 180 290 145 240 52821e3 72821e3 1000 30 x 45 2.23 2.00 150 235 135 225 42102e3 22102e3 1000 35 x 35 2.04 2.00 150 235 135 225 52102e3 72102e3 1200 30 x 50 2.47 2.40 130 210 115 190 42122e3 22122e3 1200 35 x 35 2.07 2.40 130 210 115 190 52122e3 72122e3 1500 35 x 45 2.56 3.00 100 170 95 155 52152e3 72152e3 1800 35 x 50 2.80 3.60 90 150 80 130 52182e3 72182e3 250 220 22 x 30 1.00 0.55 540 1080 420 700 43221e3 23221e3 220 25 x 25 1.00 0.55 540 1080 420 700 53221e3 73221e3 270 22 x 35 1.07 0.67 440 880 335 560 43271e3 23271e3 270 25 x 30 1.08 0.67 440 880 335 560 53271e3 73271e3 270 30 x 25 1.08 0.67 440 880 335 560 63271e3 83271e3 330 22 x 40 1.20 0.82 360 720 255 430 33331e3 13331e3 330 25 x 30 1.21 0.82 360 720 255 430 43331e3 23331e3 330 30 x 25 1.19 0.82 360 720 255 430 53331e3 73331e3 390 25 x 35 1.39 0.97 330 610 245 410 43391e3 23391e3 390 30 x 30 1.41 0.97 330 610 245 410 53391e3 73391e3 470 25 x 40 1.58 1.17 270 505 240 400 33471e3 13471e3 470 30 x 30 1.57 1.17 270 505 240 400 43471e3 23471e3 470 35 x 25 1.37 1.17 270 505 240 400 53471e3 73471e3 560 25 x 45 1.78 1.40 230 425 185 310 43561e3 23561e3 560 30 x 35 1.71 1.40 230 425 185 310 53561e3 73561e3 560 35 x 30 1.67 1.40 230 425 185 310 63561e3 83561e3 680 30 x 40 1.93 1.70 210 350 155 260 43681e3 23681e3 680 35 x 35 1.92 1.70 210 350 155 260 53681e3 73681e3 820 30 x 45 2.16 2.05 180 290 125 210 43821e3 23821e3 820 35 x 35 1.97 2.05 180 290 125 210 53821e3 73821e3 820 35 x 40 2.16 2.05 180 290 125 210 63821e3 83821e3 1000 35 x 40 2.22 2.50 140 235 105 180 53102e3 73102e3 1000 35 x 45 2.41 2.50 140 235 105 180 63102e3 83102e3 1200 35 x 45 2.46 3.00 130 200 95 160 43122e3 23122e3 1200 35 x 50 2.65 3.00 130 200 95 160 53122e3 73122e3 note (1) esr at 120 hz is approximately 0.95 x esr 100 hz
159 pul-si www.vishay.com vishay bccomponents revision: 20-may-15 5 document number: 28341 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 400 68 22 x 25 0.51 0.27 1600 3200 1170 1950 56689e3 76689e3 82 22 x 30 0.60 0.33 1200 2400 910 1520 46829e3 26829e3 82 25 x 25 0.60 0.33 1200 2400 910 1520 56829e3 76829e3 100 22 x 35 0.69 0.40 990 1980 740 1240 46101e3 26101e3 100 25 x 30 0.70 0.40 990 1980 740 1240 56101e3 76101e3 120 22 x 35 0.76 0.48 800 1600 660 1100 46121e3 26121e3 120 25 x 30 0.76 0.48 800 1600 660 1100 56121e3 76121e3 120 30 x 25 0.77 0.48 800 1600 660 1100 66121e3 86121e3 150 22 x 40 0.86 0.60 700 1400 510 860 36151e3 16151e3 150 25 x 35 0.89 0.60 700 1400 510 860 46151e3 26151e3 150 30 x 30 0.92 0.60 700 1400 510 860 56151e3 76151e3 180 25 x 40 1.01 0.72 590 1170 420 700 36181e3 16181e3 180 30 x 30 0.99 0.72 590 1170 420 700 46181e3 26181e3 180 35 x 25 0.96 0.72 590 1170 420 700 56181e3 76181e3 220 25 x 45 1.15 0.88 470 940 350 590 46221e3 26221e3 220 30 x 35 1.15 0.88 470 940 350 590 56221e3 76221e3 220 35 x 30 1.14 0.88 470 940 350 590 66221e3 86221e3 270 25 x 50 1.31 1.08 380 760 330 550 46271e3 26271e3 270 30 x 40 1.30 1.08 380 760 330 550 56271e3 76271e3 270 35 x 30 1.21 1.08 380 760 330 550 66271e3 86271e3 330 30 x 45 1.47 1.32 320 640 270 450 56331e3 76331e3 330 35 x 35 1.40 1.32 320 640 270 450 66331e3 86331e3 390 30 x 50 1.63 1.56 270 540 240 410 46391e3 26391e3 390 35 x 40 1.57 1.56 270 540 240 410 56391e3 76391e3 470 35 x 45 1.72 1.88 230 450 200 330 56471e3 76471e3 560 35 x 50 1.84 2.24 210 420 170 280 56561e3 76561e3 680 35 x 60 2.24 2.72 180 350 130 230 56681e3 76681e3 450 56 22 x 25 0.48 0.25 1600 3200 1120 1880 57569e3 77569e3 68 22 x 30 0.56 0.30 1200 2400 910 1530 47689e3 27689e3 68 25 x 25 0.56 0.30 1200 2400 910 1530 57689e3 77689e3 82 22 x 35 0.64 0.36 1100 2200 770 1290 57829e3 77829e3 100 22 x 40 0.74 0.45 900 1800 630 1050 37101e3 17101e3 100 25 x 30 0.71 0.45 900 1800 630 1050 47101e3 27101e3 100 30 x 25 0.73 0.45 900 1800 630 1050 57101e3 77101e3 120 25 x 35 0.82 0.54 750 1500 530 885 57121e3 77121e3 150 25 x 40 0.95 0.67 600 1200 420 705 47151e3 27151e3 150 30 x 30 0.93 0.67 600 1200 420 705 57151e3 77151e3 150 35 x 25 0.91 0.67 600 1200 420 705 67151e3 87151e3 180 25 x 45 1.07 0.81 500 1000 360 605 47181e3 27181e3 180 30 x 35 1.06 0.81 500 1000 360 605 57181e3 77181e3 220 30 x 40 1.21 0.99 370 740 310 525 47221e3 27221e3 220 35 x 30 1.14 0.99 370 740 310 525 57221e3 77221e3 270 30 x 45 1.37 1.21 350 700 270 450 47271e3 27271e3 270 35 x 35 1.32 1.21 350 700 270 450 57271e3 77271e3 330 30 x 50 1.54 1.48 300 600 230 390 47331e3 27331e3 330 35 x 40 1.49 1.48 300 600 230 390 57331e3 77331e3 390 35 x 45 1.61 1.75 250 500 200 340 57391e3 77391e3 470 35 x 40 1.90 1.50 210 300 115 190 90103e3d - 470 35 x 50 1.72 2.11 210 420 170 290 57471e3 77471e3 560 35 x 60 2.11 2.52 190 380 140 240 57561e3 77561e3 electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? ? d x l (mm) i r 120 hz 105 ? c (a) i l5 5 min (ma) typ. esr 100 hz (1) (m ? ) max. esr 100 hz (1) (m ? ) typ. z 10 khz (m ? ) max. z 10 khz (m ? ) ordering code mal2159....... 2-term. 3-term. note (1) esr at 120 hz is approximately 0.95 x esr 100 hz
159 pul-si www.vishay.com vishay bccomponents revision: 20-may-15 6 document number: 28341 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 500 68 22 x 30 0.60 0.34 1220 1630 850 1110 59689e3 79689e3 82 22 x 35 0.69 0.41 1010 1350 700 920 59829e3 79829e3 100 25 x 35 0.80 0.50 830 1110 580 760 59101e3 79101e3 120 25 x 40 0.91 0.60 700 930 490 640 59121e3 79121e3 150 25 x 45 1.08 0.75 560 750 390 510 59151e3 79151e3 150 30 x 35 1.06 0.75 590 780 420 550 49151e3 69151e3 180 30 x 35 1.13 0.90 480 640 350 450 59181e3 79181e3 220 30 x 40 1.30 1.10 400 530 280 370 59221e3 79221e3 270 30 x 50 1.58 1.35 320 430 230 300 59271e3 79271e3 330 35 x 45 1.74 1.65 290 380 210 270 49331e3 69331e3 390 35 x 50 1.94 1.95 230 310 170 220 59391e3 79391e3 470 35 x 55 2.15 2.35 200 260 150 190 59471e3 79471e3 additional electrical data parameter conditions value voltage surge voltage ? 400 v versions u s = 1.1 x u r ? 250 v versions u s = 1.15 x u r reverse voltage ? 1 v current leakage current after 5 min at u r i l5 ? 0.01 c r x u r inductance equivalent series inductance (esl) all case sizes typ. 19 nh max. 25 nh electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? ? d x l (mm) i r 120 hz 105 ? c (a) i l5 5 min (ma) typ. esr 100 hz (1) (m ? ) max. esr 100 hz (1) (m ? ) typ. z 10 khz (m ? ) max. z 10 khz (m ? ) ordering code mal2159....... 2-term. 3-term. note (1) esr at 120 hz is approximately 0.95 x esr 100 hz
159 pul-si www.vishay.com vishay bccomponents revision: 20-may-15 7 document number: 28341 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ripple current and useful life fig. 6 - multiplier of useful life as a function of ambient temperature and ripple current load table 3 ? ? ? ? ? ? multiplier of ripple current (i r ) as a function of frequency frequency (hz) i r multiplier 50 0.90 100 0.95 120 1.00 200 1.15 1000 1.30 ?? 10 000 1.40 1.3 1.2 1.1 1.0 0.8 0.5 0.0 40 50 60 70 80 90 t amb (c) i a i r 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 (1) 2.4 2.5 2.6 2.7 100 110 2 7 life multiplier 1 1.2 1.5 2.5 3 4 5 10 15 20 30 40 60 100 150 200 300 400 600 m g a 454 i a = actual ripple current at 120 hz i r = rated ripple current at 120 hz and 105 c (1) u s eful life at 105 c and i r applied: 450 v = 5000 h 500 v = 3000 h
159 pul-si www.vishay.com vishay bccomponents revision: 20-may-15 8 document number: 28341 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 4 test procedures and requirements test procedure (quick reference) requirements name of test reference endurance iec 60384-4/ ? en130300 ? subclause 4.13 t amb = 105 ? c; u r applied; 2000 h ? c/c: 15 % ? esr ? 1.3 x spec. limit ? i l5 ?? spec. limit load life t amb = 105 ? c; u r and i r applied; 2000 h ? c/c: 20 % esr ? 2 x spec. limit i l5 ?? spec. limit useful life cecc 30301 ? subclause 1.8.1 t amb = 105 ? c; u r and i r applied; ? ? 450 v = 5000 h, ? 500 v = 3000 h ? c/c: 30 % esr ? 3 x spec. limit i l5 ? spec. limit total failure percentage: ?? 3 % shelf life ? (storage at ? high temperature) iec 60384-4/ ? en130300 ? subclause 4.17 t amb = 105 ? c; no voltage applied; 1000 h after test: u r to be app lied for 30 min, ? 24 h to 48 h befo re measurement ? c/c: 15 % esr ? 1.5 x spec. limit i l5 ? spec. limit
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of 159PULSI-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X