Part Number Hot Search : 
MFI001 LH521028 MLS906B MP8715DL 2012S DS1222S ON0519 2SD1806
Product Description
Full Text Search
 

To Download 158PULSI-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  158 pul-si www.vishay.com vishay bccomponents revision: 11-oct-13 1 document number: 28375 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 aluminum capacitors power ultra long life snap-in fig. 1 features ? useful life: 5000 h at +105 c ? high ripple current capability ? keyed polarity version available ? polarized aluminum electrolytic capacitors, non-solid electrolyte ? large types, very small dime nsions, cylindrical aluminum case, insulated with a blue sleeve ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? general purpose, industrial telecommunication and audio/video systems ? smoothing and filtering ? standard and switched mode power supplies ? energy storage in pulse systems marking the capacitors are marked (where possible) with the following information: ? rated capacitance (in f) ? tolerance on rated capacitance, code letter in accordance with iec 60062 (m for 20 %) ? rated voltage (in v) ? date code (yymm) ? name of manufacturer ? code for factory of origin ? - sign to identify the nega tive terminal, visible from the top and side of the capacitor ? code number ? climatic category in accordance with iec 60068 quick reference data description value nominal case sizes ? (? d x l in mm) 22 x 25 to 35 x 50 rated capacitance range (e6/e12 series), c r 560 f to 47 000 f tolerance on c r 20 % rated voltage range, u r 16 v to 100 v category temperature ra nge -40 c to +105 c endurance test at 105 c 2000 h useful life at 105 c 5000 h useful life at 40 c, ? 1.9 x i r applied 125 000 h shelf life at 0 v, 105 c 500 h based on sectional specification iec 60384-4/en130300 climatic category iec 60068 40/105/56 058/059 pll- s i 156 pum- s i 090 pul- s i 158 pul- s i longer life miniaturized 85 c selection chart for c r , u r , and relevant nominal case sizes (? d x l in mm) c r (f) u r (v) 16 25 40 50 63 80 100 560 - - - - - - 22 x 25 820 - - - - - 22 x 25 22 x 30 1000 ----- - 22 x 35 - - - - - - 25 x 30 1200 - - - - 22 x 25 22 x 30 25 x 35 1500 - - - 22 x 25 22 x 30 22 x 35 - - - - - - 25 x 30 25 x 40 1800 - - - - - 25 x 35 - --- - -- 30 x 30
158 pul-si www.vishay.com vishay bccomponents revision: 11-oct-13 2 document number: 28375 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in millimeters and available forms two terminal snap-in fig. 2 - two terminal snap-in fig. 3 - mounting hole diagram 2200 - - 22 x 25 22 x 30 22 x 35 25 x 40 30 x 35 - - - - 25 x 30 30 x 30 - 2700 - - - 22 x 35 - - 30 x 40 - - - 25 x 30 25 x 35 30 x 35 - 3300 - 22 x 25 22 x 30 - 25 x 40 25 x 50 30 x 50 - - - 25 x 35 30 x 30 - 35 x 35 3900 - - 22 x 35 22 x 45 - 30 x 40 35 x 40 - - 25 x 30 25 x 40 30 x 35 - - 4700 - 22 x 30 22 x 40 - 30 x 40 35 x 35 35 x 50 - - - 30 x 30 - - - 5600 22 x 25 - - 25 x 50 - 35 x 40 - - - 25 x 35 30 x 35 35 x 35 - - 6800 - 22 x 35 - 30 x 40 30 x 50 35 x 50 - - 25 x 30 30 x 30 - 35 x 40 - - 8200 22 x 30 22 x 40 25 x 50 - 35 x 45 - - - 25 x 35 30 x 35 35 x 35 - - - 10 000 22 x 35 25 x 40 30 x 40 35 x 40 35 x 50 - - 25 x 30 30 x 30 35 x 30 - - - - 12 000 22 x 40 - - 35 x 45 - - - 25 x 35 30 x 35 35 x 35 - - - - 15 000 25 x 40 30 x 40 35 x 45 - - - - 18 000 - - 35 x 50 - - - - 30 x 35 35 x 35 - - - - - 22 000 30 x 40 30 x 50 - - - - - 27 000 - 35 x 45 - - - - - 35 x 35 ----- - 33 000 30 x 50 35 x 50 - - - - - 35 x 40 - - - - - - 39 000 35 x 45 - - - - - - 47 000 35 x 50 - - - - - - selection chart for c r , u r , and relevant nominal case sizes (? d x l in mm) c r (f) u r (v) 16 25 40 50 63 80 100 + terminal - terminal l bottom view 5.8 mm + 0 - 1 ? d l + 2 max. the minu s terminal can be marked with a black dot or with an imprinted - s ign. ? 2 0.1 (2 x) 10 0.1
158 pul-si www.vishay.com vishay bccomponents revision: 11-oct-13 3 document number: 28375 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 three terminal snap-in fig. 4 - three terminal snap-in fig. 5 - mounting hole diagram table 1 ? d l + 2 max. 4 0.5 l the negative terminal ha s two pin s which are both electrically connected. bottom view minu s pole marking + terminal - terminal ? 2 0.1 (2 x) ? 2.5 0.1 3.3 0.1 4.75 0.1 10 0.1 the 10 mm s pacing of the 2 pin s nap-in i s u s ed a s the ba s e layout and a third hole i s added. the third hole i s clo s er to the negative primary hole s o that polarization i s alway s maintained, together with added mechanical s tability. dimensions in millimeters, mass and packaging quantities nominal case size ? d x l ? d max. l max. mass (g) packaging quantities (units per box) cardboard box dimensions l x w x h 22 x 25 23 27 ? 12 100 260 x 250 x 39 22 x 30 23 32 ? 16 100 260 x 250 x 44 22 x 35 23 37 ? 20 100 260 x 250 x 49 22 x 40 23 42 ? 23 100 260 x 250 x 54 25 x 30 26 32 ? 22 100 290 x 280 x 44 25 x 35 26 37 ?? 24 100 290 x 280 x 49 25 x 40 26 42 ? 27 100 290 x 280 x 54 25 x 50 26 52 ?? 38 100 290 x 280 x 64 30 x 30 31 32 ?? 30 100 340 x 330 x 44 30 x 35 31 37 ?? 35 100 340 x 330 x 49 30 x 40 31 42 ?? 40 100 340 x 330 x 54 30 x 50 31 52 ? 50 100 340 x 330 x 64 35 x 35 36 37 ? 48 50 390 x 198 x 49 35 x 40 36 42 ? 55 50 390 x 198 x 54 35 x 45 36 47 ?? 63 50 390 x 198 x 59 35 x 50 36 52 ?? 72 50 390 x 198 x 64
158 pul-si www.vishay.com vishay bccomponents revision: 11-oct-13 4 document number: 28375 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) esr at 120 hz is approximately 0.95 x esr 100 hz ? unless otherwise specified, all electrical values in table 2 apply at t amb = 20 c, p = 86 kpa to 106 kpa, rh = 45 % to 75 % ordering example electrolytic capacitor 158 series 3900 f/80 v; 20 % nominal case size: ? 30 mm x 40 mm 2-terminal snap-in: ordering code: mal2 158 32392 e3 ? former 12nc: 2222 158 32392 3-terminal snap-in: ordering code: mal2 158 72392 e3 ? former 12nc: 2222 158 72392 table 2 electrical data symbol description c r rated capacitance at 100 hz i r rated rms ripple current at 100 hz, 105 c i l5 max. leakage current after 5 min at u r esr typ./max. equivalent se ries resistance at 100 hz (1) z typ./max. impedance at 10 khz electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) i r 100 hz 105 c (a) i r 10 khz 105 c (a) i l5 5 min (ma) max. esr 100 hz (1) (m ? ) max. z 10 khz (m ? ) ordering code mal2158....... 2-term. 3-term. 16 5600 22 x 25 2.50 2.95 0.18 111 98 15562e3 55562e3 8200 22 x 30 3.10 3.66 0.27 79 70 15822e3 55822e3 10 000 22 x 35 3.56 4.20 0.32 65 58 15103e3 55103e3 10 000 25 x 30 3.42 4.04 0.32 70 63 25103e3 65103e3 12 000 22 x 40 4.00 4.72 0.39 56 50 15123e3 55123e3 12 000 25 x 35 3.91 4.61 0.39 59 53 25123e3 65123e3 15 000 25 x 40 4.39 5.18 0.48 49 45 25153e3 65153e3 15 000 30 x 30 3.80 4.48 0.48 61 55 35153e3 75153e3 18 000 30 x 35 4.36 5.14 0.58 50 46 35183e3 75183e3 22 000 30 x 40 4.85 5.72 0.71 43 39 35223e3 75223e3 27 000 35 x 35 4.49 5.30 0.87 49 43 45273e3 85273e3 33 000 30 x 50 5.70 6.73 1.06 33 31 35333e3 75333e3 33 000 35 x 40 4.97 5.86 1.06 42 37 45333e3 85333e3 39 000 35 x 45 5.42 6.40 1.25 37 33 45393e3 85393e3 47 000 35 x 50 5.80 6.84 1.51 33 30 45473e3 85473e3 25 3300 22 x 25 2.27 2.68 0.17 130 105 16332e3 56332e3 4700 22 x 30 2.82 3.33 0.24 93 76 16472e3 56472e3 6800 22 x 35 3.37 3.98 0.34 69 57 16682e3 56682e3 6800 25 x 30 3.25 3.84 0.34 74 62 26682e3 66682e3 8200 22 x 40 3.79 4.47 0.41 58 49 16822e3 56822e3 8200 25 x 35 3.72 4.39 0.41 62 52 26822e3 66822e3 10 000 25 x 40 4.18 4.93 0.50 52 44 26103e3 66103e3 10 000 30 x 30 3.65 4.31 0.50 64 55 36103e3 76103e3 12 000 30 x 35 4.19 4.94 0.60 53 46 36123e3 76123e3 15 000 30 x 40 4.66 5.50 0.75 45 39 36153e3 76153e3 18 000 35 x 35 4.36 5.14 0.90 51 43 46183e3 86183e3 22 000 30 x 50 5.52 6.51 1.10 35 31 36223e3 76223e3 22 000 35 x 40 4.83 5.70 1.10 44 37 46223e3 86223e3 27 000 35 x 45 5.24 6.18 1.35 39 33 46273e3 86273e3 33 000 35 x 50 5.32 6.27 1.65 36 31 46333e3 86333e3
158 pul-si www.vishay.com vishay bccomponents revision: 11-oct-13 5 document number: 28375 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 40 2200 22 x 25 2.17 2.65 0.18 131 100 17222e3 57222e3 3300 22 x 30 2.73 3.33 0.27 91 70 17332e3 57332e3 3900 22 x 35 3.12 3.81 0.32 77 59 17392e3 57392e3 3900 25 x 30 3.02 3.68 0.32 83 65 27392e3 67392e3 4700 22 x 40 3.52 4.29 0.38 65 51 17472e3 57472e3 5600 25 x 35 3.53 4.31 0.45 63 51 27562e3 67562e3 6800 30 x 30 3.39 4.14 0.55 69 56 37682e3 77682e3 8200 25 x 50 4.72 5.76 0.66 44 36 27822e3 67822e3 8200 30 x 35 3.90 4.76 0.66 57 47 37822e3 77822e3 10 000 30 x 40 4.36 5.32 0.80 48 40 37103e3 77103e3 12 000 35 x 35 4.00 4.88 0.96 56 45 47123e3 87123e3 15 000 35 x 45 4.99 6.09 1.20 42 35 47153e3 87153e3 18 000 35 x 50 5.36 6.54 1.44 38 31 47183e3 87183e3 50 1500 22 x 25 1.99 2.43 0.15 148 102 11152e3 51152e3 2200 22 x 30 2.50 3.05 0.22 104 73 11222e3 51222e3 2700 22 x 35 2.88 3.51 0.27 85 60 11272e3 51272e3 2700 25 x 30 2.81 3.43 0.27 91 66 21272e3 61272e3 3300 22 x 40 3.27 3.99 0.33 71 51 11332e3 51332e3 3300 25 x 35 3.23 3.94 0.33 75 55 21332e3 61332e3 3900 25 x 40 3.62 4.42 0.39 64 47 21392e3 61392e3 4700 30 x 30 3.24 3.95 0.47 74 57 31472e3 71472e3 5600 25 x 50 4.43 5.40 0.56 48 36 21562e3 61562e3 5600 30 x 35 3.73 4.55 0.56 61 47 31562e3 71562e3 6800 30 x 40 4.17 5.09 0.68 52 41 31682e3 71682e3 8200 35 x 35 3.88 4.73 0.82 61 46 41822e3 81822e3 10 000 35 x 40 4.33 5.28 1.00 52 40 41103e3 81103e3 12 000 35 x 45 4.72 5.76 1.20 46 35 41123e3 81123e3 63 1200 22 x 25 2.07 2.53 0.16 137 100 18122e3 58122e3 1500 22 x 30 2.49 3.04 0.19 107 78 18152e3 58152e3 2200 22 x 35 3.00 3.66 0.26 79 58 18222e3 58222e3 2200 25 x 30 2.90 3.54 0.28 85 64 28222e3 68222e3 2700 25 x 35 3.34 4.07 0.34 70 53 28272e3 68272e3 3300 25 x 40 3.76 4.59 0.42 59 45 28332e3 68332e3 3300 30 x 30 3.28 4.00 0.42 74 58 38332e3 78332e3 3900 30 x 35 3.77 4.60 0.50 61 48 38392e3 78392e3 4700 30 x 40 4.22 5.15 0.60 52 41 38472e3 78472e3 5600 35 x 35 3.97 4.84 0.71 59 47 48562e3 88562e3 6800 30 x 50 5.04 6.15 0.86 40 33 38682e3 78682e3 6800 35 x 40 4.42 5.39 0.86 51 40 48682e3 88682e3 8200 35 x 45 4.82 5.88 1.04 45 35 48822e3 88822e3 10 000 35 x 50 5.17 6.31 1.26 40 32 48103e3 88103e3 electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) i r 100 hz 105 c (a) i r 10 khz 105 c (a) i l5 5 min (ma) max. esr 100 hz (1) (m ? ) max. z 10 khz (m ? ) ordering code mal2158....... 2-term. 3-term.
158 pul-si www.vishay.com vishay bccomponents revision: 11-oct-13 6 document number: 28375 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 80 820 22 x 25 1.44 1.76 0.14 422 397 12821e3 52821e3 1200 22 x 30 1.82 2.22 0.20 291 274 12122e3 52122e3 1500 22 x 35 2.12 2.59 0.24 234 221 12152e3 52152e3 1500 25 x 30 2.10 2.56 0.24 240 228 22152e3 62152e3 1800 25 x 35 2.41 2.94 0.29 201 189 22182e3 62182e3 2200 25 x 40 2.74 3.34 0.36 166 156 22222e3 62222e3 2200 30 x 30 2.55 3.11 0.36 180 172 32222e3 72222e3 2700 30 x 35 2.93 3.57 0.44 147 141 32272e3 72272e3 3300 25 x 50 3.46 4.22 0.53 114 109 22332e3 62332e3 3900 30 x 40 3.39 4.14 0.63 110 106 32392e3 72392e3 4700 35 x 35 3.29 4.01 0.76 110 107 42472e3 82472e3 5600 35 x 40 3.69 4.50 0.90 93 90 42562e3 82562e3 6800 35 x 50 4.43 5.40 1.09 75 71 42682e3 82682e3 100 560 22 x 25 1.33 1.62 0.12 461 412 19561e3 59561e3 820 22 x 30 1.69 2.06 0.17 318 284 19821e3 59821e3 1000 22 x 35 1.95 2.38 0.20 261 234 19102e3 59102e3 1000 25 x 30 1.95 2.38 0.20 267 240 29102e3 69102e3 1200 25 x 35 2.23 2.72 0.24 223 200 29122e3 69122e3 1500 25 x 40 2.56 3.12 0.30 180 162 29152e3 69152e3 1800 30 x 30 2.49 3.04 0.36 172 158 39182e3 79182e3 2200 30 x 35 2.87 3.50 0.44 141 129 39222e3 79222e3 2700 30 x 40 3.24 3.95 0.54 117 108 39272e3 79272e3 3300 30 x 50 3.87 4.72 0.66 94 87 39332e3 79332e3 3300 35 x 35 3.19 3.89 0.66 115 107 49332e3 89332e3 3900 35 x 40 3.58 4.37 0.78 98 91 49392e3 89392e3 4700 35 x 50 4.29 5.23 0.94 78 73 49472e3 89472e3 additional electrical data parameter conditions value voltage surge voltage u s = 1.15 x u r reverse voltage u rev ? 1 v current leakage current after 1 min at u r i l1 ? 0.006 c r x u r + 4 a after 5 min at u r i l5 ? 0.002 c r x u r + 4 a inductance equivalent series inductance (esl) all case sizes typ. 19 nh max. 25 nh electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) i r 100 hz 105 c (a) i r 10 khz 105 c (a) i l5 5 min (ma) max. esr 100 hz (1) (m ? ) max. z 10 khz (m ? ) ordering code mal2158....... 2-term. 3-term.
158 pul-si www.vishay.com vishay bccomponents revision: 11-oct-13 7 document number: 28375 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ripple current and useful life fig. 6 - multiplier of useful life as a function of ambient temperature and ripple current load table 3 multiplier of ripple current (i r ) as a function of frequency frequency (hz) i r multiplier u r = 16 v to 25 v u r = 40 v to 100 v 50 0.93 0.91 100 1.00 1.00 200 1.04 1.05 400 1.07 1.09 1000 1.11 1.13 2000 1.13 1.15 4000 1.15 1.18 ?? 10 000 1.18 1.22 1.3 1.2 1.1 1.0 0.8 0.5 0.0 40 50 60 70 80 90 t amb (c) i a i r m g a454 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 (1) 2.4 2.5 2.6 2.7 100 110 2 7 life multiplier 1 1.2 1.5 2.5 3 4 5 10 15 20 30 40 60 100 150 200 300 400 600 i a = actual ripple current at 100 hz i r = rated ripple current at 100 hz and 105 c (1) u s eful life at 105 c and i r applied: 5000 h
158 pul-si www.vishay.com vishay bccomponents revision: 11-oct-13 8 document number: 28375 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 4 test procedures and requirements test procedure (quick reference) requirements name of test reference endurance iec 60384-4/ ? en130300 ? subclause 4.13 t amb = 105 c; u r applied; ? 2000 h ? c/c: 15 % esr ? 1.3 x spec. limit z ? 2 x spec. limit i l5 ? spec. limit useful life cecc 30301 ? subclause 1.8.1 t amb = 105 c; u r and i r applied; ? 5000 h ? c/c: 20 % esr ?? 3 x spec. limit z ? 3 x spec. limit i l5 ? spec. limit no short or open circuit, ? no visible damage total failure percentage: u r : ??? 1 % shelf life ? (storage at ? high temperature) iec 60384-4/ ? en130300 ? subclause 4.17 t amb = 105 c; no voltage applied; ? 500 h after test: u r to be applied for 30 min, ? 24 h to 48 h befo re measurement ? c/c: 15 % esr ?? 1.5 x spec. limit i l5 ? 2 x spec. limit
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of 158PULSI-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X