Part Number Hot Search : 
VA4ASG 78R33 B1524 MPSW6306 P1300 MS2472 MPSW6306 C3216X7
Product Description
Full Text Search
 

To Download ZUMT850B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot323 npn silicon planar general purpose transistor issue 1 - december 1998 partmarking detail: ZUMT850B - t1b zumt850c - t21 absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo 50 v collector-emitter voltage v ces 50 v collector-emitter voltage v ceo 45 v emitter-base voltage v ebo 5v continuous collector current i c 100 ma peak pulse current i em 200 ma base current i bm 200 ma power dissipation at t amb =25c p tot 330 mw operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. typ. max. unit conditions. collector cut-off current i cbo 15 5 na m a v cb = 30v v cb = 30v, t amb =150c collector-emitter saturation voltage v ce(sat) 90 250 mv i c = 10ma, i b =0.5ma 200 600 mv i c =100ma, i b =5ma 300 600 mv i c =10ma* base-emitter saturation voltage v be(sat) 700 900 mv i c =10ma ,i b =0.5ma i c =100ma,i b =5ma base-emitter voltage v be 580 660 700 770 mv i c =2ma, v ce =5v i c =10ma, v ce =5v * collector-emitter saturation voltage at i c = 10ma for the characteristics going through the operating point i c = 11ma, v ce = 1v at constant base current. ZUMT850B zumt850c
typical characteristics
electrical characteristics (continued) parameter symbol min. typ. max. unit conditions. noise figure n - 1 4 db v cb = 5v, i c =200 m a, r g =2k w , f=1khz, d f=200hz C1.43db v cb =5v, i c =200 m a, r g =2k w , f=30hz to 15khz at -3db points equivalent noise voltage e n C C 135 nv v cb = 5v, i c =200 m a, r g =2k w , f=10hz to 50hz at -3db points dynamic characteristics group b h ie 3.2 4.5 8.5 k w v ce =5v ic=2ma f=1khz group c 68.715 k w group b h re 2 x10 -4 group c 3 x10 -4 group b h fe 240 330 500 group c 450 600 900 group b h oe C30 60 m s group c C 60 110 m s static forward current ratio group b h fe 150 i c =0.01ma,v ce =5v 220 290 450 i c =2ma, v ce =5v CCC i c =100ma,v ce =5v group c h fe 270 i c =0.01ma, v ce =5v 420 500 800 i c =2ma, v ce =5v CCC i c =100ma,v ce =5v transition frequency f t C 300 C mhz i c =10ma,v ce =5v f=100mhz collector-base capacitance c obo 2.5 4.5 pf v cb =10v, f=1mhz ZUMT850B zumt850c


▲Up To Search▲   

 
Price & Availability of ZUMT850B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X