Part Number Hot Search : 
B0023382 HB13331 P12N5 THV15 MK325 GL05T11 6B10V SS131
Product Description
Full Text Search
 

To Download TPC1XGKZRI00020G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s0260 rev.02. (web) 2014-01-08 absolute maximum ratings features product description pb tpc1xgkzrxg parameter symbol minimum maximum units storage temperature range t st - 40 + 85 c operating case temperature 1 commercial t op - 5 + 70 c extended - 5 + 85 industrial - 40 + 85 operating relative humidity 2 rh 0 85 % supply voltage range v cc - 0.5 + 3.6 v input optical power (damage threshold) p in,damage - 0 dbm 1 measured on top side of sfp+ module at the front center vent hole of the cage. 2 non condensing cwdm 70km sfp+ transceivers ? temperature-stablized cwdm eml transmitter ? transmission distance up to 70km (sm fiber) ? low power consumption ? wide case operating temperature range ? compliant with sfp+ electrical msa sff-8431 ? compliant with sfp+ mechanical msa sff-8432 ? compliant with 10gbase-e specifcations ? digital diagnostics monitoring (ddm) through serial interface comply with sff-8472, rev. 10.4 ? rohs 6/6 compliant ? laser class 1 iec/cdrh compliant the tpc1xgkzrxg is an enhanced small form factor pluggable (sfp+) fber optic transceiver with digital diagnostics monitoring functionality (ddm). supporting ethernet and fiber channel standards makes it ideally suited for high capacity data-com and storage area network applications. ddm functionality (alarm and warning features) is integrated into the design via an i 2 c serial interface per the multi-source agreement (msa) sff-8472, rev. 10.4. each transceiver utilizes an electro absorption modulator integrated laser (eml) with an operating wavelength with selectable to itu-t standards covering cwdm grid wavelengths. the transceiver supports data rates ranging from 11.3gbps down to 8gbps. it provides an excellent solution for data transmission at cwdm wavelength over up to 70km single mode fber. the low power consumption and excellent emi performance enable system design with high port density. the product is rohs compliant and is designed and tested in accordance with industry safety standards. the transceiver is class i laser product per u.s. fda/cdrh and international iec- 60825 standards. the tpc1xgkzrxg transceiver connects to standard 20-pad sfp+ connectors for hot plug capability. this allows the system designer to make confguration changes or maintenance by simply plugging in diferent transceivers without removing the power supply from the host system. the transmitter and receiver data interfaces are internally ac-coupled. lv-ttl transmitter disable control input and loss of signal (los) output interfaces are also provided. the transceiver has bail-type latch, which ofers an easy and convenient way to release the modules. the transceiver operates from a single +3.3v power supply over an operating case temperature range of 5c to +70c (commercial), or -5c to +85c (extended) or -40c to +85c (industrial). the housing is made of metal for emi immunity.
tpc1xgkzrxg s0260 rev.02. (web) 2014-01-08 2 oplink communications, inc oplink communications, inc. date of manufacture: this product complies with 21 cfr 1040.10 and 1040.11 meets class i laser safety requirements laser safety: all transceivers are class i laser products per fda/cdrh and iec-60825 standards. they must be operated under specifed operating conditions. (over operating case temperature. v cc = 3.13 to 3.47v) eeiver erormane carateristis (over operating case temperature. v cc = 3.13 to 3.47v) transmitter erormane carateristis arameter mo inimum tpia aimum nits data rate b - 10.3125 - gb/s center wavelength 1 see ordering information table nm center wavelength tolerance - - 6.5 - + 6.5 nm average optical output power p avg 0 - + 4 dbm extinction ratio er 8.2 - - db relative intensity noise rin - - - 128 db/hz side mode suppression ratio smsr 30 - - db optical return loss tolerance - - - - 21 db optical output eye compliant with ieee 802.3ae parameter symbol minimum typical maximum units data rate b - 10.3125 - gb/s wavelength of operation 1450 - 1620 nm receiver sensitivity @ 10.3125gb/s 1471~1551nm p min bb - - - 23.0 dbm 1571~1611nm - - - 21.0 receiver sensitivity with 70km fber @ 10.3125gb/s 1471~1551nm p min fiber - - - 20.0 dbm 1571~1611nm - - - 18.0 maximum input power (10 -12 ber) p max - 8 - - dbm receiver refectance - - - - 27 db los hysteresis - 0.5 - - db los thresholds increasing light input p los+ - - - 25 dbm decreasing light input p los- - 38 - - note: the specifed characteristics are met within the recommended range of operation. unless otherwise noted typical data are quoted at nominal voltage and +25c ambient temperature.
s0260 rev.02. (web) 2014-01-08 3 tpc1xgkzrxg oplink communications, inc (over operating case temperature. v cc = 3.13 to 3.47v) transmitter electrical characteristics connector pin-out (over operating case temperature. v cc = 3.13 to 3.47v) (over operating case temperature. v cc = 3.13 to 3.47v) electrical power supply characteristics receiver electrical interface 11 12 13 14 15 16 17 18 19 20 10 9 8 7 6 5 4 3 2 1 v ee t td+ td - v ee t v cc t v cc r v ee r rd+ rd - v ee r v ee r rs1 rx_l os rs0 mod -abs scl sd a tx _d i sable tx _f au lt v ee t t ow ard h ost t ow ard b ezel parameter symbol minimum typical maximum units power supply voltage v cc 3.13 3.30 3.47 v dc common mode voltage v cm 0 - 3.6 v supply current i vcc - 365 - ma power consumption p w - 1.2 - w parameter symbol minimum typical maximum units diferential output impedance z d - 100 - diferential output swing v pp-diff 300 - 850 mv output rise and fall time (20% to 80%) t rh , t fh 28 - - ps output high voltage (los) 1 v oh v cc - 1.3 - v cc + 0.3 v output low voltage (los) 1 v ol 0 - 0.8 v 1 open collector compatible, 4.7k to 10k pull-up resistor to vcc (host supply voltage). parameter symbol minimum typical maximum units diferential input impedance z d - 100 - diferential input voltage swing v pp-diff 180 - 700 mv input high voltage (tx disable) 1 v ih 2.0 - v cc v input low voltage (tx disable) 1 v il 0 - 0.8 v output high voltage (tx fault) 2 v oh 2.0 - v cc + 0.3 v output low voltage (tx fault) 2 v ol 0 - 0.8 v 1 there is an internal 4.7k to 10k pull-up resistor to vcct. 2 open collector compatible, 4.7k to 10k pull-up resistor to vcc (host supply voltage). note: the specifed characteristics are met within the recommended range of operation. unless otherwise noted typical data are quoted at nominal voltage and +25c ambient temperature.
s0260 rev.02. (web) 2014-01-08 4 tpc1xgkzrxg oplink communications, inc application notes module pin description of sfp is indicated by the mod_abs pin and the 2-wrie serial interface. upon power up, the 2-wrie interface appears as nc (no connection), and mod_abs is ttl low. when the host system detects this condition, it activates the serial protocol (standard two-wire i 2 c serial interface) and generates the serial clock signal (scl). the positive edge clocks data into the eeprom segments of the device that are not write protected, and the negative edge clocks data from the device. the serial data signal (sda) is for serial data transfer. the host uses sda in conjunction with scl to mark the start and end of serial protocol activation. the supported monitoring functions are temperature, voltage, bias current, transmitter power, average receiver signal, all alarms and warnings, and software monitoring of tx fault/los. the device is internally calibrated. the data transfer protocol and the details of the mandatory and vendor specifc data structures are defned in the sfp msa, and sff-8472, rev. 10.4. power supply and grounding: the power supply line should be well-fltered. all power supply bypass capacitors should be as close to the transceiver module as possible. electrical interface: all signal interfaces are compliant with the sfp+ msa specifcation. the high speed data interface is differential ac-coupled internally and can be directly connected to a 3.3v serdes ic. all low speed control and sense output signals are open collector ttl compatible and should be pulled up with a 4.7k - 10k resistor on the host board. loss of signal (los): the loss of signal circuit monitors the level of the incoming optical signal and generates logic high when an insufcient photocurrent is produced. tx_fault: the output indicates low when the transmitter is operating normally and high with a laser fault including laser end-of-life. tx fault is an open collector/drain output and should be pulled up with a 4.7k - 10k resistor on the host board. tx_disable: when the tx disable pin is at logic high, the transmitter optical output is disabled. the laser is also disabled if this line is left foating, as it is pulled high inside the transceiver. serial identifcation and monitoring: the module defnition pin logic symbol description 1 - veet module transmitter ground 2 lvttl-o tx_fault module transmitter fault 3 lvttl-i tx_disable transmitter disable; turns of transmitter laser output 4 lvttl-i/o sda 2-wire serial interface data line 5 lvttl-i/o scl 2-wire serial interface clock 6 - mod-abs module defnition, grounded in the module 7 lvttl-i rs0 no function implemented 8 lvt tl-o rx_los receiver loss of signal indication 9 lvttl-i rs1 no function implemented 10 - veer module receiver ground 11 - veer module receiver ground 12 cml-o rd- receiver inverted data output 13 cml-o rd+ receiver non-inverted data output 14 - veer module receiver ground 15 - vccr module receiver 3.3v supply 16 - vcct module transmitter 3.3v supply 17 - veet module transmitter ground 18 cml-i td+ transmitter non-inverted data input 19 cml-i td- transmitter inverted data input 20 - veet module transmitter ground
s0260 rev.02. (web) 2014-01-08 5 tpc1xgkzrxg oplink communications, inc 50 line 50 line 50 line 50 line td+ td- rd+ rd- asic/ serdes + 4.7h 0.1f 22f 0.1f +3.3v +3.3v +3.3v scl, sda, mod_abs tx_fault +3.3v r r r sfp+ vccr rx_los + 4.7h 0.1f 22f 0.1f +3.3v vcct veet, veer r: 4.7k to 10k esd & electromagnetic compatibility communication is via a serial 2-wire serial interface. as described in the document sff-8472 (rev. 10.4) there are two distinct address spaces: interfacing the transceivers recommended electrical connections to transceiver are shown below. application schematics requirements standard status electro static discharge to the electrical pins (esd) eia/jesd22-a114-b mil-std 883c method 3015.7 exceeds requirements class 1b (>1000v) immunity to esd (housing, receptacle) ien 61000-4-2 exceeds requirements discharges ranging from 2kv to 15kv without damages to the transceiver electromagnetic emission (emi) fcc part 15, class b en 55022 class b cispr 22 exceeds requirements class b base address a0(hex) byte address content 0 C 95 serial transceiver id as defned in sfp msa 96 C 127 oplink specifc 128 C 255 reserved base address a2(hex) byte address content 0 - 55 alarm & warnings thresholds & limits 56 - 95 external calibration constants (not used) 96 C 119 values from real time diagnostic monitoring 120 C 127 not used 128 C 247 customer specifc, writable area 248 - 255 not used
6 tpc1xgkzrxg s0260 rev.02. (web) 2014-01-08 oplink communications, inc package outline dimensions in [inches] mm millimeters are the primary units. tolerances are in accordance with sff-8432 rev.5
7 s0260 rev.02. (web) 2014-01-08 46335 landing pkwy fremont, ca 94538 tel: (510) 933-7200 fax: (510) 933-7300 email: sales@oplink.com ? www.oplink.com tpc1xgkzrxg oplink communications, inc. reserves the right to make changes in equipment design or specifcations without notice. information supplied by oplink commu - nications, inc. is believed to be accurate and reliable. however, no responsibility is assumed by oplink communications, inc. for its use nor for any infringements of third parties, which may result from its use. no license is granted by implication or otherwise under any patent right of oplink communications, inc. ? 2014, oplink communications, inc. ordering information oplink can provide a remarkable range of customized optical solutions. for detail, please contact oplinks sales and marketing for your requirements and ordering information (510) 933-7200 or sales@oplink.com. model name operating temperature center wavelength latch color distance oplink part number tpc1xgkzrc00010g - 5c to +70c commercial 1471nm white 70km tpc1xgkzrc00020g - 5c to +70c commercial 1491nm white 70km tpc1xgkzrc00030g - 5c to +70c commercial 1511nm white 70km tpc1xgkzrc00040g - 5c to +70c commercial 1531nm white 70km tpc1xgkzrc00050g - 5c to +70c commercial 1551nm white 70km tpc1xgkzrc00060g - 5c to +70c commercial 1571nm white 70km tpc1xgkzrc00070g - 5c to +70c commercial 1591nm white 70km tpc1xgkzrc00080g - 5c to +70c commercial 1611nm white 70km tpc1xgkzre00010g - 5c to +85c extended 1471nm white 70km tpc1xgkzre00020g - 5c to +85c extended 1491nm white 70km tpc1xgkzre00030g - 5c to +85c extended 1511nm white 70km tpc1xgkzre00040g - 5c to +85c extended 1531nm white 70km tpc1xgkzre00050g - 5c to +85c extended 1551nm white 70km tpc1xgkzre00060g - 5c to +85c extended 1571nm white 70km tpc1xgkzre00070g - 5c to +85c extended 1591nm white 70km tpc1xgkzre00080g - 5c to +85c extended 1611nm white 70km tpc1xgkzri00010g - 40c to +85c industrial 1471nm white 70km TPC1XGKZRI00020G - 40c to +85c industrial 1491nm white 70km tpc1xgkzri00030g - 40c to +85c industrial 1511nm white 70km tpc1xgkzri00040g - 40c to +85c industrial 1531nm white 70km tpc1xgkzri00050g - 40c to +85c industrial 1551nm white 70km tpc1xgkzri00060g - 40c to +85c industrial 1571nm white 70km tpc1xgkzri00070g - 40c to +85c industrial 1591nm white 70km tpc1xgkzri00080g - 40c to +85c industrial 1611nm white 70km


▲Up To Search▲   

 
Price & Availability of TPC1XGKZRI00020G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X