Part Number Hot Search : 
74F109SC B7730 2SC3793 IRU1205 MX25L25 BU4093BF B772SS12 LT1587
Product Description
Full Text Search
 

To Download TLP202G-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tlp202g 2014-09-01 1 toshiba photocoupler photorelay tlp202g pc card modems pbx stb (set top boxes) measurement equipment the toshiba tlp202g consists of a ga llium arsenide infrared emitting diode optically coupled to a photo-mosfet in an 8-pin sop package. this photorelay has a characterist ic of high-withstanding voltage between output pins which enables tlp202g to be applied in hook relays and dial-pulse for modems and facsimiles. moreover, the tlp202g is used for pcmcia-compliant card modems because the maximum mounted height of sop package is as small as 2.1 mm. ? 8-pin sop (2.54sop8): height = 2.1 mm, pitch = 2.54 mm ? normally open (1-form-a) device ? peak off-state voltage: 350 v (min) ? trigger led current: 3 ma (max) ? on-state current: 110 ma (max) ? on-state resistance: 35 ? (max, t < 1 s) ? on-state resistance: 50 ? (max, continuous) ? isolation voltage: 1500 vrms (min) ? ul recognized: ul1557, file no.e67349 pin configuration (top view) unit: mm jedec D jeita D toshiba 11-10h1 weight: 0.2 g (typ.) 1 2 8 7 1, 3 : anode 2, 4 : cathode 5 : drain d1 6 : drain d2 7 : drain d3 8 : drain d4 3 4 6 5 start of commercial production 2001/12
tlp202g 2014-09-01 2 absolute maximum rating (ta = 25c) characteristics symbol rating unit led forward current i f 50 ma forward current derating (ta 25c) i f /c ? 0.5 ma/c reverse voltage v r 5 v junction temperature t j 125 c detector off-state output terminal voltage v off 350 v on-state current i on 110 ma forward current derating (ta 25c) i on /c ? 1.1 ma/c junction temperature t j 125 c storage temperature range t stg ? 55~125 c operating temperature range t opr ? 40~85 c lead soldering temperature (10 s) t sol 260 c isolation voltage (ac, 1 min, r.h. 60%) (note 1) bv s 1500 vrms note: using continuously under heavy loads (e.g. the ap plication of high temperature/current/voltage and the significant change in temperature, etc.) may cause this pr oduct to decrease in the reliability significantly even if the operating conditions (i.e. operat ing temperature/current/voltage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note 1: led pins are shorted together. de tector pins are also shorted together. recommended operating conditions characteristics symbol min typ. max unit supply voltage v dd ? ? 280 v forward current i f 5 10 25 ma on-state current i on ? ? 100 ma operating temperature t opr ? 20 ? 65 c note: recommended operating conditions are given as a design guideline to obtain expected performance of the device. additionally, each item is an independent guideline respectively. in developing designs using this product, please confirm specified characteristics shown in this document. electrical characteristics (ta = 25c) characteristics symbol test condition min typ. max unit led forward voltage v f i f = 10 ma 1.0 1.15 1.3 v reverse current i r v r = 5 v ? ? 10 a capacitance c t v = 0, f = 1 mhz ? 30 ? pf detector off-state current i off v off = 350 v ? ? 1 a capacitance c off v = 0, f = 1 mhz ? 30 ? pf
tlp202g 2014-09-01 3 coupled electrical characteristics (ta = 25c) characteristics symbol test condition min typ. max unit trigger led current i ft i on = 110 ma ? 1 3 ma return led current i fc i off = 100 a 0.1 ? ? ma on-state resistance r on i on = 110 ma, i f = 5 ma, t < 1 s ? 25 35 i on = 110 ma, i f = 5 ma ? 35 50 isolation characteristics (ta = 25c) characteristics symbol test condition min typ. max unit capacitance input to output c s v s = 0 v, f = 1 mhz ? 0.8 ? pf isolation resistance r s v s = 500 v, r.h. < = 10 10 10 14 ? isolation voltage bv s ac, 1 minute 1500 ? ? vrms ac, 1 second, in oil ? 3000 ? dc, 1 minute, in oil ? 3000 ? vdc switching characteristics (ta = 25c) characteristics symbol test condition min typ. max unit turn-on time t on r l = 200 v dd = 20 v, i f = 5 ma (note 2) ? 0.3 1 ms turn-off time t off ? 0.1 1 note 2: switching time test circuit 8 t off t on 10% 90% v out i f 1 v dd v out r l 7 2 i f
tlp202g 2014-09-01 4 ambient temperature ta (c) i f ? ta allowable forward current i f (ma) ambient temperature ta (c) i on ? ta allowable on-sate current i on (ma) forward voltage v f (v) i f ? v f forward current i f (ma) i on ? v on on-state current i on (ma) ambient temperature ta (c) r on ? ta on-state resistance r on ( ) ambient temperature ta (c) i ft ? ta trigger led current i ft (ma) on-state voltage v on (v) 0 ? 20 60 20 40 80 100 120 100 80 60 40 20 0 ta = 25c 0.6 0.8 1 1.2 1.6 1.8 1.4 100 30 10 3 1 0.3 0.1 i on = 110 ma i f = 5 ma t < 1 s 30 0 ? 20 0 20 40 80 100 60 10 20 40 50 i on = 110 ma t < 1 s 3 0 ? 20 0 20 40 80 100 60 1 2 4 5 ta = 25c i f = 5 ma ? 4 ? 3 ? 2 0 3 4 2 ? 200 ? 100 0 100 200 ? 1 1 0 ? 20 120 100 80 60 40 20 0 240 200 160 120 80 40
tlp202g 2014-09-01 5 ambient temperature ta (c) i off ? ta off-state current i off (na) ambient temperature ta (c) t on , t off ? ta switching time t on , t off ( s) input current i f (ma) t on , t off ? i f switching time t on , t off ( s) 1 3 10 30 100 300 10 30 100 300 1000 3000 ta = 25c v dd = 20 v r l = 200 t off t on v dd = 20 v r l = 200 i f = 5 ma 10 ? 20 3000 1000 300 100 30 0 20 40 60 80 100 t off t on ? 20 0 20 40 60 80 100 v off = 350 v 0.1 100 10 3 1 0.3 30
tlp202g 2014-09-01 6 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively "toshiba"), reserve the right to make changes to the in formation in this document, and related hardware, software a nd systems (collectively "product") without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba's written permission, reproduction is permissible only if reproduction is wit hout alteration/omission. ? though toshiba works continually to improve product's quality a nd reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid sit uations in which a malfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, customers mu st also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specificati ons, the data sheets and application notes for product and the precautions and condi tions set forth in the "toshiba semiconductor reliability handbook" and (b) the instructio ns for the application with which the product will be used with or for. customers are solely responsible for all aspects of their own product design or applications, including but not lim ited to (a) determining the appropriateness of the use of this product in such des ign or applications; (b) evaluating and dete rmining the applicability of any information contained in this document, or in charts, dia grams, programs, algorithms, sample application circuits, or any other refe renced documents; and (c) validating all operating paramete rs for such designs and applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted for use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact ( " unintended use " ). except for specific appl ications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment us ed in the aerospace industry, medical equipment, equipment used f or automobiles, trains, ships and other transportation, traffic si gnaling equipment, equipment used to control combustions or expl osions, safety devices, elevators and escalators, devices related to electric power, and e quipment used in finance-related fields. if you use product for unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? gaas (gallium arsenide) is used in product. gaas is harmful to humans if consumed or absorbed, whether in the form of dust or vapor. handle with care and do not break, cut, crush, grind, di ssolve chemically or otherwise expose gaas in product. ? do not use or otherwise make available product or related so ftware or technology for any m ilitary purposes, including without limitation, for the design, development, use, stockpil ing or manufacturing of nuclear, chemical, or biological weapons or missile technolog y products (mass destruction weapons). product and related soft ware and technology may be controlled under the applicable export laws and regulations including, without limitation, the j apanese foreign exchange and foreign trade law and the u.s. export administration regulations. export and re-ex port of product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. ? please contact your toshiba sales represent ative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TLP202G-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X