Part Number Hot Search : 
04008 HF120 800000 AV9155 H1G22 H1089NL SW625G AR509LT
Product Description
Full Text Search
 

To Download SRS1020-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file #e-326854 ? for surface mounted application ? ideal for automated pick & place ? low power loss, high efficiency ? high current capability, low vf ? epitaxial construction srs10xx d2pak 800 / 13" reel rn maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol srs 1020 srs 1030 srs 1040 srs 1050 srs 1060 srs 1090 srs 10100 srs 10150 unit v rrm 20 30 40 50 60 90 100 150 v v rms 14 21 28 35 42 63 70 105 v v dc 20 30 40 50 60 90 100 150 v i f(av) a cj pf r jc o c/w t j o c t stg o c srs1020 - srs10150 10.0amps. surface mount sc hottky barrier rectifiers d 2 pak features ? high reliability ? guard-ring for transient protection ? green compound with suffix "g" on packing code & prefix "g" on datecode mechanical data ? case: d 2 pak molded plastic ? epoxy: ul 94v-0 rate flame retardant ? terminals: pure tin plated, leads soldweable per mil-std-202, method 208 guaranteed ? polarity: as marked ? high temperature soldering guaranteed: 260 /10 seconds at terminals ? weight: 1.35 grams ordering information part no. package packing packing code green compound packing code rng note: "x" is device code from "20" thru "150". type number maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 10 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 120 a 10 - - maximum instantaneous forward voltage (note 1) @ 5 a v f 0.55 0.70 0.90 1.00 operating temperature range - 65 to + 125 - 65 to + 150 v maximum reverse current @ rated vr t a =25 t a =100 t a =125 i r 0.5 0.1 ma 15 storage temperature range - 55 to + 150 note 1: pulse test with pw=300 usec, 1% duty cycle note 2: measure at 1mhz and appliced reverse voltage of 4.0v d.c. version:h12 5 typical junction capacitance (note 2) 400 typical thermal resistance 2
version:h12 ratings and characteristic curves (srs1020 thru srs10150) 0 2 4 6 8 10 12 50 60 70 80 90 100 110 120 130 140 150 average forward a current (a) lead temperature ( o c) fig.1 forward current derating curve srs1020-1040 srs1050-10150 0 50 100 150 200 250 300 1 10 100 peak forward surge a current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current 0.01 0.1 1 10 0 20 40 60 80 100 120 140 instantaneous reverse a current (ma) percent of rated peak reverse voltage (%) fig. 4 typical reverse characteristics ta=25 100 1000 10000 0.1 1 10 100 capacitance (pf) reverse voltage (v) fig. 5 typical junction capacitance ta=25 f=1.0mhz vsig=50mvp-p 0.1 1 10 100 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 instantaneous forward a current (a) forward voltage (v) fig. 3 typical forward characterisrics srs1020-1040 srs1050-srs1060 srs1090-10100 srs10150 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance a ( /w) t-pulse duration(s) fig. 6 typical transient thermal impedance
tape & reel specification abcdngt max 0.5 0.5 min 0.5 +2.0;-0 max 13" 24mm 330 2 13 20.2 75 24.4 30.4 unit (mm) symbol a b c d e f g 7 1.1 3.5 16.9 9.5 2.5 reel size tape size suggested pad layout unit(mm) 10.8
dimensions min max min max a - 10.5 - 0.413 b 14.60 15.88 0.575 0.625 c 2.41 2.67 0.095 0.105 d 0.68 0.94 0.027 0.037 e 2.29 2.79 0.090 0.110 f 4.44 4.70 0.175 0.185 g 1.14 1.40 0.045 0.055 h 1.14 1.40 0.045 0.055 i 8.25 9.25 0.325 0.364 j 0.36 0.53 0.014 0.021 k 2.03 2.79 0.080 0.110 p/n = specific device code g = green compound yww = date code unit(inch) marking diagram dim. unit(mm)


▲Up To Search▲   

 
Price & Availability of SRS1020-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X