Part Number Hot Search : 
2SC245 MB6016 MBI6650 1212A 24D12 1755855 ELM701 UG6KB60
Product Description
Full Text Search
 

To Download SRF10100SLCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r sr 1 0 1 0 0 sl ct , sr f 1 0 1 0 0 sl ct , sr 1 0 1 0 0 sl d1 , sr 1 0 1 0 0 sl m1 super low vf schottky barrier rectifier reverse voltage - 100 volts forward current - 10.0amperes maximum ratings (ratings at 25 ! ambient temperature unless otherwise specified ) s e m i c o n d u c t o r jinan jingheng electronics co., ltd. http :// www.jingheng.cn 4 - 1 features mechanical data power pack metal silicon junction ,majority carrier conductionguard ring for overvoltage protection low power loss ,high efficiency high current capability ultra low forward voltage drop high forward surge capability high frequency operation meets msl level 1 ? per j-std-020 , lf max peak of 245 !? for to-263,252 package ? solder bath temperature 275 ! maximum,10s,per jesd22 - b10 ? for to - 220ab and ito - 220ab package ? component in accordance to rohs 2011 / 65 / eu p b p b r o h s c o m p l ia n t typical applications for use in low voltage ,high frequency inverters ,dc / dc converters , free wheeling ,and polarity protection applications case: jedec to-220ab 0 ito - 220ab 0 to - 263 0 to-252 molding compound meets ul94v-0 flammability rating terminals: lead solderable per j-std-002 and jesd22-b102 polarity: as marked mounting torque: 10 in-ibs maximum j f s r f 1 0 1 0 0 s l c t j f r 0 1 0 d 1 s 1 0 s l t o-220ab it o-220ab p i n 1 p i n 3 p i n 2 c a e s j f s r 1 0 1 0 0 s l c t 1 2 3 1 2 3 p i n 1 p i n 3 p i n 2 p i n 1 p i n 2 k h e at s i n k s r 1 0 1 0 0 s l c t s r f 1 0 1 0 0 s l c t s r 1 0 1 0 0 s l d 1 t o-263 p r i m a r y c h a r a c t e r i s t i c s if(av) vrrm ifsm vf at if = 5 . 0a ( 25 !? tj(max) 2 5a 100v 150a 150 ! 0 . 59v ir 10 ? a p a c k a g e t o - 2 2 0 a b , i t o - 2 2 0 a b , t o - 2 6 3 , t o - 2 5 2 d i o d e v a r i a t i o n s c o m m o n c a t h o d e f j s r 1 1 0 m 1 0 0 s l s r 1 0 1 0 0 s l m 1 t o-252 p i n 1 p i n 2 k h e at s i n k 1 1 2 2 k k maximum repetitive peak reverse voltage v rrm a a i f(av) i fsm ,t stg t j maximum average forward rectified current (see fig.1) operating junction and storage temperature range peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method at rated tl) 5.0 150 -55 to+150 ! 100 symbol unit sr10100slct, srf10100slct, sr10100sld1,sr10100slm1 parameter 10.0 per leg total device v i s o l a t i o n v o l t a g e ( i t o - 2 2 0 a b o n l y ) f r o m t e r m i n a l s t o h e a t s i n k t = 1 m i n v a c 1 5 0 0 v p e a k r e p e t i t i v e r e v e r s e c u r r e n t p e r d i o d e a t t p = 2 ? s 1 k h z i r r m 0 . 5 a
electrical characteristcs ? t a = 25 ! unless otherwise noted ) notes: 1.pulse test: 300 ? s pulse width,1% duty cycle 2.pulse test: pulse width "d 40ms thermal characteristcs ? t a = 25 ! unless otherwise noted ) jinan jingheng electronics co., ltd. 4 - 2 ra tings and characteristic of sr10100slct ,srf10100slct ,sr10100sld1,sr10100slm1 parameter test conditions symbol typ . max . unit i n s t a n e o u s f o r w a r d v o l t a g e i f = 5 . 0 a t a = 2 5 ! t a = 1 0 0 ! r e v e r s e c u r r e n t v r = 1 0 0 v t a = 2 5 ! t a = 1 0 0 ! v f i r 0 . 5 9 0 . 6 5 v 1 0 5 0 ? a ma 2 t y p i c a l j u n c t i o n c a p a c i t a n c e 4 v , 1 m h z c j pf 1 ) 2 ) t a = 1 2 5 ! t a = 1 2 5 ! 0 . 5 4 0 . 5 6 - 1 0 3 7 0 t a = 2 5 ! t a = 1 0 0 ! t a = 1 2 5 ! i f = 3 . 0 a 0 . 5 3 0 . 4 7 0 . 4 5 0 . 5 9 p e r l e g - - - p e r l e g availabale pack information package carton sizel w h ( mm ) quantity ( pcs / box ) box size l w h ( mm ) quantity ( box / carton ) p / t 565 225 1 70 1000 558 148 38 5 product code sr10100slct - to - 220ab 3.thermal resistance from junction to case typical thermal resistance r jc 2 . 5 ! /w 3 ) 4 . 5 p / t 565 225 1 70 1000 558 148 38 5 srf10100slct - ito - 220ab parameter symbol unit sr10100sl ct srf10100 slct sr10100sl d1 2 . 5 p / t sr10100sld1 - to - 263 565 225 1 70 1000 558 148 38 5 sr10100sl m1 2 . 5 p / t 565 225 1 70 4000 558 148 38 5 sr10100slm1 - to - 252 http :// www.jingheng.cn
0.01 0.01 0.1 10 1 100 200 0.1 1 0 25 50 75 100 125 150 50 10 0 20 0 40 60 80 100 1 10 100 0.1 0.2 0.3 0.4 0.5 0.8 0.7 0.6 0 20 40 60 80 100 120 150 0 4 . 0 6 . 0 8 . 0 10 . 0 2 .0 fig.1-forward current derating curve fig.2-maximum non-repetitive peak forward surge current fig.3-typical instantaneous forward characteristics fig.4-typical reverse characteristics a v e r a g e f o r w a r d c u r r e n t a m p e r e s i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) instantaneous forward voltage (v) percent of rated peak reverse voltage% number of cycles at 60hz case temperature ( ! ) t j =125 ! t j =125 ! pulse width=300 ? s 1% duty cycle t j =t j max 8.3ms single half sine-wave (jedec method) t j =25 ! resistive or inductive load fig.5-typical junction capacitance t j =100 ! t j =125 ! jinan jingheng electronics co., ltd. 4 - 3 reverse voltage. volts 0.1 1 10 100 100 4000 1000 j u n c t i o n c a p a c i t a n c e ( p f ) t j =25 ! t j =25 ! t j =100 ! t j =100 ! 1 4 0 s r 1 0 1 0 0 s l c t s r 1 0 1 0 0 s l d 1 s r 1 0 1 0 0 s l m 1 s r f 1 0 1 0 0 s l c t ra tings and characteristic of sr10100slct ,srf10100slct ,sr10100sld1,sr10100slm1 http :// www.jingheng.cn
dimensions in inches and (millimeters) t o-220ab 0.159(4.05) 0.105(2.67) 0.208(5.28) 0.037(0.94) 0.114(2.90) 0.161(4.10) 0.055(1.39) 0.185(4.70) 0.283(7.20) 0.560(14.22) 0.023(0.58) 0.138(3.50) 0.095(2.41) 0.192(4.88) 0.027(0.68) 0.102(2.60) 0.147(3.74) dia 0.045(1.14) 0.175(4.44) 0.244(6.20) 0.516(13.10) 0.014(0.35) 0.410(10.41) pin 0.390(9.91) 1 2 3 1.161(29.50) 1.106(28.10) 0.053(1.34) 0.047(1.20) 0.114(2.90) 0.098(2.50) it o-220ab 1.161(29.5) 0.177(4.50) 0.104(2.64) 0.029(0.73) 0.111(2.83) 0.140(3.55) 0.110(2.80) 0.187(4.75) 0.272(6.90) 0.551(14.00) 0.029(0.73) 1.083(27.5) 0.138(3.50) 0.096(2.44) 0.019(0.47) 0.101(2.57) 0.128(3.25) dia 0.102(2.60) 0.167(4.25) 0.256(6.50) 0.512(13.00) 0.019(0.47) pin 1 2 3 0.130(3.31) 0.11 1(2. 81) 0.056(1.43) 0.043(1.10) 0.410(10.41) 0.390(9.91) 0.067(1.70) 0.059(1.50) 0 . 1 9 0 ( 4 . 8 3 ) 1 2 k 0 . 3 8 0 ( 9 . 6 5 ) 0 . 4 2 0 ( 1 0 . 6 7 ) 0 . 2 4 5 ( 6 . 2 2 ) m i n 0 . 5 6 0 ( 1 4 . 2 2 ) 0 . 6 3 9 ( 1 6 . 2 2 ) 0 . 0 2 7 ( 0 . 6 9 ) 0 . 0 3 7 ( 0 . 9 4 ) 0 . 0 9 5 ( 2 . 4 1 ) 0 . 0 8 3 ( 2 . 1 0 ) 0 . 3 2 0 ( 8 . 1 3 ) 0 . 3 6 0 ( 9 . 1 4 ) 0 . 0 9 0 ( 2 . 2 9 ) 0 . 1 3 1 ( 3 . 3 2 ) 0 . 1 3 4 ( 3 . 4 0 ) 0 . 1 0 5 ( 2 . 6 7 ) 0 . 0 1 8 ( 0 . 4 6 ) 0 . 0 1 4 ( 0 . 3 5 ) 0 . 0 4 5 ( 1 . 1 4 ) 0 . 0 5 5 ( 1 . 4 0 ) 0 . 0 3 6 ( 0 . 9 2 ) 0 . 0 6 6 ( 1 . 6 8 ) 0 . 1 6 0 ( 4 . 0 6 ) 0 . 0 4 7 ( 1 . 2 0 ) 0 . 0 5 3 ( 1 . 3 4 ) pa c k a g e o u t l i n e d i m e n s i o n s jinan jingheng electronics co., ltd. 4 - 4 t o-263 1 2 k 0 . 2 6 5 ( 6 . 7 3 ) 0 . 2 4 4 ( 6 . 2 0 ) 0 . 4 0 3 ( 1 0 . 2 4 ) 0 . 3 5 4 ( 9 . 0 0 ) 0 . 2 4 5 ( 6 . 2 2 ) 0 . 2 2 0 ( 5 . 6 0 ) 0 . 0 2 6 ( 0 . 6 6 ) 0 . 0 1 8 ( 0 . 4 6 ) 0 . 2 1 5 ( 5 . 4 6 ) 0 . 2 0 5 ( 5 . 2 1 ) 0 . 1 0 4 ( 2 . 6 5 ) 0 . 0 8 5 ( 2 . 1 5 ) 0 . 0 2 3 ( 0 . 5 8 ) 0 . 0 1 7 ( 0 . 4 2 ) 0 . 0 5 0 ( 1 . 2 7 ) 0 . 0 3 5 ( 0 . 8 8 ) 0 . 0 2 3 ( 0 . 5 8 ) 0 . 0 1 7 ( 0 . 4 2 ) 0 . 0 3 9 ( 1 . 0 0 ) m i n . 0 . 0 8 4 ( 2 . 1 4 ) 0 . 0 9 4 ( 2 . 4 0 ) t o-252 0. 42 ( 10 . 67 ) min 0 . 5 6 0 ( 1 4 . 2 2 ) 0 . 6 3 9 ( 1 6 . 2 2 ) 0 . 0 9 5 ( 2 . 4 1 ) 0 . 0 8 3 ( 2 . 1 0 ) 0. 08 ( 1 . 032 ) min 0. 15 ( 3 . 81 ) min suggested pad layout ? t o-263 ? 0. 265 ( 6 . 73 ) min 0 . 0 9 4 ( 2 . 4 0 ) 0 . 0 8 4 ( 2 . 1 4 ) 0. 08 ( 1 . 032 ) min 0. 080 ( 2 . 00 ) min suggested pad layout ? t o-252 ? 0 . 3 5 4 ( 9 . 0 0 ) 0 . 4 0 3 ( 1 0 . 2 4 ) http :// www.jingheng.cn


▲Up To Search▲   

 
Price & Availability of SRF10100SLCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X