Part Number Hot Search : 
NTE5545 91MCE28 RMH1W 42500 AD831 SD120 91ER2KLF REF19
Product Description
Full Text Search
 

To Download SRF10100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10.0 amp schottky barrier rectifiers maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current fea tures mechanical da t a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 5.0a maximum dc reverse current t a=25 c at rated dc blocking voltage t a=100 c typical junction capacitance (note1) * low forward voltage drop * high current capability * high reliability * high surge current capability * epitaxial construction * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: lead solderable per mil-std-202, method 208 guranteed * polarity: as marked * mounting position: any srf1020ct thru SRF10100CT typical thermal resistance r q jc (note 2) notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance junction to case. vol t age range 20 to 100 volts current 10.0 amperes operating storage temperature range t stg temperature range t j ito-220(fully insulated) dimensions in inches and (millimeters) .412 .248 .122 (3.1) .189 (4.8) .158 .610 .550 .100 (2.54) .060 .035 .108 (10.5) (6.3) (4.0) (15.5) (14.0) (1.5) (0.9) (2.75) max. max. max. min. max. max. 3.4 max. hole thru f + pin 1 pin 3 pin 2 case max. max. .114(2.9) .098(2.5) 10.0 150 0.5 50 3.0 v v a a v ma ma pf units v 0.55 0.85 0.70 380 14 21 28 35 42 56 70 20 30 40 50 60 80 100 20 30 40 50 60 80 100 srf srf srf srf srf srf srf 1020ct 1030ct 1040ct 1050ct 1060ct 1080ct 10100ct -65 +150 -65 +150 c c c /w at tc=95 c 56
rating and characteristic curves (srf1020ct thru SRF10100CT) fig.1-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.3-maximum non-repetitive forward surge current 2 4 6 8 10 12 100 50 0 150 250 200 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method 0 case temperature,( c) p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 0.1 1.0 .01 10 50 i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 s r f 1 0 2 0 c t ~ s r f 1 0 4 0 c t s r f 1 0 5 0 c t ~ s r f 1 0 6 0 c t s r f 1 0 8 0 c t ~ s r f 1 0 1 0 0 c t tj=25 c fig.2-typical forward characteristics fig.4-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) 1000 1200 1400 800 600 400 200 0 .01 .05 .1 .5 1 5 10 50 100 fig.5 - typical reverse characteristics .1 1.0 10 100 r e v e r s e l e a k a g e c u r r e n t , ( m a ) percentage rated peak reverse vol tage 0 20 40 60 80 100 120 140 .01 tj=25 c tj=100 c 0 20 40 60 80 100 120 140 160 180 200 57


▲Up To Search▲   

 
Price & Availability of SRF10100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X