Part Number Hot Search : 
74CBTL TC74AC CD2003GB 1585155 MOC30 AG8100 SKIIP2 TC74LCX5
Product Description
Full Text Search
 

To Download SMP26A-M3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smp3v3 thru smp36a www.vishay.com vishay general semiconductor revision: 10-dec-13 1 document number: 88481 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 surface mount t rans z orb ? transient voltage suppressors typical applications use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ics, mosfet, signal lines of sensor units for consumer, computer, industrial, and telecommunication. features ? very low profile - typical height of 1.0 mm ? ideal for automated placement ? available in uni-directional ? 400 w peak pulse power capability with a 10/1000 s waveform ? excellent clamping capability ? very fast response time ? low incremental surge resistance ? meets msl level 1, per j-st d-020, lf maximum peak of 260 c ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 mechanical data case: do-220aa (smp) ? molding compound meets ul 94 v-0 flammability rating base p/n-m3 - halogen-fr ee, rohs-compliant, and commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 ? m3 suffix meets jesd 201 class 2 whisker test polarity: color band denotes cathode end ? ? notes (1) non-repetitive current pulse, per fig. 3 and derated above t a = 25 c per fig. 2 (2) mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pads to each terminal (3) pulse test: 300 s pulse width, 1 % duty cycle primary characteristics v br uni-directional 4.10 v to 44.2 v v wm 3.3 v to 36 v p ppm 400 w i fsm 40 a t j max. 150 c polarity uni-directional package do-220aa (smp) do-220aa ( s mp) e s mp ? s eries maximum ratings (t a = 25 c unless otherwise noted) parameter symbol value unit peak pulse power dissipa tion with a 10/1000 s waveform (fig. 1) (1)(2) p ppm 400 w peak pulse current with a 10/1000 s waveform (1) i ppm see table next page a peak forward surge current 10 ms single half sine-wave (2) i fsm 40 a maximum instantaneous forward voltage at 25 a (3) v f 2.5 v operating junction and st orage temperature range t j , t stg - 55 to + 150 c
smp3v3 thru smp36a www.vishay.com vishay general semiconductor revision: 10-dec-13 2 document number: 88481 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) v br measured after i t applied for 300 s, i t = square wave pulse or equivalent (2) surge current waveform per fi g. 3 and derate per fig. 2 (3) all terms and symbols are cons istent with ansi/ieee c62.35 notes (1) mounted on pcb with 5.0 mm x 5.0 mm copper pad areas attached to each terminal (2) mounted on minimum r ecommended pad layout electrical characteristics (t a = 25 c unless otherwise noted) device type device marking code breakdown voltage v br at i t (1) (v) test current i t (ma) stand-off voltage v wm (v) maximum reverse leakage at v wm i d (a) (3) maximum peak pulse surge current i ppm (a) (2) maximum clamping voltage at i ppm v c (v) min. max. smp3v3 ac 4.10 5.10 1.0 3.3 200 54.8 7.3 smp5.0a ae 6.40 7.07 10 5.0 150 43.5 9.2 smp6.0a ag 6.67 7.37 10 6.0 600 38.8 10.3 smp6.5a ak 7.22 7.98 10 6.5 100 35.7 11.2 smp7.0a am 7.78 8.60 10 7.0 50 33.3 12.0 smp7.5a an 8.33 9.21 1.0 7.5 50 31.0 12.9 smp8.0a ar 8.89 9.83 1.0 8.0 20 29.4 13.6 smp11a az 12.2 13.5 1.0 11 1.0 22.0 18.2 smp12a be 13.3 14.7 1.0 12 1.0 20.1 19.9 smp13a bg 14.4 15.9 1.0 13 1.0 18.6 21.5 smp14a bk 15.6 17.2 1.0 14 1.0 17.2 23.2 smp15a bm 16.7 18.5 1.0 15 1.0 16.4 24.4 smp16a bp 17.8 19.7 1.0 16 1.0 15.4 26.0 smp17a br 18.9 20.9 1.0 17 1.0 14.5 27.6 smp18a bt 20.0 22.1 1.0 18 1.0 13.7 29.2 smp20a bv 22.2 24.5 1.0 20 1.0 12.3 32.4 smp22a bx 24.4 26.9 1.0 22 1.0 11.3 35.5 smp24a bz 26.7 29.5 1.0 24 1.0 10.3 38.9 smp26a ce 28.9 31.9 1.0 26 1.0 9.5 42.1 smp28a cg 31.1 34.4 1.0 28 1.0 8.8 45.4 smp30a ck 33.3 36.8 1.0 30 1.0 8.3 48.4 smp33a cm 36.7 40.6 1.0 33 1.0 7.5 53.3 smp36a cp 40.0 44.2 1.0 36 1.0 6.9 58.1 thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol limit unit typical thermal resistance, junction to lead (1) r ? jl 50 c/w typical thermal resistance , junction to ambient (2) r ? ja 250 c/w ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode smp3v3-m3/84a 0.024 84a 3000 7" diameter plastic tape and reel smp3v3-m3/85a 0.024 85a 10 000 13" diameter plastic tape and reel smp11a-m3/84a 0.024 84a 3000 7" diameter plastic tape and reel smp11a-m3/85a 0.024 85a 10 000 13" diameter plastic tape and reel
smp3v3 thru smp36a www.vishay.com vishay general semiconductor revision: 10-dec-13 3 document number: 88481 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - peak pulse power rating curve fig. 2 - pulse derating curve fig. 3 - pulse waveform fig. 4 - typical junction capacitance fig. 5 - typical tran sient thermal impedance ? ? n on-repetitive p u lse waveform shown in fig. 3 t a = 25 c t d - p u lse width (s) 10 0.1 0.1 100 10 000 p ppm - peak p u lse power (kw) 1 1000 10 1 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas t j - initial temperat u re (c) 100 0 0 150 200 peak p u lse power (p pp ) of c u rrent (i pp ) derating in percentage (%) 25 175 50 50 75 25 125 100 75 t - time (ms) 150 0 04.0 i ppm - peak p u lse c u rrent, % i rsm 1.0 2.0 100 50 3.0 t d t r = 10 s half v al u e - i ppm i pp 2 10/1000 s waveform as defined by r.e.a. t j = 25 c p u lse width (t d ) is defined as the point where the peak c u rrent decays to 50 % of i ppm peak v al u e i ppm meas u red at zero bias meas u red at stand-off v oltage, v wm v wm - reverse stand-off v oltage ( v ) 10 000 10 1100 c j - j u nction capacitance (pf) 10 1000 100 t j = 25 c f = 1.0 mhz v sig = 50 m v p-p t - p u lse d u ration (s) 1000 0.1 0.001 1000 transient thermal impedance (c/w) 1 10 1 100 0.1 0.01 100 10
smp3v3 thru smp36a www.vishay.com vishay general semiconductor revision: 10-dec-13 4 document number: 88481 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package outline dimensions in inches (millimeters) 0.000 (0.00) 0.012 (0.30) 0.013 (0.35) 0.004 (0.10) 0.01 8 (0.45) 0.006 (0.15) 0.045 (1.15) 0.033 (0. 8 5) 0.036 (0.91) 0.024 (0.61) 0.016 (0.40) 0.032 (0. 8 0) 0.053 (1.35) 0.041 (1.05) 0.012 (0.30) ref. 0.105 (2.67) 0.025 (0.635) 0.100 (2.54) 0.030 (0.762) 0.050 (1.27) cathode band 0.142 (3.61) 0.126 (3.19) 0.15 8 (4.00) 0.146 (3.70) 0.0 8 6 (2.1 8 ) 0.074 (1. 88 ) 0.0 8 7 (2.20) 0.103 (2.60) do-220aa (smp)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of SMP26A-M3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X