Part Number Hot Search : 
D1707 CM7210 KMOC30 TLSH510 PIC16F7 OBH31010 LTC35 20B5T
Product Description
Full Text Search
 

To Download MUR420S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - glass passivated junction - ideal for automated placement - built-in strain relief - ultrafast recovery time for high efficiency - moisture sensitivity level: level 1, per j-std-020 - halogen-free according to iec 61249-2-21 definition - aec-q101 qualified molding compound, ul flammability classification rating 94v-0 packing code with suffix "g" means green compound (halogen-free) terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 2 whisker test v rrm v v rms v v dc v i f(av) a t rr ns c j pf r jc r ja t j o c t stg o c note 1: pulse test with pw=300 s, 1% duty cycle document number: ds_d1410073 version: b14 45 o c/w MUR420S thru mur460s taiwan semiconductor surface mount ultrafast power rectifiers features - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec unit mur460s mechanical data case: do-214ab (smc) do-214ab (smc) weight: 0.25 g (approximately) maximum ratings and electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 4 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 75 200 400 a maximum instantaneous forward voltage (note 1) @ 4 a, 25 o c @ 4 a, 150 o c v f v 0.875 0.710 1.25 1.05 8.5 maximum reverse current @ rated vr t j =25 o c t j =150 o c i r a maximum reverse recovery time (note 2) 5 150 10 250 25 50 typical thermal resistance note 3: measured at 1 mhz and applied reverse voltage of 4.0v dc MUR420S mur440s operating junction temperature range - 55 to +175 storage temperature range - 55 to +175 note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a typical junction capacitance (note 3) 65 600 140 280 420 200 400 600
creat by art part no. part no. mur460s (t a =25 o c unless otherwise noted) document number: ds_d1410073 version: b14 package smc note 1: "x" defines voltage from 200v (MUR420S) to 600v (mur460s) example mur460s r7 r7 mur460s r7g mur460s r7 g packing code suffix preferred part no. packing code packing code suffix mur4x0s (note 1) packing g 3,000 / 13" plastic reel 3,000 / 13" paper reel 850 / 7" plastic reel aec-q101 qualified green compound smc aec-q101 qualified description MUR420S thru mur460s taiwan semiconductor ratings and characteristics curves r6 smc m6 ordering information packing code r7 0 2 4 0 25 50 75 100 125 150 175 forward rectified current (a) case temperature ( o c) fig.1 maximum forward current derating curve resistive or inductive load with heatsink 0 25 50 75 100 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current 0.1 1 10 100 0 0.4 0.8 1.2 1.6 2 instantaneous forward current(a) instantaneous forward voltage (v) fig. 3 typical instantaneous forward characterstics t j =150 o c t j =25 o c mur460s 0.001 0.01 0.1 1 10 100 0 20406080100 instantaneous reverse current ( a) percent of rated peak reverse voltage (%) fig. 4 typical reverse characteristics t j =150 o c t j =25 o c
creat by art min max min max a 2.90 3.20 0.114 0.126 b 6.60 7.11 0.260 0.280 c 5.59 6.22 0.220 0.245 d 2.00 2.62 0.079 0.103 e 1.00 1.60 0.039 0.063 f 7.75 8.13 0.305 0.320 g 0.10 0.20 0.004 0.008 h 0.15 0.31 0.006 0.012 p/n = specific device code g = green compound yw = date code f = factory code document number: ds_d1410073 version: b14 e 9.4 0.370 marking diagram c 6.8 0.268 d 4.4 0.173 suggested pad layout symbol unit (mm) unit (inch) a 3.3 0.130 b 2.5 0.098 MUR420S thru mur460s taiwan semiconductor package outline dimensions dim. unit (mm) unit (inch) do-214ab (smc) 1 10 100 0.1 1 10 100 junction capacitance (pf) reverse voltage (v) fig. 5 typical junction capacitance f=1.0mhz vsig=50m vp-p
creat by art assumes no responsibility or liability for any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1410073 version: b14 MUR420S thru mur460s taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of MUR420S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X