Part Number Hot Search : 
0509S AC688 WM2631ID V16L25JI 2SJ137 C6707 66M010 WFU4N60
Product Description
Full Text Search
 

To Download LM7810J3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2011.12.02 page no. : 1/13 lm78xxj3 cystek product specification three terminal positive voltage regulators lm78xxj3 to-252ab to-252aa i g o i g o description the lm78xxj3 series of fixed voltage monolithic integrated circuit voltage regulators is designed for a wide range of applications. these applications include on-card regulation for eliminatio n of noise and distribution problems associated with single point regulation. each of these regulators can deliver up to 1a of output current. the internal current limiting and thermal s hutdown features of these regulators make them essentially immune to overload. features: ? 5v, 6v, 8v, 9v, 10v, 12v, 15v, 18v, 24v output voltage available ? internal short-circuit current limiting ? high power dissipation capability ? internal thermal overload protection ? no external components required ? output transistor safe area compensation ? rohs compliant package absolute maximum ratings (ta=25 c) parameter ratings unit lm7805~lm7818 35 input voltage lm7824 40 v output current 1 a operating junction temperature range -40 ~ +125 storage temperature range -55 ~ +125 thermal resistance, junction to ambient (r ja ) 125 /w thermal resistance, junction to case (r jc ) 12.5 /w
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2011.12.02 page no. : 2/13 lm78xxj3 cystek product specification ordering information device output voltage tolerance package shipping marking lm7805j3 a-rank 3% to-252 (pb-free) 2500 pcs / tape & reel 7805 lm7805j3 b-rank 5% to-252 (pb-free) 2500 pcs / tape & reel 7805 lm7806j3 a-rank 3% to-252 (pb-free) 2500 pcs / tape & reel 7806 lm7806j3 b-rank 5% to-252 (pb-free) 2500 pcs / tape & reel 7806 lm7808j3 a-rank 3% to-252 (pb-free) 2500 pcs / tape & reel 7808 lm7808j3 b-rank 5% to-252 (pb-free) 2500 pcs / tape & reel 7808 lm7809j3 a-rank 3% to-252 (pb-free) 2500 pcs / tape & reel 7809 lm7809j3 b-rank 5% to-252 (pb-free) 2500 pcs / tape & reel 7809 LM7810J3 a-rank 3% to-252 (pb-free) 2500 pcs / tape & reel 7810 LM7810J3 b-rank 5% to-252 (pb-free) 2500 pcs / tape & reel 7810 lm7812j3 a-rank 3% to-252 (pb-free) 2500 pcs / tape & reel 7812 lm7812j3 b-rank 5% to-252 (pb-free) 2500 pcs / tape & reel 7812 lm7815j3 a-rank 3% to-252 (pb-free) 2500 pcs / tape & reel 7815 lm7815j3 b-rank 5% to-252 (pb-free) 2500 pcs / tape & reel 7815 lm7818j3 a-rank 3% to-252 (pb-free) 2500 pcs / tape & reel 7818 lm7818j3 b-rank 5% to-252 (pb-free) 2500 pcs / tape & reel 7818 lm7824j3 a-rank 3% to-252 (pb-free) 2500 pcs / tape & reel 7824 lm7824j3 b-rank 5% to-252 (pb-free) 2500 pcs / tape & reel 7824
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2011.12.02 page no. : 3/13 lm78xxj3 cystek product specification typical application circuit block diagram vout vin c1 c2 note: c1 and c2 are required if regulator is located far from power supply filter and load, or oscillation may induced on the loop. lm78xx 1 2 3 0.33 f 0.1 f
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2011.12.02 page no. : 4/13 lm78xxj3 cystek product specification electrical characteristics lm7805 (tj=0~125 c, vin=10v, io=500ma, cin=0.33uf, c out=0.1uf, unless otherwise noted) symbol parameter min typ max conditions units a-rank(3%) 4.85 5.0 5.15 v o b-rank(5%) output voltage 4.75 - 5.25 vin=10v, io=500ma,tj=25 c 7.5v vin 20v, 5ma io 1a, pd 15w v - 3 50 7v vin 25v, tj=25 c vo line regulation - 1 25 8v vin 12v, tj=25 c mv - - 100 5ma io 1a, tj=25 c vo load regulation - - 50 250ma io 750ma, tj=25 c mv iq quiescent current - - 8 vin=10v, io=500ma, tj=25 c ma - - 0.5 5ma io 1a iq quiescent current change - - 1.3 7v vin 25v ma vn output noise voltage - 40 - 10hz f 100khz, tj=25 c v rr ripple rejection - 80 - 8v vin 18v, f=120hz, tj=25 c db vd dropout voltage - 2 - io=1a, tj=25 c v isc output short circuit current - 250 - vin=35v, tj=25 c ma ipk peak output current - 1.8 - tj=25 c a temperature stability - -0.6 vo / tj - io=5ma, 0 c tj 125 c mv/ lm7806 (tj=0~125 c, vin=11v, io=500ma, cin=0.33uf, cout=0.1uf, unless otherwise noted) symbol parameter min typ max conditions units a-rank(3%) 5.82 6.0 6.18 v o b-rank(5%) output voltage 5.70 - 6.30 vin=11v, io=500ma,tj=25 c 8v vin 21v, 5ma io 1a, pd 15w v - 3 60 8v vin 25v, tj=25 c vo line regulation - 1 25 9v vin 13v, tj=25 c mv - - 100 5ma io 1a, tj=25 c vo load regulation - - 50 250ma io 750ma, tj=25 c mv iq quiescent current - - 8 vin=11v, io=500ma, tj=25 c ma - - 0.5 5ma io 1a iq quiescent current change - - 1.3 8v vin 25v ma vn output noise voltage - 45 - 10hz f 100khz, tj=25 c v rr ripple rejection - 75 - 9v vin 19v, f=120hz, tj=25 c db vd dropout voltage - 2 - io=1a, tj=25 c v isc output short circuit current - 250 - vin=35v, tj=25 c ma ipk peak output current - 1.8 - tj=25 c a temperature stability - vo / tj -0.7 - io=5ma, 0 c tj 125 c mv/
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2011.12.02 page no. : 5/13 lm78xxj3 cystek product specification lm7808 (tj=0~125 c, vin=14v, io=500ma, cin=0.33uf, c out=0.1uf, unless otherwise noted) symbol parameter min typ max conditions units a-rank(3%) 7.76 8.0 8.24 v o b-rank(5%) output voltage 7.60 - 8.40 vin=14v, io=500ma,tj=25 c 10.5v vin 23v, 5ma io 1a, pd 15w v - 3 80 10.5v vin 25v, tj=25 c vo line regulation - 1 40 11v vin 17v, tj=25 c mv - - 100 5ma io 1a, tj=25 c vo load regulation - - 50 250ma io 750ma, tj=25 c mv iq quiescent current - - 8 vin=14v, io=500ma, tj=25 c ma - - 0.5 5ma io 1a iq quiescent current change - - 1.3 10.5v vin 25v ma vn output noise voltage - 58 - 10hz f 100khz, tj=25 c v rr ripple rejection - 72 - 11.5v vin 21.5v, f=120hz, tj=25 c db vd dropout voltage - 2 - io=1a, tj=25 c v isc output short circuit current - 250 - vin=35v, tj=25 c ma ipk peak output current - 1.8 - tj=25 c a vo / tj temperature stability - -0.9 - io=5ma, 0 c tj 125 c mv/ lm7809 (tj=0~125 c, vin=15v, io=500ma, cin=0.33uf, c out=0.1uf, unless otherwise noted) symbol parameter min typ max conditions units a-rank(3%) 8.73 9.0 9.27 v o b-rank(5%) output voltage 8.55 - 9.45 vin=15v, io=500ma,tj=25 c 11.5v vin 24v, 5ma io 1a, pd 15w v - 5 90 11.5v vin 25v, tj=25 c vo line regulation - 3 45 13v vin 19v, tj=25 c mv - - 100 5ma io 1a, tj=25 c vo load regulation - - 50 250ma io 750ma, tj=25 c mv iq quiescent current - - 8 vin=15v, io=500ma, tj=25 c ma - - 0.5 5ma io 1a iq quiescent current change - - 1.3 11.5v vin 26v ma vn output noise voltage - 58 - 10hz f 100khz, tj=25 c v rr ripple rejection - 72 - 12.5v vin 22.5v, f=120hz, tj=25 c db vd dropout voltage - 2 - io=1a, tj=25 c v isc output short circuit current - 250 - vin=35v, tj=25 c ma ipk peak output current - 1.8 - tj=25 c a vo / tj temperature stability - -1.1 - io=5ma, 0 c tj 125 c mv/
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2011.12.02 page no. : 6/13 lm78xxj3 cystek product specification lm7810 (tj=0~125 c, vin=16v, io=500ma, cin=0.33uf, c out=0.1uf, unless otherwise noted) symbol parameter min typ max conditions units a-rank(3%) 9.70 10.0 10.30 v o b-rank(5%) output voltage 9.50 - 10.50 vin=16v, io=500ma,tj=25 c 12.5v vin 25v, 5ma io 1a, pd 15w v - - 100 13v vin 25v, tj=25 c vo line regulation - - 50 14v vin 20v, tj=25 c mv - - 100 5ma io 1a, tj=25 c vo load regulation - - 50 250ma io 750ma, tj=25 c mv iq quiescent current - - 8 vin=16v, io=500ma, tj=25 c ma - - 0.5 5ma io 1a iq quiescent current change - - 1.0 12.5v vin 25v ma vn output noise voltage - 58 - 10hz f 100khz, tj=25 c v rr ripple rejection - 72 - 13v vin 23v, f=120hz, tj=25 c db vd dropout voltage - 2 - io=1a, tj=25 c v isc output short circuit current - 250 - vin=35v, tj=25 c ma ipk peak output current - 1.8 - tj=25 c a vo / tj temperature stability - -1.1 - io=5ma, 0 c tj 125 c mv/ lm7812 (tj=0~125 c, vin=19v, io=500ma, cin=0.33uf, c out=0.1uf, unless otherwise noted) symbol parameter min typ max conditions units a-rank(3%) 11.64 12.0 12.36 v o b-rank(5%) output voltage 11.40 - 12.60 vin=19v, io=500ma,tj=25 c 14.5v vin 27v, 5ma io 1a, pd 15w v - 10 120 14.5v vin 30v, tj=25 c vo line regulation - 3 60 16v vin 22v, tj=25 c mv - - 100 5ma io 1a, tj=25 c vo load regulation - - 60 250ma io 750ma, tj=25 c mv iq quiescent current - - 8 vin=19v, io=500ma, tj=25 c ma - - 0.5 5ma io 1a iq quiescent current change - - 1.3 14.5v vin 30v ma vn output noise voltage - 75 - 10hz f 100khz, tj=25 c v rr ripple rejection - 72 - 15v vin 25v, f=120hz, tj=25 c db vd dropout voltage - 2 - io=1a, tj=25 c v isc output short circuit current - 250 - vin=35v, tj=25 c ma ipk peak output current - 1.8 - tj=25 c a vo / tj temperature stability - -1.5 - io=5ma, 0 c tj 125 c mv/
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2011.12.02 page no. : 7/13 lm78xxj3 cystek product specification lm7815 (tj=0~125 c, vin=23v, io=500ma, cin=0.33uf, c out=0.1uf, unless otherwise noted) symbol parameter min typ max conditions units a-rank(3%) 14.55 15.0 15.45 v o b-rank(5%) output voltage 14.25 - 15.75 vin=23v, io=500ma,tj=25 c 17.5v vin 30v, 5ma io 1a, pd 15w v - - 150 17.5v vin 30v, tj=25 c vo line regulation - - 75 18.5v vin 30v, tj=25 c mv - - 150 5ma io 1a, tj=25 c vo load regulation - - 75 250ma io 750ma, tj=25 c mv iq quiescent current - - 8 vin=23v, io=500ma, tj=25 c ma - - 0.5 5ma io 1a iq quiescent current change - - 1.3 17.5v vin 30v ma vn output noise voltage - 90 - 10hz f 100khz, tj=25 c v rr ripple rejection - 70 - 18.5v vin 28.5v, f=120hz, tj=25 c db vd dropout voltage - 2 - io=1a, tj=25 c v isc output short circuit current - 250 - vin=35v, tj=25 c ma ipk peak output current - 1.8 - tj=25 c a vo / tj temperature stability - -1.8 - io=5ma, 0 c tj 125 c mv/ lm7818 (tj=0~125 c, vin=27v, io=500ma, cin=0.33uf, c out=0.1uf, unless otherwise noted) symbol parameter min typ max conditions units a-rank(3%) 17.46 18.0 18.54 v o b-rank(5%) output voltage 17.10 - 18.90 vin=27v, io=500ma,tj=25 c 21v vin 33v, 5ma io 1a, pd 15w v - - 180 21v vin 33v, tj=25 c vo line regulation - - 90 24v vin 30v, tj=25 c mv - - 180 5ma io 1a, tj=25 c vo load regulation - - 90 250ma io 750ma, tj=25 c mv iq quiescent current - - 8 vin=27v, io=500ma, tj=25 c ma - - 0.5 5ma io 1a iq quiescent current change - - 1.0 21v vin 33v ma vn output noise voltage - 110 - 10hz f 100khz, tj=25 c v rr ripple rejection - 69 - 22v vin 32v, f=120hz, tj=25 c db vd dropout voltage - 2 - io=1a, tj=25 c v isc output short circuit current - 250 - vin=35v, tj=25 c ma ipk peak output current - 1.8 - tj=25 c a vo / tj temperature stability - -2.2 - io=5ma, 0 c tj 125 c mv/
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2011.12.02 page no. : 8/13 lm78xxj3 cystek product specification lm7824 (tj=0~125 c, vin=33v, io=500ma, cin=0.33uf, c out=0.1uf, unless otherwise noted) symbol parameter min typ max conditions units a-rank(3%) 23.28 24.0 24.72 v o b-rank(5%) output voltage 22.80 - 25.20 vin=33v, io=500ma,tj=25 c 27v vin 38v, 5ma io 1a, pd 15w v - - 240 27v vin 38v, tj=25 c vo line regulation - - 120 30v vin 36v, tj=25 c mv - - 240 5ma io 1a, tj=25 c vo load regulation - - 120 250ma io 750ma, tj=25 c mv iq quiescent current - - 8 vin=33v, io=500ma, tj=25 c ma - - 0.5 5ma io 1a iq quiescent current change - - 1.0 28v vin 38v ma vn output noise voltage - 170 - 10hz f 100khz, tj=25 c v rr ripple rejection - 66 - 28v vin 38v, f=120hz, tj=25 c db vd dropout voltage - 2 - io=1a, tj=25 c v isc output short circuit current - 250 - vin=35v, tj=25 c ma ipk peak output current - 1.8 - tj=25 c a vo / tj temperature stability - -2.8 - io=5ma, 0 c tj 125 c mv/
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2011.12.02 page no. : 9/13 lm78xxj3 cystek product specification characteristic curves
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2011.12.02 page no. : 10/13 lm78xxj3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2011.12.02 page no. : 11/13 lm78xxj3 cystek product specification recommended wave soldering condition soldering time product peak temperature pb-free devices 5 +1/-1 seconds 260 +0/-5 c recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 217 c 60-150 seconds 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. 6 minutes max. time 25 c to peak temperature 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2011.12.02 page no. : 12/13 lm78xxj3 cystek product specification to-252ab dimension *: typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. marking: style: pin 1.vin 2.ground 3.vout 4.ground 3-lead to-252ab plastic surface mount package cystek package code: j3 device nam e date code out: 5v: 05 6v: 06 8v: 08 9v: 09 v: 10 v: 12 v: 15 v: 18 v: 24 78 4 v 10 12 15 18 24 min. max. a 0.087 0.094 2.200 2.400 e *0.091 *2.300 a1 0.000 0.005 0.000 0.127 e1 0.177 0.185 4.500 4.700 b 0.053 0.065 1.350 1.650 h 0.118 ref 3.000 ref b 0.020 0.028 0.500 0.700 k 0.197 ref 5.000 ref b1 0.028 0.035 0.700 0.900 l 0.374 0.390 9.500 9.900 c 0.017 0.023 0.430 0.580 l1 0. 100 0.114 2.550 2.900 c1 0.017 0.023 0.430 0.580 l2 0.055 0.070 1.400 1.780 d 0.250 0.262 6.350 6.650 l3 0.024 0.035 0.600 0.900 d1 0.205 0.213 5.200 5.400 p 0.028 ref 0.700 ref e 0.213 0.224 5.400 5.700 v 0.209 ref 5.300 ref notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead : pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0.
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2011.12.02 page no. : 13/13 lm78xxj3 cystek product specification to-252aa dimension 3-lead to-252aa plastic surface mount package cystek package code: j3 style: pin 1.vin 2.ground 3.vout 4.ground vout: 5v: 05 6v: 06 8v: 08 9v: 09 10v: 10 12v: 12 15v: 15 18v: 18 24v: 24 date code device name 78 1 2 3 4 marking: inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.087 0.094 2.200 2.400 e 0.086 0.094 2.186 2.386 a1 0.000 0.005 0.000 0.127 e1 0.172 0.188 4.372 4.772 b 0.039 0.048 0.990 1.210 h 0.163 ref 4.140 ref b 0.026 0.034 0.660 0.860 k 0.190 ref 4.830 ref b1 0.026 0.034 0.660 0.860 l 0.386 0.409 9.800 10.400 c 0.018 0.023 0.460 0.580 l1 0.114 ref 2.900 ref c1 0.018 0.023 0.460 0.580 l2 0.055 0.067 1.400 1.700 d 0.256 0.264 6.500 6.700 l3 0.024 0.039 0.600 1.000 d1 0.201 0.215 5.100 5.460 p 0.026 ref 0.650 ref e 0.236 0.244 6.000 6.200 v 0.211 ref 5.350 ref notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead : pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of LM7810J3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X