Part Number Hot Search : 
EPC1064V NE900175 MMBZ5 RT9605B NCE4614 RT9605B L36SA 40175
Product Description
Full Text Search
 

To Download LED40W-100-C0400-HL-XY-HV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  led-40w-hl-hv seriesC hazardous location, high voltage input drivers fixed output and dimmable switch mode led drivers constant current & constant voltage with isolation black magic thermal advantage? plastic housing electrical specifcations input voltage range: 347-480 vac nom. (312-528 v min/max) frequency: 50/60 hz nom. (47-63 hz min/max) power factor: >0.90 @ >60% load 347v, >80% load 480v inrush current: <30.0 amps max @ 480vac, full load, cold start 25oc input current: 0.14 amps typical @ 347vac, 60 hz, full load maximum power: 40w current accuracy: 3% over input line variation load regulation: 4% thd: <_ 20% @ any load, 347v/480v leakage current: 600 a typical hold up time: half cycle output protection: over-voltage, over-current, short circuit (auto recovery) environmental specifcations maximum case temp. 90c minimum starting temp: -30oc storage temperature: -40oc to +85oc humidity: 5% to 95% cooling: convection vibration frequency: 5 to 55 hz/2g, 30 minutes sound rating: class a mtbf @ 40oc: 482,000 hours at full load, per mil-217f notice 2 emc: fcc 47cfr part 15 class b compliant weight: 12.9 oz (364 g) constant current - product specifcations model number output current (ma 5%) output voltage range (vdc) max output power (w) typical effciency led40w-130-c0300 -hl-xy -hv 300 44-130 39.0 86% led40w-114-c0350 -hl-xy -hv 350 38-114 39.9 86% led40w-100-c0400 -hl-xy -hv 400 33-100 40 85% led40w-089-c0450 -hl-xy -hv 450 30-89 40 85% led40w-072-c0550 -hl-xy -hv 550 24-72 39.6 84% led40w-057-c0700 -hl-xy -hv 700 20-57 40 83% led40w-048-c0830 -hl-xy -hv 830 16-48 39.8 83% led40w-045-c0900 -hl-xy -hv 900 16-45 40 83% led40w-040-c1000 -hl-xy -hv 1000 13-40 40 82% led40w-036-c1100 -hl-xy -hv 1100 12-36 39.6 82% led40w-030-c1400 -hl-xy -hv 1400 10-30 42 82% led40w-024-c1670 -hl-xy -hv 1670 8-24 40 82% led40w-022-c1820 -hl-xy -hv 1820 7-22 40 82% led40w-018-c2200 -hl-xy -hv 2200 6-18 39.6 81% led40w-015-c2680 -hl-xy -hv 2680 5-15 40 81% led40w-013-c3080 -hl-xy -hv 3080 4-13 40 81% led40w-012-c3330 -hl-xy -hv 3330 4-12 40 81% led40w-010-c4000 -hl-xy -hv 4000 3-10 40 81% led40w-009-c4450 -hl-xy -hv 4450 3-9 40 80% constant voltage - product specifcations model number output voltage (vdc 5%) output current range (ma) max output power (w) typical effciency led40w-009 -hl-x-hv 9 1113-4450 40 82% led40w-010 -hl-x-hv 10 1000-4000 40 83% led40w-012 -hl-x-hv 12 825-3330 40 83% led40w-013 -hl-x-hv 13 770-3080 40 84% led40w-015 -hl-x-hv 15 670-2680 40 84% led40w-018 -hl-x-hv 18 550-2200 39.6 84% led40w-022 -hl-x-hv 22 455-1820 40 85% led40w-024 -hl-x-hv 24 418-1670 40 85% led40w-030 -hl-x-hv 30 350-1400 42 85% led40w-036 -hl-x-hv 36 275-1100 39.6 85% led40w-040 -hl-x-hv 40 250-1000 40 85% led40w-045 -hl-x-hv 45 225-900 40 85% led40w-048 -hl-x-hv 48 208-830 39.8 85% led40w-057 -hl-x-hv 57 175-700 40 85% led40w-072 -hl-x-hv 72 138-550 39.6 85% led40w-089 -hl-x-hv 89 113-450 40 86% led40w-100 -hl-x-hv 100 100-400 40 86% led40w-114 -hl-x-hv 114 75-350 39.9 86% led40w-130 -hl-x-hv 130 75-300 39.0 87% class 2: us/canada ordering options: -d: dimmable model dims 100-10%. two extra wires on the output side: +purple/-gray. it offers 0-10v & resistance dimming, compatible with most quality 0-10v dimmers. see page 3. -p: pwm dimmable version dims 100-10%. two extra wires on the output side: +purple/-gray. it is pwm dimmable via a positive duty cycle, 200hz to 1khz, 0-10v pulse. see page 4. -x indicates lead options. b for bottom leads, s for side leads. -y indicates dimming options are available. see options below. blank = fxed current output ? total power: 40 watts ? input voltage: 347-480 vac nom. ? ul dry & damp location rated ? ip66 ? high power factor ? ul type hl, with v5a case and internal thermal protection ? rated for hazardous locations rev 8-26-15 e332160 specifcations subject to change without notice. note: led drivers are designed and intended to operate led loads only. non-led loading may be outside the specifed design limits of our led drivers, and therefore cannot be covered by any warranty. if you desire to use our led drivers to operate non-led loads please contact us to discuss compatibility. thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com
pg 2 of 4 dimensions - inches (mm) ul conditions of acceptability see website for additional information 35% load pf power factor / load 60% 80% 100% 35% load thd thd / load 60% 80% 100% 347 v a c 480 v a c 347 v a c 480 v a c 0.60 0.70 0.65 0.75 0.90 0.85 0.80 0.95 1.00 0% 15% 10% 5% 20% 30% 25% 45 case hotspot temperature (c) lifetime (khrs) lifetime / case temperature 0 60 90 115 75 15 30 45 130 50 55 60 65 70 75 80 85 90 safety and emc compliance ul/cul ul8750, can/csa-c22.2 no. 250.13-12, ul1310 & can/csa-22.1 no. 223-m91 (for class 2), ul1012/cs-c22.2 no.107.1 (for non-class 2) c e en 61347-1, en 61347-2-13 fcc, 47cfr part 15 class b en 55015 en61000-3-2 > 80% rated power en61000-3-3 class c en61000-4-5 2kv/4kv typical efficiency / load 75% 70% 80% 85% 90% 95% normalized output voltage efficiency 35% 60% 80% 100% 347 v a c 480 v a c standard ?-by? bottom leads configuration : ?-sy? optional side leads configuration : 0.16 [ 4 ] 1.4 [ 35.6 ] 2.8 [ 71 ] 5.91 min [ 150 min ] 0.39 [ 10.0 ] 0.390.04 [ 101 ] 1.2 [ 30.5 ] 0.39 [ 10 ] 3.78 [ 96 ] 1.89 [ 48 ] tc = 90c max 5.91 min [ 150 min ] 1.18 [ 30 ] 0.390.04 [ 101 ] 0.2 [ 5 ] 0.14 [ 3.6 ] 0.16 [ 4 ] 1.4 [ 35.6 ] 2.8 [ 71 ] 5.91 min [ 150 min ] 0.39 [ 10.0 ] 0.390.04 [ 101 ] 1.2 [ 30.5 ] 0.39 [ 10 ] 3.78 [ 96 ] 1.89 [ 48 ] tc = 90c max 1.18 [ 30 ] 0.2 [ 5 ] 0.14 [ 3.6 ] ac in white (n) black (l) dimming purple (+) gray (-) dc out red (+) blue (-) ac in white (n) black (l) dimming purple (+) gray (-) dc out red (+) blue (-) wire specs: input leads: 18 awg, rated 600 v, 105c, min. output leads: 18 awg, rated 300 v, 105c, min. dimming leads: 22 awg, rated 300 v, 105c. all wires are stranded with solder dipped ends. led40w-hl-hv series note: life calculations are based on reliability with confdence using a 90% confdence level and <5% failure rate. at a confdence level of 90% it is expected that <5% of the parts will fail at the rated life provided. (failure is defned as a driver drifting outside specifcation, rather than fail to operate) thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?
pg 3 of 4 notes: 1. d dimmable version comes with an extra two wires on the output side: +purple/-gray. 2. compatible with most 0-10v dimmers. recommended dimmer is leviton ip710 or equivalent. 3. d & d3 dimmable versions are not intended to dim below about 5% @ 0v or 10% @ 1.0v. 4. output will be 100% with purple/gray open and minimum with purple/gray shorted. parameters minimum typical maximum source current out of 0-10v purple wire 0 ma - 2 ma absolute voltage range on 0-10v (+) purple wire -2.0 v - +15 v 0v 1v 2v 3v 4v 5v 6v 7v 8v 9v 10v purple-to-gray voltage ( v dc) o u t put c u rre n t / 0 - 1 0 v dc d i mmi ng control voltage 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 100 outpu t cu rr ent % dim (+) purple ip710 wall dimmer ?-d? typical dimming circuit led40w- xxx-cxxxx -hl-d-hv dim (-) gray (dimmer must be current-sink type control) -d option: 0-10vdc and resistance dimming led40w-hl-hv series thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?
pg 4 of 4 -p option: pwm dimming pwm in ?-p? pwm positive dimming typical circuit led40w-xx-cxxxx-hl-p-hv pwm (+) purple pwm (-) gray parameters minimum typical maximum absolute maximum voltage range on pwm input (purple wire) -2.0v 10v +15v input low level voltage range (purple wire) -2.0v 0v +5.5v input high level voltage range (purple wire) +9.0v 10v +15v sink current into pwm input (purple wire) 0ma - 1.2ma source current out of pwm input (purple wire) 0ma - 2ma pwm input signal frequency 500hz - 1500hz pwm input signal positive duty cycle 0% 10-90% 100% notes: 1. pd dimmable version comes with an extra 2 wires on the output side for pwm type dimming: +purple/-gray. 2. below 10% duty cycle proper dimming operation is not assured. unit is not intended to turn off at <10% duty cycle. 3. output will be 100% with purple/gray open and minimum with purple/gray shorted. 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% positive duty cycle o u t put c u rre n t / 1.0khz positive duty cycle 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 100 outpu t cu rr ent % led40w-hl-hv series thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?


▲Up To Search▲   

 
Price & Availability of LED40W-100-C0400-HL-XY-HV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X