Part Number Hot Search : 
SG3501AJ BUK7L06 B8555S FIAM2T21 7MBP75 6AT29 M54HC CY62138
Product Description
Full Text Search
 

To Download KBJ20D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features rating to 1000v prv ideal for printed circuit board low forward voltage drop, high current capability reliable low cost construction utilizing molded plastic technique results in inexpensive product the plastic material has ul fl ammability classification 94v-o g b j / k b j 2 0 a t h r u g b j / k b j 2 0 m c h e n g - y i c h e n g - y i el ec t r o n ic sil ico n br idg e re ct ifi er s gl as s pas siv ate d br idg e re ct ifi er s sil ico n br idg e re ct ifi er s gl as s pas siv ate d br idg e re ct ifi er s reverse volt age -50 to 1000 volts forward current -20.0 amperes gbj kbj 20a gbj kbj 20b gbj kbj 20d gbj kbj 20g gbj kbj 20j gbj kbj 20k gbj kbj 20m m a x i m u m r a t i n g s a n d e l e c t r i c a l c h a r a c t e r i s t i c s 0 r a t i n g a t 2 5 c a m b i e n t t e m p e r a t u r e u n l e s s o t h e r w i s e s p e c i f i e d . s i n g l e p h a s e , h a l f w a v e , 6 0 h z , r e s i s t i v e o r i n d u c t i v e l o a d . f o r c a p a c i t i v e l o a d , d e r a t e c u r r e n t b y 2 0 % . maximum average forward (with heatsink note 2) 0 t rectified current @ =100 c (without heatsink) c maximum recurrent peak reverse voltage v rrm v rms v dc i (av) i fsm v f t j t stg i r maximum rms voltage maximum dc blocking voltage operating temperature range storage temperature range peak forward surge current 8.3 ms single half sine-wavesuperimposed on rated load (jedec method) maximum forward voltage at 10.0a dc 0 t maximum dc reverse current @ =25 c j 0 t at rated dc blocking voltage @ =125 c j u n i t s 5 0 1 0 0 2 0 0 4 0 0 6 0 0 8 0 0 1 0 0 0 v v v a 2 a s 0 c 0 c / w 0 c a a v 3 5 7 0 1 4 0 2 8 0 4 2 0 5 6 0 7 0 0 5 0 1 0 0 2 0 0 4 0 0 1 0 5 0 0 - 5 5 t o + 1 5 0 - 5 5 t o + 1 5 0 2 0 . 0 2 4 0 1 . 0 5 6 0 0 8 0 0 1 0 0 0 2 i t rating for fusing (t<8.3ms) typical junction capacitance per element (note 1) typical thermal resistance (note 2) 2 it c j rj c 240 60 0.8 f p 3.6 notes: 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2. device mounted on 300mm x 300mm x 1.6mm cu plate heatsink. characteristics symbol 5.1 6 hike for no. 6 scres spacing
rating and characteristics curves gbj/kbj20a thru gbj/kbj20m c h e n g - y i c h e n g - y i el ec t r o n ic sil ico n br idg e re ct ifi er s gl as s pas siv ate d br idg e re ct ifi er s sil ico n br idg e re ct ifi er s gl as s pas siv ate d br idg e re ct ifi er s g b j / k b j 2 0 a t h r u g b j / k b j 2 0 m fig. 2 - maxim um no n-repe titive surge curr ent fig. 1 - forwa rd curr ent dera ting cur ve a v e r a g e f o r w a r d c u r r e n t a m p e r e s 0 case temperature, c 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 2 5 2 0 1 5 1 0 5 0 single phase half wave 60hz resistive or inductive load without heatsink with heatsink 1 2 5 1 0 2 0 5 0 1 0 0 3 0 0 2 0 0 1 0 0 0 number of cycl es at 60h z sin gle ha lf s ine -w av e (je de c m et ho d) fig. 5 - typical reverse characteristics percent of rated peak reverse vol tage, (%) p e a k f o r w a r d s u r g e c u r r e n t , a m p e r e s fig. 4 - typic al forward c haracteristic s instantaneous forward volt age, volts i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 1.0 1.0 4.0 10.0 100 10 100 0 t =2 5c, f= 1m hz j fig. 3 - typ ical j unctio n cap acit ance reverse voltage, vol ts c a p a c i t a n c e , ( p f ) 100 10 1.0 0.1 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 t =2 5c j pu ls e w id th :30 0 s 1000 100 10 1.0 0.1 0 20 40 60 80 100 0 t =1 25c j 0 t =5 0 c j 0 t =1 00c j 0 t =2 5 c j


▲Up To Search▲   

 
Price & Availability of KBJ20D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X