Part Number Hot Search : 
CM1962B IDTQS3 15420 P5616 C1206 HE871 LFPHV001 16100
Product Description
Full Text Search
 

To Download IL311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data high performance voltage comparators IL311 ordering information IL311n pl ast i c IL311d soic t a = -45 c to 8 5 c for all packages logic diagram input pol ari t y i s reversed when gnd pi n i s used as an out put . pin assignment maximum ratings s y m b o l p a r a m e t e r v a l u e u n i t v cc + ? v ee ? tot a l suppl y vol t a ge 36 v v o - v ee out put t o negat i v e suppl y vol t a ge 40 v v ee ground t o negat i v e suppl y vol t a ge 30 v v id input di fferent i a l vol t a ge 30 v v in input vol t a ge (not e) 15 v - vol t a ge at st robe pi n v cc to v cc - 5 v p d 1/ ja power dissipation and therm a l characteristics plastic dual in-line packages derat e above t a =+25 c 625 5.0 mw mw / c t j(m a x) operat i ng junct i on tem p erat ure +150 c tst g st orage tem p erat ure r a nge -60 t o +150 c no te: th is ratin g ap p lies fo r 15 volt supplies. the positive input voltage lim it is 30 volts above the negative supply. the negative input voltage lim it is equal to the negativ e supply voltage or 30 volts below the positive supply, wh ich e v e r is less. 1
IL311 recommended operating conditions s y m b o l p a r a m e t e r m i n m a x u n i t v cc + ? v ee ? tot a l suppl y vol t a ge 30 v t a operating tem p erature, all package types - 45 +85 c electrical characteristics (v cc =+15 v, v ee = -15 v, t a =+25 c unl ess ot herwi s e not ed [not e 1] ) symbol parameter test conditions guaranteed limits unit m i n m a x v io input offset vol t a ge (not e 2) r s 50 k ? , t a = +25 c r s 50 k ? , -45 c t a 85 c 7 . 5 10 mv i io input offset c u rrent (not e 2) t a = +25 c -45 c t a 85 c 5 0 100 na i ib input b i as c u rrent t a = +25 c t a = -45 c t a = +85 c 2 5 0 375 500 na a v vol t a ge gai n 150000 t dlh propagat i on del a y ti m e 300 ns v ds satu ratio n vo ltag e t a = +25 c v id -10 m v , i o =50 m a 1 . 5 v v ir input vol t a ge r a nge -14.5 13.0 v i cc positive supply current +7.5 m a i ee negat i v e suppl y c u rrent -5.0 m a notes: 1. offset vol t a ge, offset current and bi as current speci fi ca t i ons appl y for a suppl y vol t a ge range from a si ngl e 5.0 vol t suppl y up t o 15 vol t suppl i e s. 2. the offset vol t a ges and offset current s gi ven are t h e m a xi m u m val u es requi red t o dri v e t h e out put wi t h i n a vol t of either supply with a 1.0 m a load. thus, these param e ters define an error band and take into account the ?worst case? effect s of vol t a ge gai n and i nput i m pedance. 2
IL311 n s u f f i x p l as t i c di p ( m s ? 00 1b a ) sy m b o l m i n m a x a 8. 51 10. 16 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a a) sy m b o l m i n m a x a 4. 8 5 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 1. 27 5. 72 d i me n s i o n , mm d i me n s i o n , mm 2. 54 7. 62 a b h c k c m j f m p g d r x 4 5 se a t i n g pl a n e 0 . 25 (0 . 0 10 ) m t -t - 1 8 4 5 l h m j a b f g d se a t i n g pl a n e n k 0 . 2 5 ( 0 .01 0 ) m t -t - c 1 8 4 5 3


▲Up To Search▲   

 
Price & Availability of IL311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X